Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

009159002502906 Datasheet(PDF) 1 Page - AVX Corporation

Part # 009159002502906
Description  Inverted Thru Board Card Edge: BTB
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

009159002502906 Datasheet(HTML) 1 Page - AVX Corporation

  009159002502906 Datasheet HTML 1Page - AVX Corporation 009159002502906 Datasheet HTML 2Page - AVX Corporation 009159002502906 Datasheet HTML 3Page - AVX Corporation 009159002502906 Datasheet HTML 4Page - AVX Corporation 009159002502906 Datasheet HTML 5Page - AVX Corporation 009159002502906 Datasheet HTML 6Page - AVX Corporation 009159002502906 Datasheet HTML 7Page - AVX Corporation 009159002502906 Datasheet HTML 8Page - AVX Corporation 009159002502906 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
CONNECT
INTERCONNECT
INTER
Inverted Thru Board Card Edge: BTB
00-9159
AVX has developed the 1-Piece bottom entry card edge connector to
allow a perpendicular PCB to be mated to a top mounted main FR4 or
metal core PCB from the bottom side. The most popular application on
the market is in the LED bulb market where the FR4 driver card needs to
mate to the top pads on a metal core LED board. A unique design
feature of the AVX connector is that it allows for both a 1.6mm and
0.8mm mating PCB thickness, giving designers flexibility in their PCB
layout and selection. The additional “Anti-Touch” cap can be ordered
pre-assembled onto the connector or separately. This component
protects an individual for electrical contact if the lens comes off or the
bulb is broken. This is a UL mandated safety requirement.
The connectors offer a range of 2 positions to 6 positions in order to add
additional functionality in the application design such as color control or
specific control lines. The connector is UL rated with halogen free
material and capable of operating temperatures up to 120ºC.
9159
Series
00
Prefix
00X
Number of Ways
HOW TO ORDER
9
Insulator Color
50X
Single Part PCB
Strip Connector
501 = Through The Board,
Edge Card, No Cap
502 = Through The Board,
Edge Card, Cap Fitted
Code Color
Application
9
White
UL Approved
Standard
Code
No of
Details
Ways
002
2
Page 2
003
3
Page 3
004
4
Page 4
005
5
Page 5
006
6
Page 6
06
Plating Option
06 = Gold Plating on Nose
with Tin on Tails
ELECTRICAL
• Current Rating: 2 Amps / Contact
• Voltage Rating: 300 VAC
ENVIRONMENTAL
• Operating Temperature:
-40ºC to +120ºC
MECHANICAL
• Insulator Material: Halogen Free Nylon
UL94VO
• Contact Material: Beryllium Copper
• Plating: Gold / Tin over Nickel
• Durability 10 Cycles
FEATURES AND BENEFITS
• Available 2p-6p for added design functionality and color control in
bulb applications
• Low profile top mounted design does not interfere with LED’s
• Gold plated BeCu contact system for high reliability in
harsh environments
• Accepts both 0.8mm and 1.6mm PCB’s for added design options
APPLICATIONS
• Provides perpendicular, bottom entry PCB mating to
a top mounted card edge contact based connector
• Reference application notes 201-01-137
• Reference Product Specification 201-01-132UL
Certification: UL File #E90723


Similar Part No. - 009159002502906

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
009159002001916 AVX-009159002001916 Datasheet
634Kb / 5P
   Standard Card Edge: BTB
00915900201911 AVX-00915900201911 Datasheet
634Kb / 5P
   Standard Card Edge: BTB
00915900201916 AVX-00915900201916 Datasheet
634Kb / 5P
   Standard Card Edge: BTB
More results

Similar Description - 009159002502906

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-1773721-1 TEC-1-1773721-1 Datasheet
314Kb / 3P
   Inverted Thru Board Card Edge & Inverted Poke-In Platform Connectors
1-1773719-1 TEC-1-1773719-1 Datasheet
663Kb / 5P
   Inverted Thru Board Interconnects
logo
Tyco Electronics
2058943-1 MACOM-2058943-1 Datasheet
514Kb / 4P
   Inverted SMT Thru Board Connector
logo
Kyocera Kinseki Corpota...
00-9296 KSS-00-9296 Datasheet
1Mb / 8P
   POKE-HOME: INVERTED THRU BOARD
090721
logo
TE Connectivity Ltd
7-1773453-0 TEC-7-1773453-0 Datasheet
514Kb / 4P
   Inverted SMT Thru Board Connector
C-2106091 TEC-C-2106091 Datasheet
390Kb / 3P
   ASSEMBLY, THRU BOARD INVERTED SMT CONNECTOR
logo
Tyco Electronics
2106091-1 MACOM-2106091-1 Datasheet
390Kb / 3P
   ASSEMBLY, THRU BOARD INVERTED SMT CONNECTOR
logo
TE Connectivity Ltd
C-2154829 TEC-C-2154829 Datasheet
629Kb / 3P
   ASSEMBLY INVERTED THRU BOARD 2 THRU 4 POSITIONS 3.96 PITCH
logo
AVX Corporation
009159002001916 AVX-009159002001916 Datasheet
634Kb / 5P
   Standard Card Edge: BTB
00-9159 AVX-00-9159 Datasheet
444Kb / 5P
   Open Ended Card Edge: BTB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com