Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

709296001102006 Datasheet(PDF) 3 Page - AVX Corporation

Part # 709296001102006
Description  Poke-Home: Micro Single Vertical Contact
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

709296001102006 Datasheet(HTML) 3 Page - AVX Corporation

  709296001102006 Datasheet HTML 1Page - AVX Corporation 709296001102006 Datasheet HTML 2Page - AVX Corporation 709296001102006 Datasheet HTML 3Page - AVX Corporation 709296001102006 Datasheet HTML 4Page - AVX Corporation 709296001102006 Datasheet HTML 5Page - AVX Corporation 709296001102006 Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CONNECT
INTER
3
010216
CONNECT
INTER
Poke-Home: Micro Single Vertical Contact
22-26 AWG: WTB
70-9296
70-9296-001-112-006
9296 VERTICAL MOUNT SMT CONTACT
THROUGH BOARD CONTACT – TOP ENTRY WIRE (FR4 BOARD)
SUGGESTED PCB LAYOUT
NOTES:
1. CONTACT MOUNTS THROUGH THE BOARD, WIRE INSERTED FROM TOP SIDE
OF BOARD.
2. STYLE RECOMMENDED FOR FR4 BOARDS WHERE ADDITIONAL CLEARANCE
REQUIRED TO CONTACT AND MOUNTING PADS.
3. FOR FURTHER INFORMATION REFER TO ELCO SPECIFICATION 201-01-161 AND
APPLICATION NOTES 201-01-150.
4. MATERIAL: TIN PLATED PHOSPHOR BRONZE.
5. HOLE DIMENSIONS FOR CONTACT.
6. PACKING IN TAPE AND REEL, 2000 PIECES PER REEL.
7. FOR WIRE TRIM DETAILS REFER TO PAGE 6.
8. WIRE SIZES REFER TO PAGE 1.
PACKING DETAILS


Similar Part No. - 709296001102006

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
709296001103006 AVX-709296001103006 Datasheet
1Mb / 6P
   Poke-Home: Single Vertical Contact
More results

Similar Description - 709296001102006

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
709296001103006 AVX-709296001103006 Datasheet
1Mb / 6P
   Poke-Home: Single Vertical Contact
70-9296 AVX-70-9296 Datasheet
1Mb / 6P
   Poke-Home: Single Vertical Contact 18-24 AWG:WTB
009286002021106 AVX-009286002021106 Datasheet
1Mb / 9P
   POKE HOME
00-9296 AVX-00-9296 Datasheet
1Mb / 8P
   Poke-Home: Low Profile Horizontal
logo
Kyocera Kinseki Corpota...
00-9296 KSS-00-9296 Datasheet
1Mb / 8P
   POKE-HOME: INVERTED THRU BOARD
090721
logo
AVX Corporation
009276001021006 AVX-009276001021006 Datasheet
704Kb / 8P
   Discrete Wire-to-Board; Poke-Home
009276008021106 AVX-009276008021106 Datasheet
704Kb / 8P
   Discrete Wire-to-Board; Poke-Home
logo
Kyocera Kinseki Corpota...
9296-400 KSS-9296-400 Datasheet
613Kb / 2P
   POKE-HOME: HORIZONTAL CONNECTOR 4MM PITCH
021022
logo
Winchester Electronics ...
RP25W3P-12-TD WINCHESTER-RP25W3P-12-TD Datasheet
49Kb / 1P
   25W3P POKE HOME D-SUB HOUSING
logo
Sanyo Semicon Device
LA1845NV SANYO-LA1845NV Datasheet
837Kb / 10P
   Single-Chip Home Stereo IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com