Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEMO-MGA-565P8 Datasheet(PDF) 8 Page - Broadcom Corporation.

Part # DEMO-MGA-565P8
Description  20 dBm Psat High Isolation Buffer Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-MGA-565P8 Datasheet(HTML) 8 Page - Broadcom Corporation.

Back Button DEMO-MGA-565P8 Datasheet HTML 4Page - Broadcom Corporation. DEMO-MGA-565P8 Datasheet HTML 5Page - Broadcom Corporation. DEMO-MGA-565P8 Datasheet HTML 6Page - Broadcom Corporation. DEMO-MGA-565P8 Datasheet HTML 7Page - Broadcom Corporation. DEMO-MGA-565P8 Datasheet HTML 8Page - Broadcom Corporation. DEMO-MGA-565P8 Datasheet HTML 9Page - Broadcom Corporation. DEMO-MGA-565P8 Datasheet HTML 10Page - Broadcom Corporation. DEMO-MGA-565P8 Datasheet HTML 11Page - Broadcom Corporation. DEMO-MGA-565P8 Datasheet HTML 12Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
MGA-565P8 Typical Scattering Parameters (at 25°C, V
d = 5V, Id = 35 mA, Rbias = 0Ω)
Freq.
S
11
S
21
S
12
S
22
K
GHz
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
0.1
0.48
-82.9
33.7
48.51
20.3
-66.0
0.001
96.5
0.46
-27.5
12.7
0.2
0.19
-136.9
33.9
49.83
-21.5
-60.1
0.001
86.2
0.43
-34.8
8.1
0.3
0.08
127.4
33.5
47.25
-48.8
-56.0
0.002
61.1
0.40
-49.9
5.6
0.4
0.14
54.5
32.3
41.22
-70.5
-53.1
0.002
39.3
0.38
-61.2
4.6
0.5
0.20
23.2
32.2
40.90
-90.8
-52.6
0.002
26.6
0.36
-77.0
4.3
0.6
0.25
0.2
31.5
37.47
-109.9
-51.6
0.003
13.3
0.34
-89.5
4.1
0.7
0.29
-18.7
30.8
34.58
-127.1
-50.6
0.003
1.3
0.33
-101.8
4.0
0.8
0.33
-36.0
30.1
32.04
-143.8
-49.5
0.003
-9.5
0.32
-114.5
3.7
0.9
0.36
-54.3
29.3
29.32
-161.1
-48.0
0.004
-25.4
0.31
-129.7
3.3
1.0
0.36
-71.0
28.4
26.32
-176.0
-48.1
0.004
-44.9
0.27
-141.3
3.9
1.1
0.36
-85.0
27.7
24.18
170.1
-48.6
0.004
-56.7
0.25
-149.8
4.5
1.2
0.37
-98.1
27.1
22.60
156.4
-48.7
0.004
-66.7
0.24
-159.4
4.9
1.3
0.37
-111.5
26.4
21.01
142.3
-48.7
0.004
-75.9
0.24
-169.0
5.2
1.4
0.37
-124.1
25.8
19.56
129.1
-48.7
0.004
-85.4
0.23
-178.8
5.6
1.5
0.38
-135.9
25.3
18.36
116.2
-48.6
0.004
-94.0
0.22
171.5
6.0
1.6
0.38
-148.7
24.8
17.36
102.6
-48.5
0.004
-102.9
0.22
161.7
6.2
1.7
0.38
-160.8
24.2
16.26
89.5
-48.5
0.004
-111.9
0.21
151.9
6.6
1.8
0.38
-172.4
23.7
15.28
76.8
-48.4
0.004
-120.6
0.21
142.2
7.0
1.9
0.38
176.3
23.2
14.43
64.4
-48.3
0.004
-129.1
0.20
132.2
7.4
2.0
0.38
165.0
22.8
13.73
51.9
-48.3
0.004
-137.0
0.20
122.5
7.7
2.1
0.37
153.7
22.3
12.99
39.3
-48.1
0.004
-143.4
0.19
113.1
8.1
2.2
0.37
143.3
21.8
12.33
27.3
-46.8
0.005
-151.2
0.19
105.0
7.4
2.3
0.37
131.1
21.5
11.86
15.1
-47.0
0.004
-168.4
0.19
93.0
7.8
2.4
0.37
119.5
21.1
11.31
2.6
-47.5
0.004
-177.2
0.19
82.3
8.7
2.5
0.36
108.2
20.7
10.80
-9.6
-47.5
0.004
174.1
0.18
71.7
9.2
2.6
0.36
96.8
20.3
10.33
-21.5
-47.4
0.004
165.1
0.18
61.5
9.5
2.7
0.35
85.6
19.9
9.91
-33.7
-47.4
0.004
155.8
0.18
51.0
10.0
2.8
0.34
74.0
19.6
9.50
-45.9
-47.3
0.004
144.5
0.17
40.0
10.4
2.9
0.34
62.5
19.2
9.13
-58.1
-47.5
0.004
131.2
0.17
28.7
11.1
3.0
0.32
51.1
18.8
8.70
-70.3
-49.6
0.003
112.5
0.16
16.0
15.2
3.1
0.32
43.0
18.4
8.33
-81.6
-50.7
0.003
131.5
0.16
8.4
18.0
3.2
0.32
31.4
18.1
8.08
-93.5
-49.1
0.004
123.9
0.16
-0.7
15.4
3.3
0.31
19.7
17.8
7.78
-105.6
-48.8
0.004
113.8
0.16
-11.8
15.5
3.4
0.30
8.1
17.5
7.49
-117.6
-48.9
0.004
105.4
0.16
-21.8
16.4
3.5
0.30
-3.7
17.2
7.22
-129.7
-48.8
0.004
97.3
0.16
-31.9
16.8
3.6
0.29
-16.1
16.8
6.93
-142.1
-49.3
0.003
87.8
0.17
-42.7
18.8
3.7
0.27
-29.6
16.4
6.61
-153.3
-49.7
0.003
93.0
0.16
-68.1
20.8
3.8
0.25
-43.8
16.1
6.37
-165.9
-49.3
0.003
87.1
0.14
-70.2
21.0
3.9
0.22
-59.0
15.5
5.96
-178.3
-48.7
0.004
90.2
0.13
-77.6
21.5
4.0
0.14
-64.5
14.7
5.44
171.9
-45.6
0.005
91.4
0.14
-84.1
16.9
4.1
0.16
-41.6
14.6
5.37
165.1
-43.9
0.006
68.4
0.15
-95.7
13.8
4.2
0.22
-56.0
14.8
5.50
153.7
-43.7
0.007
42.7
0.15
-111.2
12.9
4.3
0.23
-73.2
14.7
5.42
141.0
-44.0
0.006
19.5
0.15
-124.9
13.6
4.4
0.22
-87.9
14.4
5.26
128.9
-44.3
0.006
7.6
0.15
-137.1
14.5
4.5
0.21
-99.6
14.1
5.06
117.2
-45.1
0.006
-21.7
0.14
-153.5
16.5
4.6
0.20
-110.4
13.7
4.86
106.0
-47.2
0.004
-55.1
0.13
-168.4
22.2
4.7
0.19
-111.2
13.6
4.77
96.6
-48.8
0.004
-176.2
0.09
-170.7
27.6
4.8
0.23
-127.2
13.6
4.76
83.4
-44.0
0.006
32.8
0.12
-175.4
15.6
4.9
0.22
-140.4
13.2
4.59
72.3
-47.0
0.004
5.6
0.11
170.3
22.9
5.0
0.21
-153.3
13.0
4.48
60.8
-46.4
0.005
-11.0
0.11
160.7
22.1
5.1
0.21
-165.3
12.8
4.37
49.3
-46.9
0.005
-22.0
0.11
152.2
24.0
5.2
0.20
-177.2
12.6
4.25
37.7
-47.5
0.004
-28.1
0.11
142.3
26.3
5.3
0.20
170.5
12.3
4.14
26.2
-47.8
0.004
-30.1
0.11
132.3
28.3
5.4
0.19
158.7
12.1
4.02
14.7
-47.4
0.004
-25.1
0.12
124.4
27.7
5.5
0.19
146.7
11.8
3.90
3.4
-44.5
0.006
-27.6
0.13
113.5
20.3
5.6
0.18
135.4
11.6
3.79
-8.0
-42.6
0.007
-47.1
0.13
100.8
16.8
5.7
0.18
123.7
11.3
3.68
-19.4
-42.5
0.008
-66.0
0.14
88.9
17.1
5.8
0.18
111.4
11.0
3.56
-30.5
-43.2
0.007
-80.4
0.14
77.2
19.3
5.9
0.18
100.4
10.8
3.45
-41.7
-44.2
0.006
-85.9
0.14
70.6
22.1
6.0
0.18
88.9
10.4
3.32
-52.7
-44.1
0.006
-88.2
0.16
62.3
22.6


Similar Part No. - DEMO-MGA-565P8

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-545P8 BOARDCOM-DEMO-MGA-545P8 Datasheet
117Kb / 9P
   50 MHz to 7 GHz Medium Power Amplifi er
DEMO-MGA-5X BOARDCOM-DEMO-MGA-5X Datasheet
147Kb / 14P
   50 MHz to 6 GHz High Linear Amplifi er
More results

Similar Description - DEMO-MGA-565P8

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-565P8 BOARDCOM-MGA-565P8 Datasheet
312Kb / 12P
   20 dBm Psat High Isolation Buffer Amplifier
logo
Agilent(Hewlett-Packard...
MGA-565P8 HP-MGA-565P8 Datasheet
139Kb / 13P
   Agilent MGA-565P8 20 dBm Psat High Isolation Buffer Amplifier
logo
Pasternack Enterprises,...
PE15A3009 PASTERNACK-PE15A3009 Datasheet
495Kb / 5P
   Psat 28 dBm typ
logo
AVAGO TECHNOLOGIES LIMI...
MGA-565P8 AVAGO-MGA-565P8 Datasheet
312Kb / 12P
   High Isolation Buffer Amplifier
logo
RF Micro Devices
RF2301 RFMD-RF2301 Datasheet
198Kb / 10P
   HIGH ISOLATION BUFFER AMPLIFIER
RF2504 RFMD-RF2504 Datasheet
92Kb / 8P
   VCO/HIGH-ISOLATION BUFFER AMPLIFIER
logo
AVAGO TECHNOLOGIES LIMI...
MGA-83563-TR1G AVAGO-MGA-83563-TR1G Datasheet
325Kb / 22P
   22 dBm PSAT 3V Power Amplifier for 0.5??6 GHz Applications
logo
Agilent(Hewlett-Packard...
MGA83563 HP-MGA83563 Datasheet
177Kb / 24P
   22 dBm PSAT 3V Power Amplifier for 0.5-6 GHz Applications
logo
Transcom, Inc.
TA100-160-32-20 TRANSCOM-TA100-160-32-20 Datasheet
17Kb / 1P
   10 - 16GHz 20 dBm Amplifier
TA060-180-28-20 TRANSCOM-TA060-180-28-20 Datasheet
18Kb / 1P
   6 - 18GHz 20 dBm Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com