Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEMO-MGA-645T6 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # DEMO-MGA-645T6
Description  Low Noise Amplifier with Bypass/Shutdown Mode
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-MGA-645T6 Datasheet(HTML) 2 Page - Broadcom Corporation.

  DEMO-MGA-645T6 Datasheet HTML 1Page - Broadcom Corporation. DEMO-MGA-645T6 Datasheet HTML 2Page - Broadcom Corporation. DEMO-MGA-645T6 Datasheet HTML 3Page - Broadcom Corporation. DEMO-MGA-645T6 Datasheet HTML 4Page - Broadcom Corporation. DEMO-MGA-645T6 Datasheet HTML 5Page - Broadcom Corporation. DEMO-MGA-645T6 Datasheet HTML 6Page - Broadcom Corporation. DEMO-MGA-645T6 Datasheet HTML 7Page - Broadcom Corporation. DEMO-MGA-645T6 Datasheet HTML 8Page - Broadcom Corporation. DEMO-MGA-645T6 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Absolute Maximum Rating [1] TA=25°C
Symbol
Parameter
Units
Absolute Max.
Vdd
Device Voltage
V
4
Vbypass
Control Voltage
V
(Vdd-0.3)
Pin,max
CW RF Input Power
dBm
+15
Pdiss
Total Power Dissipation [3]
mW
80
Tj
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
Notes:
4. Distribution data sample size are 500 samples taken from 3 different wafers and 3 different lots. Future wafers allocated to this product may have
nominal values anywhere between the upper and lower limits.
Product Consistency Distribution Charts [4]
Thermal Resistance [2,3]
(Vdd = 3.0V, Id=7mA), θjc = 60 °C/W
Notes:
1. Operation of this device in excess of any of
these limits may cause permanent damage.
2. Thermal resistance measured using Infra-
Red Measurement Technique.
3. Board temperature TB is 25 °C , for TB >146
°C derate the device power at 14mW per °C
rise in Board (package belly) temperature.
Figure 1. Gain @ 2.4 GHz , Vd 3V; Vbypass 1.8 V,
LSL=13.5, Nominal=15.0, USL=16.5
Figure 2. NF @ 2.4 GHz , Vd 3V; Vbypass 1.8 V,
Nominal=1.1, USL=1.5
Figure 3. Ids @ 2.4 GHz , Vd 3V; Vbypass 1.8 V,
Nominal=7.0, USL=13.0
Electrical Specifications[5,7]
TA = 25 °C, Vdd =3V, Vbypass = 1.8V, RF measurement at 2.4 GHz, measured on demo board (see Fig. 4) unless otherwise
specified.
Symbol
Parameter and Test Condition
Units
Min.
Typ.
Max.
Id
Bias Current
mA
-
7
13
Gain
Gain
dB
13.5
15
16.5
NF
Noise Figure (Typ.Vbypass=1.8V)
dB
-
1.1
1.5
IIP3 [6]
Input Third Order Intercept Point
dBm
-
+7
-
OP1dB
Output Power at 1dB Gain Compression
dBm
-
+9
-
S11
Input Return Loss, 50Ω source
dB
-
-9
-
S22
Output Return Loss, 50Ω load
dB
-
-15
-
S12
Reverse Isolation
dB
-
-27
-
|S21|2BYPASS
Bypass Mode Loss (Vbypass = 0)
dB
-
-4.5
-
IIP3BYPASS
Bypass Mode IIP3 (tested at -20dBm input Power)
dBm
-
16
-
IdBYPASS
Bypass Mode current
uA
-
80
-
Notes:
5. Measurements at 2.4GHz obtained using demo board described in Figure 1, with component values on Figure 2 (2.3 – 2.4 GHz)
6. 2.4GHz IIP3 test condition: FRF1 = 2.395 GHz, FRF2 = 2.4 GHz with input power of -30dBm per tone.
7. Use proper bias, heatsink and derating to ensure maximum channel temperature is not exceeded. See absolute maximum ratings and application
note for more details.


Similar Part No. - DEMO-MGA-645T6

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-633P8 BOARDCOM-DEMO-MGA-633P8 Datasheet
434Kb / 14P
   Ultra Low Noise, High Linearity Active Bias Low Noise Amplifier
DEMO-MGA-655T6 BOARDCOM-DEMO-MGA-655T6 Datasheet
239Kb / 14P
   Low Noise Amplifier with Bypass Mode
DEMO-MGA-665P8A BOARDCOM-DEMO-MGA-665P8A Datasheet
214Kb / 13P
   GaAs Enhancement-Mode PHEMT 0.5 ??6 GHz Low Noise Amplifier
DEMO-MGA-665P8B BOARDCOM-DEMO-MGA-665P8B Datasheet
214Kb / 13P
   GaAs Enhancement-Mode PHEMT
DEMO-MGA-675T6 BOARDCOM-DEMO-MGA-675T6 Datasheet
206Kb / 16P
   Low Noise Amplifi er with Shutdown Mode
More results

Similar Description - DEMO-MGA-645T6

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-645T6 BOARDCOM-MGA-645T6 Datasheet
291Kb / 16P
   Low Noise Amplifier with Bypass/Shutdown Mode in Low Profile Package
logo
Skyworks Solutions Inc.
RFX8055 SKYWORKS-RFX8055 Datasheet
401Kb / 6P
   Low Noise Amplifier with Bypass Mode
logo
Broadcom Corporation.
DEMO-MGA-655T6 BOARDCOM-DEMO-MGA-655T6 Datasheet
239Kb / 14P
   Low Noise Amplifier with Bypass Mode
logo
Skyworks Solutions Inc.
RFX8053 SKYWORKS-RFX8053 Datasheet
556Kb / 6P
   Low Noise Amplifier with Bypass Mode
logo
AVAGO TECHNOLOGIES LIMI...
MGA-645T6-TR1G AVAGO-MGA-645T6-TR1G Datasheet
291Kb / 16P
   MGA-645T6 Low Noise Amplifier with Bypass/Shutdown Mode in Low Profile Package
logo
Skyworks Solutions Inc.
RFX5000B SKYWORKS-RFX5000B Datasheet
638Kb / 7P
   Low Noise Amplifier with Bypass
logo
Broadcom Corporation.
MGA-655T6 BOARDCOM-MGA-655T6 Datasheet
206Kb / 14P
   Low Noise Amplifier with Bypass Mode in Low Profile Package
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
1Mb / 42P
   Low Noise Amplifier with Bypass Switch
MC13820 FREESCALE-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
   Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com