Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEMO-MGA8656-3 Datasheet(PDF) 7 Page - Broadcom Corporation.

Part # DEMO-MGA8656-3
Description  GaAs MMIC Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-MGA8656-3 Datasheet(HTML) 7 Page - Broadcom Corporation.

  DEMO-MGA8656-3 Datasheet HTML 1Page - Broadcom Corporation. DEMO-MGA8656-3 Datasheet HTML 2Page - Broadcom Corporation. DEMO-MGA8656-3 Datasheet HTML 3Page - Broadcom Corporation. DEMO-MGA8656-3 Datasheet HTML 4Page - Broadcom Corporation. DEMO-MGA8656-3 Datasheet HTML 5Page - Broadcom Corporation. DEMO-MGA8656-3 Datasheet HTML 6Page - Broadcom Corporation. DEMO-MGA8656-3 Datasheet HTML 7Page - Broadcom Corporation. DEMO-MGA8656-3 Datasheet HTML 8Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Package Dimensions
Outline 63 (SOT-363/SC-70)
Part Number Ordering Information
No. of
Part Number
Devices
Container
MGA-86563-TR1
3000
7" Reel
MGA-86563-TR2
10000
13" Reel
MGA-86563-BLK
100
antistatic bag
MGA-86563-TR1G
3000
7" Reel
MGA-86563-TR2G
10000
13" Reel
MGA-86563-BLKG
100
antistatic bag
Note:
For lead-free option, the part number will have the
character “G” at the end.
E
HE
D
e
A1
b
A
A2
Q1
L
c
DIMENSIONS (mm)
MIN.
1.15
1.80
1.80
0.80
0.80
0.00
0.10
0.15
0.10
0.10
MAX.
1.35
2.25
2.40
1.10
1.00
0.10
0.40
0.30
0.20
0.30
SYMBOL
E
D
HE
A
A2
A1
Q1
e
b
c
L
NOTES:
1. All dimensions are in mm.
2. Dimensions are inclusive of plating.
3. Dimensions are exclusive of mold flash & metal burr.
4. All specifications comply to EIAJ SC70.
5. Die is facing up for mold and facing down for trim/form,
ie: reverse trim/form.
6. Package surface to be mirror finish.
0.650 BCS


Similar Part No. - DEMO-MGA8656-3

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA8657-6 BOARDCOM-DEMO-MGA8657-6 Datasheet
150Kb / 6P
   GaAs MMIC Amplifier
More results

Similar Description - DEMO-MGA8656-3

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM-9-BD MIMIX-CMM-9-BD Datasheet
380Kb / 5P
   GaAs MMIC Amplifier
logo
Broadcom Corporation.
DEMO-MGA8657-6 BOARDCOM-DEMO-MGA8657-6 Datasheet
150Kb / 6P
   GaAs MMIC Amplifier
logo
M/A-COM Technology Solu...
MAAM71100 MA-COM-MAAM71100_15 Datasheet
792Kb / 4P
   GaAs MMIC Power Amplifier
MAAM26100-P1 MA-COM-MAAM26100-P1 Datasheet
104Kb / 3P
   GaAs MMIC Power Amplifier
logo
New Japan Radio
NJG1307R NJRC-NJG1307R Datasheet
657Kb / 14P
   DRIVER AMPLIFIER GaAs MMIC
logo
M/A-COM Technology Solu...
XU1006-BD MA-COM-XU1006-BD_15 Datasheet
1Mb / 1P
   GaAs MMIC Power Amplifier
MAAM26100-P1 MA-COM-MAAM26100-P1_15 Datasheet
586Kb / 4P
   GaAs MMIC Power Amplifier
MAAM26100-B1 MA-COM-MAAM26100-B1_15 Datasheet
553Kb / 3P
   GaAs MMIC Power Amplifier
MAAM71100_V6 MA-COM-MAAM71100_V6 Datasheet
224Kb / 3P
   GaAs MMIC Power Amplifier
MAAM26100-B1_V7 MA-COM-MAAM26100-B1_V7 Datasheet
90Kb / 2P
   GaAs MMIC Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com