Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEMO-MGA8657-6 Datasheet(PDF) 3 Page - Broadcom Corporation.

Part # DEMO-MGA8657-6
Description  GaAs MMIC Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-MGA8657-6 Datasheet(HTML) 3 Page - Broadcom Corporation.

  DEMO-MGA8657-6 Datasheet HTML 1Page - Broadcom Corporation. DEMO-MGA8657-6 Datasheet HTML 2Page - Broadcom Corporation. DEMO-MGA8657-6 Datasheet HTML 3Page - Broadcom Corporation. DEMO-MGA8657-6 Datasheet HTML 4Page - Broadcom Corporation. DEMO-MGA8657-6 Datasheet HTML 5Page - Broadcom Corporation. DEMO-MGA8657-6 Datasheet HTML 6Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
MGA-86576 Typical Performance, TC = 25°C, Zo = 50 Ω,Vd = 5V
Figure 3. Matched Noise Figure vs. Frequency.
Figure 1. Power Gain vs. Frequency at Three Tempera-
tures.
1
30.0
5.0
FREQUENCY (GHz)
4
7
10
25.0
20.0
15.0
10.0
2
3
5
6
8
9
-40°C
+25°C
+50°C
MGA-86576 fig 1
1
3.5
1
FREQUENCY (GHz)
4
7
10
3
2.5
2
1.5
2
3
5
6
8
9
+50°C
MGA-86576 fig 2
-40°C
+25°C
1
3.5
1
FREQUENCY (GHz)
4
7
10
3
2.5
2
1.5
2
3
5
6
8
9
MGA-86576 fig 3
Figure 2. 50 Ω Noise Figure vs. Frequency at Three
Temperatures.
Figure 4. P1dB vs. Frequency at Three Temperatures.
Figure 5. Input and Output VSWR vs. Frequency.
Figure 6. Gain, NF50, and P1dB vs. Temperature at 4
GHz.
1
10.0
0
FREQUENCY (GHz)
4
7
10
8.0
6.0
4.0
2.0
2
3
5
6
8
9
-40°C
+25°C
+50°C
MGA-86576 fig 4
1
4.0
1.5
FREQUENCY (GHz)
4
7
10
3.5
3.0
2.5
2.0
2
3
5
6
8
9
OUTPUT
MGA-86576 fig 5
1.0
INPUT
-40
25
0
TEMPERATURE °C
-20
0
50
20
15
10
5
-30
-10
MGA-86576 fig 6
25
POWER GAIN
NOISE FIGURE
P1dB
0
+5
+10
MGA-86576 Typical Scattering Parameters[3], TC = 25°C, Zo = 50 Ω,Vd = 5V
Freq.
S11
S21
S12
S22
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
0.5
0.57
-21
15.5
5.99
46
-46.5
0.005
-15
0.62
-35
1.0
0.55
-30
19.8
9.72
17
-51.3
0.003
11
0.49
-47
1.5
0.54
-44
21.7
12.15
-7
-51.2
0.003
58
0.43
-57
2.0
0.52
-59
22.8
13.84
-31
-47.0
0.004
85
0.39
-68
2.5
0.48
-77
23.5
14.98
-54
-43.0
0.007
96
0.36
-79
3.0
0.43
-96
23.8
15.56
-77
-39.7
0.010
100
0.33
-92
3.5
0.37
-116
23.7
15.28
-100
-37.0
0.014
99
0.29
-105
4.0
0.30
-137
23.2
14.49
-122
-35.0
0.018
95
0.25
-118
4.5
0.24
-159
22.4
13.18
-142
-33.2
0.022
92
0.21
-130
5.0
0.19
178
21.5
11.82
-160
-31.9
0.026
89
0.19
-139
5.5
0.14
151
20.5
10.54
-177
-30.6
0.030
85
0.14
-151
6.0
0.12
129
19.2
9.14
166
-29.6
0.033
81
0.17
-151
6.5
0.10
111
18.1
8.08
156
-28.7
0.037
82
0.14
-116
7.0
0.08
91
17.5
7.48
142
-27.4
0.042
76
0.08
-158
7.5
0.08
75
16.4
6.64
129
-26.6
0.047
72
0.11
-153
8.0
0.07
64
15.5
5.99
118
-25.8
0.051
69
0.09
-151
8.5
0.06
48
14.7
5.45
107
-25.0
0.056
65
0.09
-146
9.0
0.04
31
14.0
5.03
96
-24.2
0.062
62
0.09
-140
9.5
0.02
18
13.4
4.66
86
-23.4
0.068
58
0.11
-143
10.0
0.01
93
12.7
4.33
76
-22.6
0.074
53
0.11
-154


Similar Part No. - DEMO-MGA8657-6

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA8656-3 BOARDCOM-DEMO-MGA8656-3 Datasheet
177Kb / 8P
   GaAs MMIC Amplifier
More results

Similar Description - DEMO-MGA8657-6

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM-9-BD MIMIX-CMM-9-BD Datasheet
380Kb / 5P
   GaAs MMIC Amplifier
logo
Broadcom Corporation.
DEMO-MGA8656-3 BOARDCOM-DEMO-MGA8656-3 Datasheet
177Kb / 8P
   GaAs MMIC Amplifier
logo
M/A-COM Technology Solu...
MAAM71100 MA-COM-MAAM71100_15 Datasheet
792Kb / 4P
   GaAs MMIC Power Amplifier
MAAM26100-P1 MA-COM-MAAM26100-P1 Datasheet
104Kb / 3P
   GaAs MMIC Power Amplifier
logo
New Japan Radio
NJG1307R NJRC-NJG1307R Datasheet
657Kb / 14P
   DRIVER AMPLIFIER GaAs MMIC
logo
M/A-COM Technology Solu...
XU1006-BD MA-COM-XU1006-BD_15 Datasheet
1Mb / 1P
   GaAs MMIC Power Amplifier
MAAM26100-P1 MA-COM-MAAM26100-P1_15 Datasheet
586Kb / 4P
   GaAs MMIC Power Amplifier
MAAM26100-B1 MA-COM-MAAM26100-B1_15 Datasheet
553Kb / 3P
   GaAs MMIC Power Amplifier
MAAM71100_V6 MA-COM-MAAM71100_V6 Datasheet
224Kb / 3P
   GaAs MMIC Power Amplifier
MAAM26100-B1_V7 MA-COM-MAAM26100-B1_V7 Datasheet
90Kb / 2P
   GaAs MMIC Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com