Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEMO-MGA-12516B Datasheet(PDF) 11 Page - Broadcom Corporation.

Part # DEMO-MGA-12516B
Description  Low Noise, High Linearity Match Pair Low Noise Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-MGA-12516B Datasheet(HTML) 11 Page - Broadcom Corporation.

Back Button DEMO-MGA-12516B Datasheet HTML 7Page - Broadcom Corporation. DEMO-MGA-12516B Datasheet HTML 8Page - Broadcom Corporation. DEMO-MGA-12516B Datasheet HTML 9Page - Broadcom Corporation. DEMO-MGA-12516B Datasheet HTML 10Page - Broadcom Corporation. DEMO-MGA-12516B Datasheet HTML 11Page - Broadcom Corporation. DEMO-MGA-12516B Datasheet HTML 12Page - Broadcom Corporation. DEMO-MGA-12516B Datasheet HTML 13Page - Broadcom Corporation. DEMO-MGA-12516B Datasheet HTML 14Page - Broadcom Corporation. DEMO-MGA-12516B Datasheet HTML 15Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
MGA-16516 Typical Scattering Parameters, Vdd=5V, Idd=50mA
Freq
GHz
S11
S21
S12
S22
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
0.1
0.96
-19.1
28.56
31.87
160.5
0.001
76.8
0.48
-33.2
0.5
0.65
-81.2
24.26
16.33
116.5
0.030
59.5
0.18
-88.0
0.9
0.50
-116.2
20.67
10.80
93.9
0.044
53.0
0.14
-124.9
1.0
0.48
-121.1
19.94
9.94
89.8
0.047
51.7
0.13
-128.2
1.5
0.42
-148.5
16.82
6.94
71.7
0.063
45.7
0.12
-164.5
1.9
0.40
-164.6
14.88
5.54
59.7
0.076
40.4
0.14
171.7
2.0
0.40
-168.1
14.45
5.28
56.9
0.079
38.9
0.14
167.0
2.5
0.40
176.2
12.54
4.24
43.5
0.096
31.5
0.17
146.5
3.0
0.40
161.9
10.89
3.50
30.6
0.111
23.4
0.22
131.7
4.0
0.41
136.4
8.26
2.59
6.8
0.140
6.7
0.30
110.5
5.0
0.44
115.0
6.08
2.01
-16.4
0.163
-11.0
0.38
86.9
6.0
0.45
99.2
4.16
1.61
-36.6
0.183
-26.8
0.46
72.6
7.0
0.45
78.9
2.44
1.32
-58.1
0.197
-44.8
0.55
52.9
8.0
0.45
58.3
0.76
1.09
-78.8
0.207
-62.4
0.64
35.8
9.0
0.48
44.0
-0.83
0.91
-96.3
0.211
-77.6
0.68
21.8
10.0
0.49
40.1
-2.11
0.79
-110.8
0.218
-90.2
0.71
11.8
11.0
0.48
39.6
-3.05
0.70
-124.3
0.228
-102.4
0.71
3.2
12.0
0.44
32.9
-3.78
0.65
-140.1
0.241
-117.1
0.72
-6.6
13.0
0.42
16.4
-4.84
0.57
-157.3
0.242
-133.6
0.76
-17.2
14.0
0.46
0.6
-5.93
0.51
-173.3
0.239
-149.3
0.79
-23.8
15.0
0.52
-1.0
-6.84
0.46
172.1
0.238
-163.8
0.78
-32.8
16.0
0.57
5.2
-7.46
0.42
158.0
0.242
-178.2
0.76
-44.7
17.0
0.60
11.2
-8.01
0.40
145.5
0.247
168.9
0.76
-54.5
18.0
0.62
4.6
-8.44
0.38
133.3
0.253
156.1
0.77
-54.9
19.0
0.65
-12.7
-8.95
0.36
117.9
0.255
140.1
0.77
-57.9
20.0
0.72
-29.3
-10.1
0.31
101.5
0.237
122.9
0.78
-66.1
Figure 32.
[5]
[13]
[8]
[7]
[6]
[16]
[15]
[14]
RFout
reference plane
RFin
reference plane


Similar Part No. - DEMO-MGA-12516B

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-13X16 BOARDCOM-DEMO-MGA-13X16 Datasheet
294Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
DEMO-MGA-16X16A BOARDCOM-DEMO-MGA-16X16A Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
DEMO-MGA-16X16B BOARDCOM-DEMO-MGA-16X16B Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
DEMO-MGA-1X516 BOARDCOM-DEMO-MGA-1X516 Datasheet
723Kb / 14P
   High Gain, High Linearity, Active Bias,Low Noise Amplifier
DEMO-MGA-1X516A BOARDCOM-DEMO-MGA-1X516A Datasheet
435Kb / 16P
   Low Noise, High Linearity Match Pair Low Noise Amplifier
More results

Similar Description - DEMO-MGA-12516B

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-17516 AVAGO-MGA-17516 Datasheet
412Kb / 16P
   Low Noise, High Linearity Match Pair Low Noise Amplifier
logo
Broadcom Corporation.
DEMO-MGA-1X516A BOARDCOM-DEMO-MGA-1X516A Datasheet
435Kb / 16P
   Low Noise, High Linearity Match Pair Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-16516 AVAGO-MGA-16516 Datasheet
435Kb / 16P
   Low Noise, High Linearity Match Pair Low Noise Amplifier
logo
Broadcom Corporation.
MGA-17516 BOARDCOM-MGA-17516 Datasheet
412Kb / 16P
   Low Noise, High Linearity Match Pair Low Noise Amplifier
MGA-635P8 BOARDCOM-MGA-635P8 Datasheet
641Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-635P8 AVAGO-MGA-635P8_15 Datasheet
641Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifier
logo
RF Micro Devices
RF2442 RFMD-RF2442 Datasheet
176Kb / 10P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
NXP Semiconductors
BGU8051 NXP-BGU8051 Datasheet
222Kb / 16P
   Low noise high linearity amplifier
Rev. 7-8 June 2017
logo
Broadcom Corporation.
MGA-636P8 BOARDCOM-MGA-636P8 Datasheet
585Kb / 14P
   High Linearity Low Noise Amplifier
logo
RF Micro Devices
RF2442 RFMD-RF2442_1 Datasheet
311Kb / 12P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com