Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEMO-MGA-43128 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # DEMO-MGA-43128
Description  High Linearity (700-800) MHz Wireless Data Power Amplifi er
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-MGA-43128 Datasheet(HTML) 2 Page - Broadcom Corporation.

  DEMO-MGA-43128 Datasheet HTML 1Page - Broadcom Corporation. DEMO-MGA-43128 Datasheet HTML 2Page - Broadcom Corporation. DEMO-MGA-43128 Datasheet HTML 3Page - Broadcom Corporation. DEMO-MGA-43128 Datasheet HTML 4Page - Broadcom Corporation. DEMO-MGA-43128 Datasheet HTML 5Page - Broadcom Corporation. DEMO-MGA-43128 Datasheet HTML 6Page - Broadcom Corporation. DEMO-MGA-43128 Datasheet HTML 7Page - Broadcom Corporation. DEMO-MGA-43128 Datasheet HTML 8Page - Broadcom Corporation. DEMO-MGA-43128 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
MGA-43128 Absolute Maximum Rating [1] TA = 25° C
Symbol
Parameter
Units
Absolute Maximum
Vdd, Vbias
Supply Voltages, Bias Supply Voltage
V
6.0
Vc
Control Voltage
V
(Vdd)
Pin,max
CW RF Input Power
dBm
20
Pdiss
Total Power Dissipation [3]
W
7.0
Tj
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
Thermal Resistance
Thermal Resistance [2]
jc = 13.5°C/W
Notes:
1. Operation of this device in excess of any of
these limits may cause permanent damage.
2. Thermal resistance measured using Infra-
Red Measurement Technique.
3. Board temperature (Tc) is 25° C. For Tc
>55.5° C, derate the device power at 74.1 mW
per °C rise in board temperature adjacent to
package bottom.
Electrical Specifications
TA = 25° C, Vdd = Vbias = 5.0 V, Vc1 = 2.8 V, Vc2 = 2.4 V, Vbyp = 0 V, Iqtotal = 370 mA, RF performance at 750 MHz, LTE 3GPP.
TS 36.104, 10 MHz bandwidth OFDMA operation unless otherwise stated.
Symbol
Parameter and Test Condition
Units
Min.
Typ.
Max.
Vdd
Supply Voltage
5.0
Iqtotal
Quiescent Supply Current (normal high gain mode)
mA
370
Quiescent Supply Current (low gain mode, Vbyp = 5.0 V)
mA
370
Gain
Gain
dB
31.5
33.4
OP1dB
Output Power at 1 dB Gain Compression
dBm
36
Pout_linear
Linear Output power with 3GPP LTE v8.6.0 (March 2009),
10 MHz bandwidth OFDMA @ 2.5% EVM
dBm
27.6
29.1
Itotal_linear
Total current draw at Pout_linear level
mA
780
1000
S11
Input Return Loss, 50
 source
dB
-20
S22
Output Return Loss, 50
 load
dB
-7
S12
Reverse Isolation
dB
50
2 Fc
Second harmonic attenuation @ Pin = -20 dBm
dBc
60
Atten
Gain attenuation in low gain mode (Vbyp = 5.0 V)
dB
14.5
18
21.5
Vdet
Detector output DC voltage @ 29 dBm linear Pout
V
3.3
DetR
Detector RF dynamic range
dB
17
S
Stability under load VSWR of 6:1 (all phase angle),
spurious output
dBc
-60


Similar Part No. - DEMO-MGA-43128

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-43228 BOARDCOM-DEMO-MGA-43228 Datasheet
380Kb / 19P
   (2.3??.5) GHz 29dBm High Linearity Wireless Data Power Amplifi er
DEMO-MGA-43X28 BOARDCOM-DEMO-MGA-43X28 Datasheet
477Kb / 24P
   High Linearity (700-800) MHz Wireless Data Power Amplifi er
More results

Similar Description - DEMO-MGA-43128

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-43X28 BOARDCOM-DEMO-MGA-43X28 Datasheet
477Kb / 24P
   High Linearity (700-800) MHz Wireless Data Power Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43128 AVAGO-MGA-43128 Datasheet
477Kb / 24P
   High Linearity (700-800) MHz Wireless Data Power Amplifi er
logo
Broadcom Corporation.
MGA-43228 BOARDCOM-MGA-43228 Datasheet
380Kb / 19P
   2.3??.5) GHz 29dBm High Linearity Wireless Data Power Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43328 AVAGO-MGA-43328_15 Datasheet
379Kb / 19P
   (2.5??.7) GHz 29dBm High Linearity Wireless Data Power Amplifi er
MGA-43228 AVAGO-MGA-43228 Datasheet
380Kb / 19P
   2.3??.5 GHz 29dBm High Linearity Wireless Data Power Amplifi er
logo
Broadcom Corporation.
MGA-43328 BOARDCOM-MGA-43328 Datasheet
379Kb / 19P
   2.5??.7) GHz 29dBm High Linearity Wireless Data Power Amplifi er
DEMO-MGA-43228 BOARDCOM-DEMO-MGA-43228 Datasheet
380Kb / 19P
   (2.3??.5) GHz 29dBm High Linearity Wireless Data Power Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43328 AVAGO-MGA-43328 Datasheet
379Kb / 19P
   2.5??.7 GHz 29dBm High Linearity Wireless Data Power Amplifi er
MGA-30216 AVAGO-MGA-30216_15 Datasheet
217Kb / 14P
   0.5Watt High Linearity Amplifi er
MGA-30316 AVAGO-MGA-30316_15 Datasheet
218Kb / 12P
   0.5Watt High Linearity Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com