Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEMO-MGA-72543 Datasheet(PDF) 10 Page - Broadcom Corporation.

Part # DEMO-MGA-72543
Description  PHEMT* Low Noise Amplifi er with Bypass Switch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-MGA-72543 Datasheet(HTML) 10 Page - Broadcom Corporation.

Back Button DEMO-MGA-72543 Datasheet HTML 6Page - Broadcom Corporation. DEMO-MGA-72543 Datasheet HTML 7Page - Broadcom Corporation. DEMO-MGA-72543 Datasheet HTML 8Page - Broadcom Corporation. DEMO-MGA-72543 Datasheet HTML 9Page - Broadcom Corporation. DEMO-MGA-72543 Datasheet HTML 10Page - Broadcom Corporation. DEMO-MGA-72543 Datasheet HTML 11Page - Broadcom Corporation. DEMO-MGA-72543 Datasheet HTML 12Page - Broadcom Corporation. DEMO-MGA-72543 Datasheet HTML 13Page - Broadcom Corporation. DEMO-MGA-72543 Datasheet HTML 14Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
MGA-72543 Typical Scattering Parameters and Noise Parameters
TC = 25°C, Vd = 3.0V, Id = 40 mA, ZO = 50Ω, Vref = 0.3V (from S and Noise Parameters in Figure 2 test circuit)
Freq.
S11
S21
S12
S22
|S21|2
RLin
RLout
Gmax
Isolation
(GHz)
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
(dB)
(dB)
(dB)
(dB)
(dB)
0.10
0.75
-11
6.84
173
0.04
17
0.36
-12
16.7
2.5
8.9
19.7
-28.1
0.50
0.70
-28
6.45
159
0.04
11
0.34
-17
16.2
3.1
9.3
18.7
-27.6
0.80
0.68
-39
6.15
148
0.04
14
0.33
-24
15.8
3.4
9.6
18.1
-27.2
0.90
0.67
-43
6.05
144
0.04
15
0.33
-26
15.6
3.5
9.6
17.8
-27.0
1.00
0.65
-47
5.96
141
0.05
16
0.33
-28
15.5
3.7
9.6
17.6
-26.9
1.10
0.64
-51
5.87
138
0.05
17
0.33
-30
15.4
3.8
9.6
17.4
-26.7
1.20
0.63
-55
5.77
134
0.05
18
0.33
-32
15.2
4.0
9.7
17.1
-26.5
1.30
0.63
-58
5.68
131
0.05
19
0.33
-34
15.1
4.1
9.7
17.0
-26.3
1.40
0.62
-62
5.58
128
0.05
19
0.33
-36
14.9
4.2
9.8
16.8
-26.1
1.50
0.61
-65
5.49
125
0.05
20
0.32
-38
14.8
4.3
9.8
16.5
-25.9
1.60
0.60
-69
5.40
122
0.05
20
0.32
-40
14.6
4.5
9.9
16.3
-25.6
1.70
0.59
-72
5.31
119
0.05
20
0.32
-41
14.5
4.6
9.9
16.1
-25.4
1.80
0.58
-75
5.22
116
0.05
20
0.32
-43
14.4
4.8
10.0
15.9
-25.2
1.90
0.57
-79
5.13
113
0.06
20
0.32
-44
14.2
4.9
10.0
15.7
-25.1
2.00
0.56
-82
5.05
110
0.06
21
0.31
-46
14.1
5.1
10.1
15.5
-24.9
2.10
0.55
-85
4.96
108
0.06
21
0.31
-47
13.9
5.2
10.2
15.3
-24.7
2.20
0.54
-89
4.89
105
0.06
20
0.31
-49
13.8
5.3
10.2
15.1
-24.5
2.30
0.53
-92
4.81
102
0.06
20
0.31
-50
13.6
5.5
10.3
14.9
-24.3
2.40
0.53
-95
4.74
100
0.06
20
0.30
-52
13.5
5.6
10.4
14.8
-24.1
2.50
0.52
-98
4.66
97
0.06
20
0.30
-53
13.4
5.7
10.5
14.6
-23.9
3.00
0.48
-114
4.32
84
0.07
18
0.28
-61
12.7
6.4
11.2
13.8
-23.1
3.50
0.45
-130
4.03
72
0.08
16
0.25
-69
12.1
7.0
12.0
13.0
-22.4
4.00
0.42
-147
3.77
60
0.08
14
0.23
-79
11.5
7.5
12.9
12.3
-21.7
4.50
0.41
-164
3.53
48
0.09
11
0.21
-90
11.0
7.8
13.7
11.7
-21.1
5.00
0.40
179
3.31
37
0.09
7
0.19
-102
10.4
7.9
14.4
11.1
-20.5
5.50
0.40
165
3.11
26
0.10
3
0.18
-114
9.9
7.9
14.7
10.6
-20.0
6.00
0.41
148
2.93
16
0.11
0
0.17
-127
9.3
7.8
15.3
10.1
-19.4
6.50
0.42
137
2.77
6
0.11
-5
0.17
-140
8.9
7.5
15.5
9.7
-18.9
7.00
0.41
126
2.63
-5
0.12
-9
0.16
-150
8.4
7.8
16.1
9.2
-18.4
7.50
0.40
115
2.51
-15
0.13
-13
0.15
-158
8.0
8.0
16.5
8.7
-17.8
8.00
0.40
101
2.42
-25
0.14
-18
0.14
-173
7.7
7.9
17.0
8.4
-17.0
Freq.
NFmin opt
Rn/Zo
Ga
|
opt|RL
Rn
P1dB
OIP3
IIP3
(GHz)
(dB)
Mag
Ang
(dB)
(dB)
(Ω)
(dBm)
(dBm)
(dBm)
0.80
1.29
0.40
36
0.27
16.44
8.03
13.29
15.2
26.0
10.6
0.90
1.26
0.38
37
0.27
16.25
8.34
13.34
15.1
26.0
10.8
1.00
1.22
0.35
41
0.27
16.02
9.06
13.39
15.1
25.9
11.0
1.50
1.40
0.29
53
0.27
15.13
10.79
13.44
14.8
26.2
11.8
1.80
1.49
0.26
61
0.23
14.62
11.65
11.72
14.8
26.1
11.8
1.90
1.50
0.26
64
0.23
14.46
11.87
11.41
14.8
26.1
11.9
2.00
1.52
0.24
68
0.22
14.30
12.27
11.20
14.9
26.0
12.0
2.10
1.52
0.25
72
0.22
14.16
12.16
10.92
14.9
26.2
12.4
2.20
1.53
0.24
75
0.22
14.01
12.35
10.79
15.0
26.3
12.7
2.30
1.53
0.23
78
0.21
13.86
12.59
10.52
15.0
26.4
13.0
2.40
1.55
0.23
81
0.21
13.73
12.60
10.33
15.1
26.5
13.2
2.50
1.55
0.24
85
0.20
13.59
12.57
10.14
15.1
26.7
13.4
3.00
1.59
0.22
100
0.18
12.91
13.32
9.18
15.2
26.9
14.1
3.50
1.60
0.20
120
0.16
12.29
13.81
8.06
15.3
27.0
14.8
4.00
1.64
0.20
142
0.14
11.71
13.86
7.11
15.6
27.3
15.7
4.50
1.68
0.21
163
0.13
11.15
13.63
6.57
15.5
27.5
16.5
5.00
1.71
0.23
-175
0.13
10.61
12.87
6.35
15.2
27.7
16.7
5.50
1.78
0.25
-159
0.13
10.15
11.91
6.54
16.0
28.1
17.7
6.00
1.74
0.31
-133
0.15
9.76
10.27
7.69
15.5
27.9
18.4


Similar Part No. - DEMO-MGA-72543

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-725M4 BOARDCOM-DEMO-MGA-725M4 Datasheet
276Kb / 20P
   Low Noise Amplifi er with Bypass Switch
More results

Similar Description - DEMO-MGA-72543

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-72543 BOARDCOM-MGA-72543 Datasheet
177Kb / 21P
   PHEMT* Low Noise Amplifi er with Bypass Switch
logo
AVAGO TECHNOLOGIES LIMI...
MGA-72543 AVAGO-MGA-72543 Datasheet
177Kb / 21P
   PHEMT Low Noise Amplifi er with Bypass Switch
logo
Broadcom Corporation.
DEMO-MGA-725M4 BOARDCOM-DEMO-MGA-725M4 Datasheet
276Kb / 20P
   Low Noise Amplifi er with Bypass Switch
MGA-725M4 BOARDCOM-MGA-725M4 Datasheet
276Kb / 20P
   Low Noise Amplifi er with Bypass Switch In Miniature Leadless Package
logo
Agilent(Hewlett-Packard...
MGA-72543 HP-MGA-72543 Datasheet
214Kb / 22P
   PHEMT Low Noise Amplifier with Bypass Switch
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-52543 AVAGO-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-52543 BOARDCOM-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-675T6 AVAGO-MGA-675T6 Datasheet
206Kb / 16P
   Low Noise Amplifi er
logo
Broadcom Corporation.
DEMO-MGA-675T6 BOARDCOM-DEMO-MGA-675T6 Datasheet
206Kb / 16P
   Low Noise Amplifi er with Shutdown Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com