Electronic Components Datasheet Search |
|
DEMO-VMMK-3113 Datasheet(PDF) 2 Page - Broadcom Corporation. |
|
DEMO-VMMK-3113 Datasheet(HTML) 2 Page - Broadcom Corporation. |
2 / 8 page 2 Electrical Specifications Table 1. Absolute Maximum Rating (1) Sym Parameters/Condition Unit Absolute Max Vbias Bias Voltage (RF Input) V 2 Ibias Bias Current mA 1 Pin, max CW RF Input Power (RF Input) (2) dBm +37 Tch Max channel temperature °C 150 Notes 1. Operation of this device above any one of these parameters may cause permanent damage 2. With the DC (typical bias) and RF applied to the device at board temperature, Tb = 25° C Table 2. DC and RF Specifications TA = 25° C, Freq = 4 GHz, Vb = 1.5 V, Zin = Zout = 50 Ω unless otherwise specified Symbol Parameters / Condition Unit Min Typical Max Ibias (1) Bias Current mA 0.11 0.18 0.25 I.L. (1) Insertion Loss at 2 GHz at 4 GHz at 6 GHz dB 0.2 0.25 0.35 IRL (1) Input Return Loss at 2 GHz at 6 GHz dB 20 30 ORL (1) Output Return Loss at 2 GHz at 6 GHz dB 20 30 Dir (2) Directivity at 2 GHz at 6 GHz dB 13 10 Voffset (1,3) Detector output offset voltage mV 45 62 75 Vdet (4) Detector Output Voltage at +20 dBm mV 710 830 950 Notes 1. Measured data obtained from wafer-probing, losses from measurement system de-embedded from final data, Vbias = 1.5 V applied through a broadband bias tee. 2. Measured by reversing the detector and applying RF power to the output port. Directivity is defined as the difference in dB between the power applied in the forward direction and the power required in the reverse direction to produce the same Vdet voltage. 3. Voffset is measured with RF input power turned off. 4. Vdet is measured with +20 dBm RF input power at 4 GHz. |
Similar Part No. - DEMO-VMMK-3113 |
|
Similar Description - DEMO-VMMK-3113 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |