Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

843204AGI-01LF Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 843204AGI-01LF
Description  FemtoClock짰 Crystal-to-3.3V LVPECL Frequency Synthesizer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

843204AGI-01LF Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 843204AGI-01LF Datasheet HTML 4Page - Integrated Device Technology 843204AGI-01LF Datasheet HTML 5Page - Integrated Device Technology 843204AGI-01LF Datasheet HTML 6Page - Integrated Device Technology 843204AGI-01LF Datasheet HTML 7Page - Integrated Device Technology 843204AGI-01LF Datasheet HTML 8Page - Integrated Device Technology 843204AGI-01LF Datasheet HTML 9Page - Integrated Device Technology 843204AGI-01LF Datasheet HTML 10Page - Integrated Device Technology 843204AGI-01LF Datasheet HTML 11Page - Integrated Device Technology 843204AGI-01LF Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
FEMTOCLOCKS™ CRYSTAL-TO-
3.3V LVPECL FREQUENCY SYNTHESIZER
843204I-01 DATA SHEET
8
REVISION A 11/5/15
TERMINATION FOR 3.3V LVPECL OUTPUT
The clock layout topology shown below is a typical termination for
LVPECL outputs. The two different layouts mentioned are recom-
mended only as guidelines.
FOUT and nFOUT are low impedance follower outputs that generate
ECL/LVPECL compatible outputs. Therefore, terminating resistors
(DC current path to ground) or current sources must be used for
functionality. These outputs are designed to drive 50
Ω transmission
FIGURE 5B. LVPECL OUTPUT TERMINATION
FIGURE 5A. LVPECL OUTPUT TERMINATION
lines. Matched impedance techniques should be used to maximize
operating frequency and minimize signal distortion. Figures 5A
and 5B show two different layouts which are recommended only
as guidelines. Other suitable clock layouts may exist and it would
be recommended that the board designers simulate to guarantee
compatibility across all printed circuit and clock component process
variations.
INPUTS:
CRYSTAL INPUTS
For applications not requiring the use of the crystal oscillator input,
both XTAL_IN and XTAL_OUT can be left floating. Though not
required, but for additional protection, a 1k
Ω resistor can be tied
from XTAL_IN to ground.
CLK INPUT
For applications not requiring the use of a clock input, it can be left
floating. Though not required, but for additional protection, a 1k
Ω
resistor can be tied from the CLK input to ground.
CLK/nCLK INPUTS
For applications not requiring the use of the differential input, both
CLK and nCLK can be left floating. Though not required, but for
additional protection, a 1k
Ω resistor can be tied from CLK to ground.
LVCMOS CONTROL PINS
All control pins have internal pull-ups or pull-downs; additional
resistance is not required but can be added for additional protection.
A 1k
Ω resistor can be used.
RECOMMENDATIONS FOR UNUSED INPUT AND OUTPUT PINS
OUTPUTS:
LVPECL OUTPUTS
All unused LVPECL outputs can be left floating. We recommend
that there is no trace attached. Both sides of the differential output
pair should either be left floating or terminated.


Similar Part No. - 843204AGI-01LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843204AGI IDT-843204AGI Datasheet
382Kb / 16P
   3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
843204AGI RENESAS-843204AGI Datasheet
540Kb / 17P
   FEMTOCLOCK™ CRYSTAL-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
MARCH 18, 2009
logo
Integrated Device Techn...
843204AGILF IDT-843204AGILF Datasheet
382Kb / 16P
   3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
843204AGILF RENESAS-843204AGILF Datasheet
540Kb / 17P
   FEMTOCLOCK™ CRYSTAL-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
MARCH 18, 2009
843204AGILF RENESAS-843204AGILF Datasheet
606Kb / 17P
   FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
January 19, 2016
More results

Similar Description - 843204AGI-01LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843201-375 IDT-843201-375 Datasheet
267Kb / 19P
   FemtoClock짰 Crystal-to-LVPECL 375MHz Frequency Margining Synthesizer
ICS843001I-23 IDT-ICS843001I-23 Datasheet
1Mb / 24P
   FemtoClock짰 Crystal/LVCMOS-to-LVPECL/ LVCMOS Frequency Synthesizer
843S1066D IDT-843S1066D Datasheet
321Kb / 15P
   Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843S1066D RENESAS-843S1066D Datasheet
514Kb / 16P
   Crystal-to-3.3V LVPECL Frequency Synthesizer
November 10, 2016
logo
Integrated Circuit Syst...
ICS843004-02 ICST-ICS843004-02 Datasheet
183Kb / 12P
   CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843252 IDT-843252 Datasheet
382Kb / 17P
   FemtoClock Crystal-to- 3.3V LVPECL Frequency Synthesizer
843004-125 IDT-843004-125 Datasheet
264Kb / 15P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
8433625 IDT-8433625 Datasheet
412Kb / 19P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS843003 ICST-ICS843003 Datasheet
295Kb / 17P
   FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS843003I-09 IDT-ICS843003I-09 Datasheet
702Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com