Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACML-0603H-050 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ACML-0603H-050
Description  Communication Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACML-0603H-050 Datasheet(HTML) 1 Page - Abracon Corporation

  ACML-0603H-050 Datasheet HTML 1Page - Abracon Corporation ACML-0603H-050 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TYPICAL ELECTRICAL CHARACTERISTICS:
ACML-0603H-310
ACML-0603H-151
Frequency (MHz)
Frequency (MHz)
HIGH CURRENT MULTILAYER CHIP BEAD
|||||||||||||||
ACML-0603H
STANDARD SPECIFICATIONS:
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
APPLICATIONS:
FEATURES:
1.6 x 0.8 x 0.8mm
Pb RoHS
Compliant
PARAMETERS
ABRACON P/N:
ACML-0603H-xxx Series
Operating temperature:
-55°C to + 125°C
Storage temperature:
-55°C to + 125°C
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 0
2.08.08
Visit www.abracon.com for Terms & Conditions of Sale
• Multilayer monolithic structure yields high reliability
• Unique terminal electrode structure ensures permissable currents
• High impedence over a wide frequency range
• Audio & Video Equipment
• Automotive Electrical Equipment
• Communication Equipment
• OA Equipment
ACML - 0603H -
-
g
n
i
g
a
k
c
a
P
e
c
n
a
d
e
p
m
I
Please refer to the tables
above.
T
Tape and
Reel
Z (
Ω
Ω
)
Test Freq
Rdc
Ir
±25%
MHz
Max
mA Max
5
100
0.03
2000
11
100
0.03
2000
31
100
0.05
1500
60
100
0.08
1500
120
100
0.1
1200
220
100
0.15
1000
300
100
0.2
1000
500
100
0.28
800
600
100
0.35
800
ACML-0603H-050
ACML-0603H-221
Part
Number
ACML-0603H-301
ACML-0603H-110
ACML-0603H-310
ACML-0603H-600
ACML-0603H-121
ACML-0603H-501
ACML-0603H-601
Ir: Rated current applied when the
chip surface temperature rise 20°C


Similar Part No. - ACML-0603H-050

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACML-0603 ABRACON-ACML-0603 Datasheet
2Mb / 4P
   MULTILAYER FERRITE CHIP BEAD
01.19.14
ACML-0603-060 ABRACON-ACML-0603-060 Datasheet
2Mb / 4P
   MULTILAYER FERRITE CHIP BEAD
01.19.14
ACML-0603-1000 ABRACON-ACML-0603-1000 Datasheet
100Kb / 2P
   SURFACE-MOUNT MULTI-LAYER CHIP BEADS
ACML-0603-101 ABRACON-ACML-0603-101 Datasheet
2Mb / 4P
   MULTILAYER FERRITE CHIP BEAD
01.19.14
ACML-0603-102 ABRACON-ACML-0603-102 Datasheet
2Mb / 4P
   MULTILAYER FERRITE CHIP BEAD
01.19.14
More results

Similar Description - ACML-0603H-050

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2311 TOREX-XC2311 Datasheet
274Kb / 11P
   Communication equipment
logo
Murata Manufacturing Co...
LFL212G45TC1A007 MURATA-LFL212G45TC1A007 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFB32426MSC1-603 MURATA1-LFB32426MSC1-603_V01 Datasheet
79Kb / 5P
   Filters for Communication Equipment
03.12.9
logo
Murata Manufacturing Co...
LFB212G45BA1A234 MURATA-LFB212G45BA1A234 Datasheet
474Kb / 17P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFB32741MSA1-744 MURATA1-LFB32741MSA1-744 Datasheet
153Kb / 9P
   Filters for Communication Equipment
10.12.17
logo
Murata Manufacturing Co...
LFL215G78TC1A155 MURATA-LFL215G78TC1A155 Datasheet
474Kb / 17P
   Filters for Communication Equipment
516786 MURATA-516786 Datasheet
481Kb / 17P
   Filters for Communication Equipment
LFB212G45BA1A220 MURATA-LFB212G45BA1A220 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
SAWES881MCU2F00 MURATA1-SAWES881MCU2F00 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFE21560MHA1A004 MURATA1-LFE21560MHA1A004 Datasheet
474Kb / 17P
   Filters for Communication Equipment
06.12.25
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com