Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

844441DMI-100LF Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 844441DMI-100LF
Description  FemtoClock SAS/ SATA Clock Generator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

844441DMI-100LF Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 844441DMI-100LF Datasheet HTML 5Page - Integrated Device Technology 844441DMI-100LF Datasheet HTML 6Page - Integrated Device Technology 844441DMI-100LF Datasheet HTML 7Page - Integrated Device Technology 844441DMI-100LF Datasheet HTML 8Page - Integrated Device Technology 844441DMI-100LF Datasheet HTML 9Page - Integrated Device Technology 844441DMI-100LF Datasheet HTML 10Page - Integrated Device Technology 844441DMI-100LF Datasheet HTML 11Page - Integrated Device Technology 844441DMI-100LF Datasheet HTML 12Page - Integrated Device Technology 844441DMI-100LF Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
©2016 Integrated Device Technology, Inc.
Revison E, November 2, 2016
844441 Datasheet
Schematic Example
Figures 3A and 3B are example 844441 application schematics for
either the 8 pin M package or the 16 pin G package. The schematic
examples focus on functional connections and are not configuration
specific. Refer to the pin description and functional tables in the
datasheet to ensure that the logic control inputs are properly set.
In this example, the device is operated at VDD = 2.5V. A 12pF parallel
resonant 25MHz crystal is used with tuning capacitors C1 = C2
=14pF, which are recommended for frequency accuracy. Depending
on the variation of the parasitic stray capacity of the printed circuit
board traces between the crystal and the Xtal_In and Xtal_Out pins,
the values of C1 and C2 might require a slight adjustment to optimize
the frequency accuracy. Crystals with other load capacitance
specifications can be used, but this will require adjusting C1 and C2.
In circuit board design, return the capacitors to ground through a
single point contact close to the package. Two examples of
terminations for LVDS receivers without built-in termination are
shown in this schematic.
In order to achieve the best possible filtering, it is recommended that
the placement of the power filter components be on the device side
of the PCB as close to the power pins as possible. If space is limited,
the 0.1µF capacitor in each power pin filter should be placed on the
device side. The other components can be on the opposite side of the
PCB.
Power supply filter recommendations are a general guideline to be
used for reducing external noise from coupling into the devices. The
filter performance is designed for a wide range of noise frequencies.
This low-pass filter starts to attenuate noise at approximately 10kHz.
If a specific frequency noise component is known, such as switching
power supplies frequencies, it is recommended that component
values be adjusted and if required, additional filtering be added.
Additionally, good general design practices for power plane voltage
stability suggests adding bulk capacitance in the local area of all
devices.
Figure 3A. 844441 Schematic Example
U1
XTA L_OU T
1
XTA L_I N
2
SS C _SE L0
3
SS C _SE L1
4
GN D
8
nQ
7
Q
6
VD D
5
+
-
C3
0. 1uF
Zo = 50 O hm
R1
100
Zo = 50 O hm
VD D
Zo = 50 O hm
C5
0. 1u F
Zo = 50 O hm
+
-
2. 5V
R3
50
C6
10uF
FB1
BLM18 BB221S N 1
1
2
nQ
Pl ace th e 0.1 uF by pas s c ap
di rec tly a dja cen t to the V DD pin .
Set Logic
Input to '0'
To Logic
Input
pins
Set Logic
Input to '1'
Logic Input Pin Examples
To Logic
Input
pins
SSC _SEL0
Q
SSC _SEL1
Alternate LVDS Termination
RU2
Not Install
RU 1
1K
RD 1
Not Ins t all
RD2
1K
VD D
VD D
C2
14pF
C1
14pF
X1
1
3
2
4
2 5MH z( 12p f)
R20
0
XT AL_ IN
XTA L_OU T
R4
50
C9
0. 1u F
nQ
Q
FOX 603-25-173 crystal


Similar Part No. - 844441DMI-100LF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
844441 RENESAS-844441 Datasheet
637Kb / 16P
   FemtoClock® SAS/ SATA Clock Generator
November 2, 2016
More results

Similar Description - 844441DMI-100LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS843442I IDT-ICS843442I Datasheet
715Kb / 13P
   FemtoClock??SAS/SATA Clock Generator
843751 IDT-843751 Datasheet
217Kb / 17P
   FemtoClock??SAS/SATA Clock Generator
843442I IDT-843442I Datasheet
201Kb / 14P
   FemtoClock SAS/SATA Clock Generator
843442 IDT-843442 Datasheet
201Kb / 14P
   FemtoClock??SAS/SATA Clock Generator
logo
Renesas Technology Corp
843751 RENESAS-843751 Datasheet
412Kb / 18P
   FemtoClock™ SAS/SATA Clock Generator
08.21.15
843442 RENESAS-843442 Datasheet
393Kb / 15P
   FemtoClock™ SAS/SATA Clock Generator
2019
844441 RENESAS-844441 Datasheet
637Kb / 16P
   FemtoClock® SAS/ SATA Clock Generator
November 2, 2016
843441 RENESAS-843441 Datasheet
492Kb / 18P
   FemtoClock® SAS/SATA Clock Generator
June 30, 2016
ICS843241 RENESAS-ICS843241 Datasheet
607Kb / 19P
   FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
AUGUST 20, 2008
RC22112A RENESAS-RC22112A Datasheet
2Mb / 48P
   FemtoClock Clock Generator
Oct 3, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com