Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

873995AYLF Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 873995AYLF
Description  Differential-to-3.3V LVPECL Zero Delay/Multiplier/Divider
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

873995AYLF Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 873995AYLF Datasheet HTML 3Page - Integrated Device Technology 873995AYLF Datasheet HTML 4Page - Integrated Device Technology 873995AYLF Datasheet HTML 5Page - Integrated Device Technology 873995AYLF Datasheet HTML 6Page - Integrated Device Technology 873995AYLF Datasheet HTML 7Page - Integrated Device Technology 873995AYLF Datasheet HTML 8Page - Integrated Device Technology 873995AYLF Datasheet HTML 9Page - Integrated Device Technology 873995AYLF Datasheet HTML 10Page - Integrated Device Technology 873995AYLF Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REVISION A 8/25/15
873995 DATA SHEET
7
DIFFERENTIAL-TO-3.3V LVPECL
ZERO DELAY/MULTIPLIER/DIVIDER
PARAMETER MEASUREMENT INFORMATION
OUTPUT SKEW
DIFFERENTIAL INPUT LEVEL
3.3V OUTPUT LOAD AC TEST CIRCUIT
BANK SKEW
OUTPUT RISE/FALL TIME
RMS PHASE JITTER
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
STATIC PHASE OFFSET


Similar Part No. - 873995AYLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
873995 RENESAS-873995 Datasheet
518Kb / 21P
   Differential-to-3.3V LVPECL Zero Delay/Multiplier/Divider
8/25/15
More results

Similar Description - 873995AYLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
873996 IDT-873996 Datasheet
339Kb / 21P
   Differential-to-3.3V LVPECL Zero Delay/Multiplier/Divider
logo
Renesas Technology Corp
873996 RENESAS-873996 Datasheet
540Kb / 22P
   Differential-to-3.3V LVPECL Zero Delay/Multiplier/Divider
11/10/15
873995 RENESAS-873995 Datasheet
518Kb / 21P
   Differential-to-3.3V LVPECL Zero Delay/Multiplier/Divider
8/25/15
8731-01 RENESAS-8731-01 Datasheet
457Kb / 18P
   Low SKEW, 1-to-11 Differential-to-3.3V LVPECL Clock Multiplier / Zero Delay Buffer
REVISION B 7/14/15
8735BI-21 RENESAS-8735BI-21 Datasheet
635Kb / 19P
   700MHz, Differential-to-3.3V LVPECL Zero Delay Clock Generator
1/27/15
logo
List of Unclassifed Man...
ICS8735-21 ETC-ICS8735-21 Datasheet
198Kb / 15P
   700MHZ, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
logo
Integrated Device Techn...
ICS8735-21 IDT-ICS8735-21 Datasheet
840Kb / 20P
   700MHz, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS8735-01 ICST-ICS8735-01 Datasheet
287Kb / 17P
   1:5 DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
logo
Integrated Device Techn...
8735-31 IDT-8735-31_16 Datasheet
424Kb / 21P
   1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
logo
Renesas Technology Corp
8735-31 RENESAS-8735-31 Datasheet
620Kb / 22P
   1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
January 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com