Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

844441DMI-150LFT Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 844441DMI-150LFT
Description  FemtoClock SAS/ SATA Clock Generator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

844441DMI-150LFT Datasheet(HTML) 2 Page - Integrated Device Technology

  844441DMI-150LFT Datasheet HTML 1Page - Integrated Device Technology 844441DMI-150LFT Datasheet HTML 2Page - Integrated Device Technology 844441DMI-150LFT Datasheet HTML 3Page - Integrated Device Technology 844441DMI-150LFT Datasheet HTML 4Page - Integrated Device Technology 844441DMI-150LFT Datasheet HTML 5Page - Integrated Device Technology 844441DMI-150LFT Datasheet HTML 6Page - Integrated Device Technology 844441DMI-150LFT Datasheet HTML 7Page - Integrated Device Technology 844441DMI-150LFT Datasheet HTML 8Page - Integrated Device Technology 844441DMI-150LFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
©2016 Integrated Device Technology, Inc.
Revison E, November 2, 2016
844441 Datasheet
Pin Description and Pin Characteristic Tables
Table 1. Pin Descriptions
NOTE: Pullup/Pulldown refers to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Function Tables
Table 3A. SSC_SEL[1:0] Function Table
Table 3B. F_SEL[1:0] Function Table
Name
Type
Description
XTAL_OUT,
XTAL_IN
Input
Crystal oscillator interface. XTAL_IN is the input, XTAL_OUT is the output.
SSC_SEL0,
SSC_SEL1
Input
Pulldown
SSC select pins. See Table 3A. LVCMOS/LVTTL interface levels.
F_SEL0
Input
Pulldown
Output frequency select pin. See Table 3B. LVCMOS/LVTTL interface levels.
F_SEL1
Input
Pullup
Output frequency select pin. See Table 3B. LVCMOS/LVTTL interface levels.
nPLL_SEL
Input
Pulldown
PLL Bypass pin. LVCMOS/LVTTL interface levels.
Q, nQ
Output
Differential clock outputs. LVDS interface levels.
GND
Power
Power supply ground.
VDD
Power
Power supply pin.
nc
Unused
No connect.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
nPLL_SEL, F_SEL[1:0], SSC_SEL[1:0]
4
pF
RPULLDOWN
Input Pulldown Resistor
51
k
RPULLUP
Input Pullup Resistor
51
k
Inputs
Mode
SSC_SEL1
SSC_SEL0
0 (default)
0 (default)
SSC Off
0
1
0.5% Down-spread
1
0
0.23% Down-spread
1
1
0.34% Center-spread
Inputs
Output Frequency (MHz)
F_SEL1
F_SEL0
00
75
01
100
1 (default)
0 (default)
150
11
300


Similar Part No. - 844441DMI-150LFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
844441 RENESAS-844441 Datasheet
637Kb / 16P
   FemtoClock® SAS/ SATA Clock Generator
November 2, 2016
More results

Similar Description - 844441DMI-150LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS843442I IDT-ICS843442I Datasheet
715Kb / 13P
   FemtoClock??SAS/SATA Clock Generator
843751 IDT-843751 Datasheet
217Kb / 17P
   FemtoClock??SAS/SATA Clock Generator
843442I IDT-843442I Datasheet
201Kb / 14P
   FemtoClock SAS/SATA Clock Generator
843442 IDT-843442 Datasheet
201Kb / 14P
   FemtoClock??SAS/SATA Clock Generator
logo
Renesas Technology Corp
843751 RENESAS-843751 Datasheet
412Kb / 18P
   FemtoClock™ SAS/SATA Clock Generator
08.21.15
843442 RENESAS-843442 Datasheet
393Kb / 15P
   FemtoClock™ SAS/SATA Clock Generator
2019
844441 RENESAS-844441 Datasheet
637Kb / 16P
   FemtoClock® SAS/ SATA Clock Generator
November 2, 2016
843441 RENESAS-843441 Datasheet
492Kb / 18P
   FemtoClock® SAS/SATA Clock Generator
June 30, 2016
ICS843241 RENESAS-ICS843241 Datasheet
607Kb / 19P
   FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
AUGUST 20, 2008
RC22112A RENESAS-RC22112A Datasheet
2Mb / 48P
   FemtoClock Clock Generator
Oct 3, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com