Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

580M-01LF Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 580M-01LF
Description  GLITCH-FREE CLOCK MULITPLEXER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

580M-01LF Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 580M-01LF Datasheet HTML 3Page - Integrated Device Technology 580M-01LF Datasheet HTML 4Page - Integrated Device Technology 580M-01LF Datasheet HTML 5Page - Integrated Device Technology 580M-01LF Datasheet HTML 6Page - Integrated Device Technology 580M-01LF Datasheet HTML 7Page - Integrated Device Technology 580M-01LF Datasheet HTML 8Page - Integrated Device Technology 580M-01LF Datasheet HTML 9Page - Integrated Device Technology 580M-01LF Datasheet HTML 10Page - Integrated Device Technology 580M-01LF Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ICS580-01
GLITCH-FREE CLOCK MULITPLEXER
CLOCK MULTIPLEXER
IDT™ / ICS™ GLITCH-FREE CLOCK MULITPLEXER
7
ICS580-01
REV L 051310
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3V ±5%, Ambient Temperature -40 to +85
° C
Note 1. Frequencies less than the minimum may cause a timeout which will not guarantee glitch-free switching unless the clock
is actually stopped.
Note 2: Assumes identically loaded outputs with identical rise times, measured at VDD/2.
Note 3: Output duty cycle is set by duty cycle of input clock at VDDC/2.
Input Low Voltage
VIL
INA and INB only
Note 3
(VDDC/2)-1
V
Input Capacitance
CIN
4pF
Output High Voltage
VOH
IOH = -12 mA
VDDC-0.5
V
Output Low Voltage
VOL
IOL = 12 mA
0.5
V
Short Circuit
Current
IOS
±70
mA
On-chip pull-up
Resistor
RPU
Non-clock inputs
Pull-up to VDDC
250
k
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
INA and INB, Note 1
fIN
VDDC = 5V
1/timeout
270
MHz
VDDC = 3.3V
1/timeout
220
MHz
VDDC = 2.7V
1/timeout
180
MHz
Propagation Delay
INA or INB to output
VDDC = 5V
4
8
ns
VDDC = 3.3V
5
10
ns
VDDC = 2.7V
6
12
ns
Transition Detector
Timeout, DIV = 0
VDDI = 5V
175
350
750
ns
VDDI = 3.3V
500
1000
2000
ns
VDDI = 2.7V
750
1500
3000
ns
Transition Detector
Timeout, DIV = 1
VDDI = 5V
20
40
80
ns
VDDI = 3.3V
55
110
210
ns
VDDI = 2.7V
100
200
400
ns
Output Clock Rise Time
1.5
ns
Output Clock Fall Time
1.5
ns
Output Clock Skew
CLK1 to CLK2
Note 2
-250
0
250
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units


Similar Part No. - 580M-01LF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
580M-01LF RENESAS-580M-01LF Datasheet
400Kb / 14P
   GLITCH-FREE CLOCK MULITPLEXER
051310
580M-01LFT RENESAS-580M-01LFT Datasheet
400Kb / 14P
   GLITCH-FREE CLOCK MULITPLEXER
051310
More results

Similar Description - 580M-01LF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS580-01 RENESAS-ICS580-01 Datasheet
400Kb / 14P
   GLITCH-FREE CLOCK MULITPLEXER
051310
logo
Integrated Circuit Syst...
ICS580-01 ICST-ICS580-01 Datasheet
61Kb / 6P
   Glitch-Free Clock Multiplexer
ICS581-01 ICST-ICS581-01 Datasheet
92Kb / 6P
   Zero-Delay Glitch-Free Clock Multiplexer
logo
Integrated Device Techn...
ICS581-01 IDT-ICS581-01 Datasheet
110Kb / 10P
   ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
logo
Renesas Technology Corp
ICS581-01 RENESAS-ICS581-01 Datasheet
222Kb / 10P
   ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
051310
logo
Integrated Circuit Syst...
9DMU0141 ICST-9DMU0141 Datasheet
120Kb / 10P
   Selectable asynchronous or glitch-free switching
logo
Integrated Device Techn...
9DMU0441 IDT-9DMU0441 Datasheet
121Kb / 11P
   Selectable asynchronous or glitch-free switching
9DMU0141 IDT-9DMU0141 Datasheet
120Kb / 10P
   Selectable asynchronous or glitch-free switching
logo
Renesas Technology Corp
F1951 RENESAS-F1951 Datasheet
2Mb / 23P
   Glitch-FreeTM, < 0.6 dB transient overshoot Spurious Free Design
logo
List of Unclassifed Man...
ATXP5 ETC1-ATXP5 Datasheet
95Kb / 12P
   Jumper Free Over Clock Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com