Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

580G-01LFT Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 580G-01LFT
Description  GLITCH-FREE CLOCK MULITPLEXER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

580G-01LFT Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 580G-01LFT Datasheet HTML 2Page - Integrated Device Technology 580G-01LFT Datasheet HTML 3Page - Integrated Device Technology 580G-01LFT Datasheet HTML 4Page - Integrated Device Technology 580G-01LFT Datasheet HTML 5Page - Integrated Device Technology 580G-01LFT Datasheet HTML 6Page - Integrated Device Technology 580G-01LFT Datasheet HTML 7Page - Integrated Device Technology 580G-01LFT Datasheet HTML 8Page - Integrated Device Technology 580G-01LFT Datasheet HTML 9Page - Integrated Device Technology 580G-01LFT Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ICS580-01
GLITCH-FREE CLOCK MULITPLEXER
CLOCK MULTIPLEXER
IDT™ / ICS™ GLITCH-FREE CLOCK MULITPLEXER
6
ICS580-01
REV L 051310
Split Power Supplies
The VDDI pin provides the power for the INA and INB input buffers only. All the other inputs and the rest of the chip
are connected to VDDC. This allows for supply voltage translation. For example, INA and INB could be 5V clocks
(VDDI = 5V) and the rest of the chip could use a 3.3V supply on VDDC giving 3.3V output clocks. For correct
operation VDDI must always be greater than or equal to VDDC.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS580-01. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these
or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3V ±5%, Ambient Temperature -40 to +85
° C
Item
Rating
Supply Voltage, VDD
7V
All Inputs and Outputs
-0.5V to VDD+0.5V
Ambient Operating Temperature
0 to +70
° C
Ambient Operating Temperature
-40 to +85
° C
Storage Temperature
-65 to +150
° C
Junction Temperature
125
° C
Soldering Temperature
260
° C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
+70
° C
Ambient Operating Temperature
-40
+85
° C
Power Supply Voltage (measured in respect to GND)
+2.5
+5.5
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDDC
2.5
5.5
V
VDDI
VDDC
5.5
V
Supply Current
IDD
50 MHz, no load
6
mA
Input High Voltage
VIH
Non-clock inputs
2
VDDC
V
Input Low Voltage
VIL
Non-clock inputs
0.8
V
Input High Voltage
VIH
INA and INB only
Note 3
(VDDC/2)+1
VDDI
V


Similar Part No. - 580G-01LFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
580G-01LFT RENESAS-580G-01LFT Datasheet
400Kb / 14P
   GLITCH-FREE CLOCK MULITPLEXER
051310
More results

Similar Description - 580G-01LFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS580-01 RENESAS-ICS580-01 Datasheet
400Kb / 14P
   GLITCH-FREE CLOCK MULITPLEXER
051310
logo
Integrated Circuit Syst...
ICS580-01 ICST-ICS580-01 Datasheet
61Kb / 6P
   Glitch-Free Clock Multiplexer
ICS581-01 ICST-ICS581-01 Datasheet
92Kb / 6P
   Zero-Delay Glitch-Free Clock Multiplexer
logo
Integrated Device Techn...
ICS581-01 IDT-ICS581-01 Datasheet
110Kb / 10P
   ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
logo
Renesas Technology Corp
ICS581-01 RENESAS-ICS581-01 Datasheet
222Kb / 10P
   ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
051310
logo
Integrated Circuit Syst...
9DMU0141 ICST-9DMU0141 Datasheet
120Kb / 10P
   Selectable asynchronous or glitch-free switching
logo
Integrated Device Techn...
9DMU0441 IDT-9DMU0441 Datasheet
121Kb / 11P
   Selectable asynchronous or glitch-free switching
9DMU0141 IDT-9DMU0141 Datasheet
120Kb / 10P
   Selectable asynchronous or glitch-free switching
logo
Renesas Technology Corp
F1951 RENESAS-F1951 Datasheet
2Mb / 23P
   Glitch-FreeTM, < 0.6 dB transient overshoot Spurious Free Design
logo
List of Unclassifed Man...
ATXP5 ETC1-ATXP5 Datasheet
95Kb / 12P
   Jumper Free Over Clock Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com