Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8745BYILFT Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 8745BYILFT
Description  1:5 Differential-to-LVDS Zero Delay Clock Generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8745BYILFT Datasheet(HTML) 1 Page - Integrated Device Technology

  8745BYILFT Datasheet HTML 1Page - Integrated Device Technology 8745BYILFT Datasheet HTML 2Page - Integrated Device Technology 8745BYILFT Datasheet HTML 3Page - Integrated Device Technology 8745BYILFT Datasheet HTML 4Page - Integrated Device Technology 8745BYILFT Datasheet HTML 5Page - Integrated Device Technology 8745BYILFT Datasheet HTML 6Page - Integrated Device Technology 8745BYILFT Datasheet HTML 7Page - Integrated Device Technology 8745BYILFT Datasheet HTML 8Page - Integrated Device Technology 8745BYILFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
DATA SHEET
ICS8745BYI REVISION D JUNE 11, 2009
1
©2009 Integrated Device Technology, Inc.
1:5 Differential-to-LVDS Zero Delay
Clock Generator
ICS8745BI
General Description
The ICS8745BI is a highly versatile 1:5 LVDS Clock
Generator and a member of the HiPerClockS™ family
of High Performance Clock Solutions from IDT. The
ICS8745BI has a fully integrated PLL and can be
configured as zero delay buffer, multiplier or divider,
and has an output frequency range of 31.25MHz to 700MHz. The
Reference Divider, Feedback Divider and Output Divider are each
programmable, thereby allowing for the following output-to-input
frequency ratios: 8:1, 4:1, 2:1, 1:1, 1:2, 1:4, 1:8. The external
feedback allows the device to achieve “zero delay” between the input
clock and the output clocks. The PLL_SEL pin can be used to
bypass the PLL for system test and debug purposes. In bypass
mode, the reference clock is routed around the PLL and into the
internal output dividers.
Features
Five differential LVDS outputs designed to meet
or exceed the requirements of ANSI TIA/EIA-644
Selectable differential clock inputs
CLKx, nCLKx pairs can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL
Output frequency range: 31.25MHz to 700MHz
Input frequency range: 31.25MHz to 700MHz
VCO range: 250MHz to 700MHz
External feedback for “zero delay” clock regeneration
with configurable frequencies
Programmable dividers allow for the following output-to-input
frequency ratios: 8:1, 4:1, 2:1, 1:1, 1:2, 1:4, 1:8
Cycle-to-cycle jitter: 30ps (maximum)
Output skew: 40ps (maximum)
Static phase offset: 25ps ± 125ps
Full 3.3V supply voltage
-40°C to 85°C ambient operating temperature
Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages
HiPerClockS™
ICS
ICS8745BI
32-Lead LQFP 7mm x 7mm x 1.4mm
package body
Top View
Block Diagram
PLL_SEL
CLK0
nCLK0
CLK1
nCLK1
CLK_SEL
FB_IN
nFB_IN
SEL0
SEL1
SEL2
SEL3
MR
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
0
1
PLL
8:1, 4:1, 2:1, 1:1,
1:2, 1:4, 1:8
0
1
÷1, ÷2, ÷4, ÷8,
÷16, ÷32, ÷64
Pullup
Pullup
Pulldown
Pullup
Pulldown
Pullup
Pulldown
Pulldown
Pullup
Pulldown
Pulldown
Pulldown
Pulldown
Pulldown
Pulldown
Pin Assignment
9
10
11 12 13
14 15 16
32
31 30
29 28
27 26 25
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
SEL0
SEL1
CLK0
nCLK0
CLK1
nCLK1
CLK_SEL
MR
Q3
nQ3
VDDO
Q2
nQ2
GND
Q1
nQ1


Similar Part No. - 8745BYILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8745BYILFT RENESAS-8745BYILFT Datasheet
880Kb / 21P
   1:5 Differential-to-LVDS Zero Delay Clock Generator
2019
More results

Similar Description - 8745BYILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8745B ICST-ICS8745B Datasheet
192Kb / 15P
   1:5 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
logo
Renesas Technology Corp
ICS8745BI RENESAS-ICS8745BI Datasheet
880Kb / 21P
   1:5 Differential-to-LVDS Zero Delay Clock Generator
2019
8745B-21 RENESAS-8745B-21 Datasheet
519Kb / 20P
   1:1 Differential-to-LVDS Zero Delay Clock Generator
Rev D 2/17/15
logo
Integrated Device Techn...
8745BI-21 IDT-8745BI-21 Datasheet
423Kb / 20P
   1:1 Differential-to-LVDS Zero Delay Clock Generator
logo
Renesas Technology Corp
8745BI-21 RENESAS-8745BI-21 Datasheet
620Kb / 21P
   1:1 Differential-to-LVDS Zero Delay Clock Generator
January 10, 2017
logo
Integrated Device Techn...
874S02I IDT-874S02I Datasheet
401Kb / 17P
   1:1 Differential-to-LVDS Zero Delay Clock Generator
logo
Renesas Technology Corp
874S02I RENESAS-874S02I Datasheet
533Kb / 16P
   1:1 Differential-to-LVDS Zero Delay Clock Generator
July 6, 2021
logo
Integrated Circuit Syst...
ICS8735-01 ICST-ICS8735-01 Datasheet
287Kb / 17P
   1:5 DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
logo
Integrated Device Techn...
8735-31 IDT-8735-31_16 Datasheet
424Kb / 21P
   1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
logo
Renesas Technology Corp
8735-31 RENESAS-8735-31 Datasheet
620Kb / 22P
   1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
January 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com