Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

251MI-XXLFT Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 251MI-XXLFT
Description  Field Programmable SS VersaClock Synthesizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

251MI-XXLFT Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 251MI-XXLFT Datasheet HTML 2Page - Integrated Device Technology 251MI-XXLFT Datasheet HTML 3Page - Integrated Device Technology 251MI-XXLFT Datasheet HTML 4Page - Integrated Device Technology 251MI-XXLFT Datasheet HTML 5Page - Integrated Device Technology 251MI-XXLFT Datasheet HTML 6Page - Integrated Device Technology 251MI-XXLFT Datasheet HTML 7Page - Integrated Device Technology 251MI-XXLFT Datasheet HTML 8Page - Integrated Device Technology 251MI-XXLFT Datasheet HTML 9Page - Integrated Device Technology 251MI-XXLFT Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
8
REVISION E 05/19/14
ICS251 DATASHEET
Package Outline and Package Dimensions (8-pin SOIC, 150 Mil. Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
Parts that are ordered with a “LF” suffix to the part number are the Pb-Free configuration and are RoHS compliant.
The 251M-XX, 251M-XXLF, 251MI-XX, and 251MI-XXLF are factory programmed versions of the ICS251PM, ICS251PMLF, ICS251PMI,
and ICS251PMILF. A unique “-XX” suffix is assigned by the factory for each custom configuration, and a separate data sheet is kept
on file. For more information on custom part numbers programmed at the factory, please contact your local IDT sales and marketing
representative.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
251PM
See Page 7 Above
Tubes
8-pin SOIC
0 to +70
 C
251PMI
Tubes
8-pin SOIC
-40 to +85
 C
251PMLF
Tubes
8-pin SOIC
0 to +70
 C
251PMILF
Tubes
8-pin SOIC
-40 to +85
 C
251M-XX
251M-XX
Tubes
8-pin SOIC
0 to +70
 C
251MI-XX
251MIXX
Tubes
8-pin SOIC
-40 to +85
 C
251M-XXLF
251MXXL
Tubes
8-pin SOIC
0 to +70
 C
251MI-XXLF
251MIXXL
Tubes
8-pin SOIC
-40 to +85
 C
251M-XXT
251M-XX
Tape and Reel
8-pin SOIC
0 to +70
 C
251MI-XXT
251MIXX
Tape and Reel
8-pin SOIC
-40 to +85
 C
251M-XXLFT
251MXXL
Tape and Reel
8-pin SOIC
0 to +70
 C
251MI-XXLFT
251MIXXL
Tape and Reel
8-pin SOIC
-40 to +85
 C
INDEX
AREA
1 2
8
D
E
SEATING
PLANE
A1
A
e
- C -
B
.10 (.004)
C
C
L
H
h x 45
Millimeters
Inches
Symbol
Min
Max
Min
Max
A
1.35
1.75
.0532
.0688
A1
0.10
0.25
.0040
.0098
B
0.33
0.51.013.020
C
0.19
0.25
.0075
.0098
D
4.80
5.00
.1890
.1968
E
3.80
4.00
.1497
.1574
e
1.27 BASIC
0.050 BASIC
H
5.80
6.20
.2284
.2440
h
0.25
0.50.010.020
L
0.40
1.27.016.050
0
8
0
8


Similar Part No. - 251MI-XXLFT

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
251 CTS-251 Datasheet
68Kb / 2P
   Long life, 9mm diameter, composition element, variable resistor
logo
Littelfuse
251 LITTELFUSE-251 Datasheet
864Kb / 4P
   Axial Lead & Cartridge Fuses
logo
Oscilent Corporation
251-12.0M-SR-05GP OSCILENT-251-12.0M-SR-05GP Datasheet
170Kb / 4P
   SMD Quartz Crystal
251-12.0M-SR-05GR OSCILENT-251-12.0M-SR-05GR Datasheet
170Kb / 4P
   SMD Quartz Crystal
251-12.0M-SR-05GS OSCILENT-251-12.0M-SR-05GS Datasheet
170Kb / 4P
   SMD Quartz Crystal
More results

Similar Description - 251MI-XXLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS341 ICST-ICS341 Datasheet
152Kb / 7P
   Field Programmable SS VersaClock Synthesizer
logo
Integrated Device Techn...
ICS341 IDT-ICS341 Datasheet
114Kb / 9P
   FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
ICS251 IDT-ICS251 Datasheet
216Kb / 10P
   FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
logo
Integrated Circuit Syst...
ICS342 ICST-ICS342 Datasheet
151Kb / 7P
   FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS252 ICST-ICS252 Datasheet
153Kb / 9P
   Field Programmable Dual Output SS VersaClock Synthesizer
logo
Integrated Device Techn...
ICS252 IDT-ICS252_12 Datasheet
115Kb / 10P
   FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS345 IDT-ICS345_13 Datasheet
130Kb / 9P
   TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
logo
Integrated Circuit Syst...
ICS343 ICST-ICS343 Datasheet
149Kb / 7P
   Field Programmable Triple Output SS VersaClock Synthesizer
logo
Integrated Device Techn...
ICS252 IDT-ICS252 Datasheet
210Kb / 11P
   FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS342 IDT-ICS342 Datasheet
128Kb / 9P
   FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com