Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT5V41315 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT5V41315
Description  2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5V41315 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT5V41315 Datasheet HTML 1Page - Integrated Device Technology IDT5V41315 Datasheet HTML 2Page - Integrated Device Technology IDT5V41315 Datasheet HTML 3Page - Integrated Device Technology IDT5V41315 Datasheet HTML 4Page - Integrated Device Technology IDT5V41315 Datasheet HTML 5Page - Integrated Device Technology IDT5V41315 Datasheet HTML 6Page - Integrated Device Technology IDT5V41315 Datasheet HTML 7Page - Integrated Device Technology IDT5V41315 Datasheet HTML 8Page - Integrated Device Technology IDT5V41315 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
IDT5V41315
2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
IDT® 2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
3
IDT5V41315
MAY 8, 2017
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the IDT5V41315. These ratings are stress ratings
only. Functional operation of the device at these or any other conditions above those indicated in the operational sections of
the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can affect product
reliability. Electrical parameters are guaranteed only over the recommended operating temperature range.
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, TA = TAMBIENT
1. Single edge is monotonic when transitioning through region.
2. Inputs with pull-ups/-downs are not included.
Item
Rating
Supply Voltage, VDDXD, VDDODA
4.6 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Storage Temperature
-65 to +150
C
Junction Temperature
125
C
Soldering Temperature
260
C
ESD Protection (Input)
2000 V min. (HBM)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Supply Voltage
V
3.135
3.3
3.465
V
Ambient Operating
Temperature
TAMBIENT Industrial Temperature range
-40
+25
+85
°C
Input High Voltage1
VIH
S0, S1, OE, ICLK
2.2
VDD +0.3
V
Input Low Voltage1
VIL
S0, S1, OE, ICLK
VSS-0.3
0.8
V
Input Leakage Current2
IIL
0 < Vin < VDD
-5
5
A
Operating Supply Current
@100 MHz
IDD
RS=33RP=50, CL=2 pF
63
85
mA
IDDOE
OE =Low
42
50
mA
Input Capacitance
CIN
Input pin capacitance
7
pF
Output Capacitance
COUT
Output pin capacitance
6
pF
X1, X2 Capacitance
CINX
5pF
Pin Inductance
LPIN
5nH
Output Impedance
ZO
CLK outputs
3.0
k
Pull-up Resistor
RPU
S0, S1, OE
100
k


Similar Part No. - IDT5V41315

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V41064 IDT-IDT5V41064 Datasheet
122Kb / 12P
   1 OUTPUT PCIE GEN1/2 SYNTHESIZER Spread-spectrum capable; reduces EMI
logo
Renesas Technology Corp
IDT5V41064 RENESAS-IDT5V41064 Datasheet
354Kb / 14P
   1 OUTPUT PCIE GEN1/2 SYNTHESIZER
APRIL 17, 2017
logo
Integrated Device Techn...
IDT5V41065 IDT-IDT5V41065 Datasheet
318Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
IDT5V41066 RENESAS-IDT5V41066 Datasheet
335Kb / 15P
   4 OUTPUT PCIE GEN1/2 SYNTHESIZER
112211
logo
Integrated Device Techn...
IDT5V41067A IDT-IDT5V41067A Datasheet
194Kb / 13P
   20-pin TSSOP package
More results

Similar Description - IDT5V41315

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5V41235 IDT-5V41235 Datasheet
317Kb / 18P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
logo
Renesas Technology Corp
5V41315 RENESAS-5V41315 Datasheet
750Kb / 17P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
Mar 2020
5V41235 RENESAS-5V41235 Datasheet
496Kb / 19P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
5V41065PGG IDT-5V41065PGG Datasheet
133Kb / 12P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
5V41065 RENESAS-5V41065 Datasheet
499Kb / 19P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41065 IDT-IDT5V41065 Datasheet
318Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
5V41285 RENESAS-5V41285 Datasheet
467Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
5V41234 RENESAS-5V41234 Datasheet
355Kb / 14P
   1 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
5V41236 RENESAS-5V41236 Datasheet
506Kb / 14P
   4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41285 IDT-IDT5V41285 Datasheet
315Kb / 17P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com