Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

51M-20LF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 51M-20LF
Description  SPREAD SPECTRUM CLOCK GENERATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

51M-20LF Datasheet(HTML) 2 Page - Integrated Device Technology

  51M-20LF Datasheet HTML 1Page - Integrated Device Technology 51M-20LF Datasheet HTML 2Page - Integrated Device Technology 51M-20LF Datasheet HTML 3Page - Integrated Device Technology 51M-20LF Datasheet HTML 4Page - Integrated Device Technology 51M-20LF Datasheet HTML 5Page - Integrated Device Technology 51M-20LF Datasheet HTML 6Page - Integrated Device Technology 51M-20LF Datasheet HTML 7Page - Integrated Device Technology 51M-20LF Datasheet HTML 8Page - Integrated Device Technology 51M-20LF Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ICS7151
SPREAD SPECTRUM CLOCK GENERATOR
SSCG
IDT™ / ICS™ SPREAD SPECTRUM CLOCK GENERATOR
2
ICS7151
REV J 051310
Pin Assignment
Spread Direction and Percentage
Select Table
Notes:
1. The modulation rate varies with input frequency.
2. Spread will default to ON when ENS pin is left open.
Pin Descriptions
XOUT
GND
S0
VDD
S1
CKOUT
ENS
XIN
1
2
3
4
8
7
6
5
8 pin (150 mil) SOIC
S1
Pin 4
(note1)
S0
Pin 3
(note1)
Spread
Direction
Spread
Percentage (%)
0
0
Center
±1.5
0
1
Center
±0.5
10
Down
-1.0
1
1
Down
-3.0
ENS
(note 2)
Spread Spectrum
0
OFF
1
ON
Pin
Number
Pin
Name
Pin Type
Pin Description
1
XIN
Input
Resonator connection pin/clock input pin.
2
GND
Power
Connect to ground.
3
S0
Input
Select pin 0. Modulation rate setting pin.
4
S1
Input
Select pin 1. Modulation rate setting pin.
5
CKOUT
Output
Modulated clock output pin.
6
ENS
Input
Modulation enable setting pin. Internal pull-up resistor.
7
VDD
Power
Connect to +3.3 V.
8
XOUT
Output
Resonator connection pin.


Similar Part No. - 51M-20LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
51M-E1 ETC2-51M-E1 Datasheet
556Kb / 2P
   Beacons with Horn Flashing Incandescent
51M-G1 ETC2-51M-G1 Datasheet
556Kb / 2P
   Beacons with Horn Flashing Incandescent
51M-G5-20W ETC2-51M-G5-20W Datasheet
556Kb / 2P
   Beacons with Horn Flashing Incandescent
51M-N5-40W3 ETC2-51M-N5-40W3 Datasheet
556Kb / 2P
   Beacons with Horn Flashing Incandescent
More results

Similar Description - 51M-20LF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com