Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASPI-0320S-120 Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASPI-0320S-120
Description  High reliability to mechanical stress
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0320S-120 Datasheet(HTML) 3 Page - Abracon Corporation

  ASPI-0320S-120 Datasheet HTML 1Page - Abracon Corporation ASPI-0320S-120 Datasheet HTML 2Page - Abracon Corporation ASPI-0320S-120 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
REFLOW PROFILE:
TAPE & REEL:
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications.
Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component
failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from
Abracon Corporation is required. Please contact Abracon Corporation for more information.
ASPI-0320S
RoHS
Compliant
Pb
30332 Esperanza,Rancho Santa Margarita,California92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 11.10.11
Visit www.abracon.com for Terms & Conditions of Sale
ABRACON IS
ISO9001:2008
CERTIFIED
3.2 x 3.2 x 2.0mm
T3: 3,000pcs / reel
Dimension: mm
Ao
3.6
Bo
3.3
Ko
1.35
W
12
P
8
T
0.3
A
330
B
21.0±0.8
C
13.5±0.5
G
12.6
N
99.5
T
17.2
ULTRA MINIATURE SHIELDED POWER INDUCTOR


Similar Part No. - ASPI-0320S-120

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0302 ABRACON-ASPI-0302 Datasheet
2Mb / 3P
   SMD Power Inductor
03.08.12
ASPI-0302-100 ABRACON-ASPI-0302-100 Datasheet
2Mb / 3P
   SMD Power Inductor
03.08.12
ASPI-0302-101 ABRACON-ASPI-0302-101 Datasheet
2Mb / 3P
   SMD Power Inductor
03.08.12
ASPI-0302-120 ABRACON-ASPI-0302-120 Datasheet
2Mb / 3P
   SMD Power Inductor
03.08.12
ASPI-0302-121 ABRACON-ASPI-0302-121 Datasheet
2Mb / 3P
   SMD Power Inductor
03.08.12
More results

Similar Description - ASPI-0320S-120

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0312FSSA ABRACON-ASPI-0312FSSA Datasheet
5Mb / 3P
   High reliability to mechanical stress
05.26.11
ASPI-0315FSSA ABRACON-ASPI-0315FSSA Datasheet
6Mb / 3P
   High reliability to mechanical stress
06.06.11
logo
jb Capacitors Company
JFM JBCAPACITORS-JFM Datasheet
219Kb / 1P
   High reliability at high current stress
logo
TOKO, Inc
FSDVA TOKO-FSDVA Datasheet
180Kb / 1P
   Highly durable against mechanical stress
logo
Lumileds Lighting Compa...
AB188 LUMILEDS-AB188 Datasheet
1Mb / 8P
   Circuit Design and Layout Practices to Minimize Electrical Stress
logo
Extech Instruments Corp...
HT30 EXTECH-HT30 Datasheet
165Kb / 12P
   Heat Stress WBGT Meter
logo
List of Unclassifed Man...
BHSD-2032 ETC2-BHSD-2032 Datasheet
60Kb / 1P
   Polypropylene, High environment stress crack resistance,Color Clear
logo
Lumileds Lighting Compa...
AB06 LUMILEDS-AB06 Datasheet
1Mb / 12P
   Circuit Design and Layout Practices to Minimize Electrical Stress
logo
Keysight Technologies
N4917B KEYSIGHT-N4917B Datasheet
2Mb / 21P
   Optical Receiver Stress Test Solution
logo
Agilent(Hewlett-Packard...
N4917A HP-N4917A Datasheet
1,013Kb / 12P
   Optical Receiver Stress Test Solution
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com