Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AISC-1210-5R6 Datasheet(PDF) 4 Page - Abracon Corporation

Part # AISC-1210-5R6
Description  Epoxy coating protects wound wire
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-1210-5R6 Datasheet(HTML) 4 Page - Abracon Corporation

  AISC-1210-5R6 Datasheet HTML 1Page - Abracon Corporation AISC-1210-5R6 Datasheet HTML 2Page - Abracon Corporation AISC-1210-5R6 Datasheet HTML 3Page - Abracon Corporation AISC-1210-5R6 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
AISC-1210-xxx
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 12.28.12
Visit www.abracon.com for Terms & Conditions of Sale
SMD CERAMIC WIRE-WOUND INDUCTORS
Pb RoHS
Compliant
3.65 x 2.95 x 2.70mm
REFLOW PROFILE:
Preheat condition: 150 ~200oC/60~120sec.
Allowed time above 217 oC: 60~90sec.
Max temp: 260 oC
Max time at max temp: 10sec.
Solder paste: Sn/3.0Ag/0.5Cu
Allowed Reflow time: 2x max
TAPE & REEL:
T= tape and reel (1,000pcs/reel)
Dimension: mm
A
B
P
K Max
T
2.96±0.2
3.60±0.2
4.0±0.1
2.50±0.3
0.3±0.1
4.0±0.1
50
Φ1.5(+0.1/ -0)
P
2.0±0.1
A
T
K
5.0 ±0.1
3.0 ±0.1
4.0±0.1
10±1.5
2.45 ±0.2
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications.
Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component
failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from
Abracon Corporation is required. Please contact Abracon Corporation for more information.


Similar Part No. - AISC-1210-5R6

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISC-1210-56N ABRACON-AISC-1210-56N Datasheet
2Mb / 4P
   SMD CERAMIC WIRE-WOUND INDUCTORS
12.28.12
More results

Similar Description - AISC-1210-5R6

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2.2K3A1I TEC-2.2K3A1I Datasheet
119Kb / 4P
   Thermally conductive epoxy coating
logo
Ohmite Mfg. Co.
RES-MINIMOX OHMITE-RES-MINIMOX Datasheet
350Kb / 2P
   Silicone or epoxy coating
logo
TE Connectivity Ltd
10K3A1AM TEC-10K3A1AM Datasheet
110Kb / 4P
   Thermally conductive epoxy coating
10K3A1 TEC-10K3A1 Datasheet
113Kb / 5P
   Thermally conductive epoxy coating
logo
MERITEK ELECTRONICS COR...
MDR MERITEK-MDR Datasheet
172Kb / 4P
   Spiral wound, ribbon element, nonflammable coating
logo
Pulse A Technitrol Comp...
1008 PULSE-1008 Datasheet
1Mb / 5P
   Wire Wound
PA2050.582NL PULSE-PA2050.582NL Datasheet
537Kb / 3P
   Wire Wound
0805 PULSE-0805 Datasheet
1Mb / 6P
   Wire Wound
PA2729.502NL PULSE-PA2729.502NL Datasheet
503Kb / 2P
   Wire Wound
logo
Vishay Siliconix
3145RTV VISHAY-3145RTV Datasheet
170Kb / 2P
   Protective Coating
Revision: 25-May-05
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com