Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR22W_R2_00001 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # SR22W_R2_00001
Description  SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SR22W_R2_00001 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SR22W_R2_00001 Datasheet HTML 1Page - Pan Jit International Inc. SR22W_R2_00001 Datasheet HTML 2Page - Pan Jit International Inc. SR22W_R2_00001 Datasheet HTML 3Page - Pan Jit International Inc. SR22W_R2_00001 Datasheet HTML 4Page - Pan Jit International Inc. SR22W_R2_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
April 25,2016-REV.05
SR22W SERIES
0.001
0.01
0.1
1
10
100
20
40
60
80
100
10
100
1000
0.1
1
10
100
VR, Reverse Bias Voltage (V)
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VF, Forward Voltage (V)
TJ=25°C
TJ=75°C
TJ=150°C
60V
0.1
1
10
0
0.2
0.4
0.6
0.8
1
VF, Forward Voltage (V)
TJ = 25°C
TJ = 150°C
TJ = 75°C
20~40V
0
0.5
1
1.5
2
2.5
0
25
50
75
100
125
150
TL, Lead Temperature (°C)
20-30V
40-60V
Mounted on PCB with
6x5mm copper pad
area.
Fig.1 Forward Current Derating Curve
Fig.3 Typical Forward Characteristics
Fig.5 Typical Reverse Characteristics
TJ = 25°C
TJ = 125°C
Fig.2 Typical Junction Capacitance
Percent of Rated Peak Reverse Voltage (%)
Fig.4 Typical Forward Characteristics
0
20
40
60
80
100
120
0
25
50
75
100
125
150
TJ, Junction Temperature (°C)
Fig.
6 Operating Temperature Derating Curve


Similar Part No. - SR22W_R2_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SR22W PANJIT-SR22W Datasheet
556Kb / 5P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR22W_R2_00001

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com