Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR34LF_R1_00001 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # SR34LF_R1_00001
Description  ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SR34LF_R1_00001 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  SR34LF_R1_00001 Datasheet HTML 1Page - Pan Jit International Inc. SR34LF_R1_00001 Datasheet HTML 2Page - Pan Jit International Inc. SR34LF_R1_00001 Datasheet HTML 3Page - Pan Jit International Inc. SR34LF_R1_00001 Datasheet HTML 4Page - Pan Jit International Inc. SR34LF_R1_00001 Datasheet HTML 5Page - Pan Jit International Inc. SR34LF_R1_00001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PSR34LF
March 22,2016-REV.01
Page 3
1
10
100
1000
0.1
1
10
100
V
R, Reverse Bias Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
0
25
50
75
100
125
150
T
C, Case Temperature (°C)
0.001
0.01
0.1
1
10
100
1000
20
40
60
80
100
T
J = 25°C
T
J = 150°C
Fig.3 Typical Reverse Characteristics
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
T
J = 125°C
T
J = 75°C
0.01
0.1
1
10
0
0.2
0.4
0.6
V
F, Forward Voltage (V)
T
J = 25°C
T
J = 75°C
T
J = 150°C
Fig.4 Typical Forward Characteristics
T
J = 125°C
Percent of Rated Peak Reverse Voltage (%)
0
10
20
30
40
50
0
25
50
75
100
125
150
TJ, Junction Temperature (°C)
Fig.5 Operating Temperature Derating Curve


Similar Part No. - SR34LF_R1_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SR34LF PANJIT-SR34LF Datasheet
242Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR34LF_R1_00001

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SB1245 FAIRCHILD-SB1245 Datasheet
145Kb / 4P
   Ultra Low VF Schottky Barrier Rectifier
logo
Pan Jit International I...
SXM34AVF-AU PANJIT-SXM34AVF-AU_16 Datasheet
385Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SXM36VF PANJIT-SXM36VF_16 Datasheet
366Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SBT10100UYT PANJIT-SBT10100UYT_16 Datasheet
201Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
MB420L PANJIT-MB420L Datasheet
266Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SRT8100LF PANJIT-SRT8100LF_16 Datasheet
259Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SVT8100V PANJIT-SVT8100V Datasheet
228Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SVT8100VB PANJIT-SVT8100VB Datasheet
229Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SV1580VB PANJIT-SV1580VB Datasheet
251Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SXM36VF-AU PANJIT-SXM36VF-AU_16 Datasheet
367Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com