Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDR12BG101CDSP Datasheet(PDF) 6 Page - AVX Corporation

Part # CDR12BG101CDSP
Description  Microwave MLC?셲
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CDR12BG101CDSP Datasheet(HTML) 6 Page - AVX Corporation

  CDR12BG101CDSP Datasheet HTML 1Page - AVX Corporation CDR12BG101CDSP Datasheet HTML 2Page - AVX Corporation CDR12BG101CDSP Datasheet HTML 3Page - AVX Corporation CDR12BG101CDSP Datasheet HTML 4Page - AVX Corporation CDR12BG101CDSP Datasheet HTML 5Page - AVX Corporation CDR12BG101CDSP Datasheet HTML 6Page - AVX Corporation CDR12BG101CDSP Datasheet HTML 7Page - AVX Corporation CDR12BG101CDSP Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
8
217
Microwave MLC’s
Performance Curves
AVX CORPORATION
100
1000
Frequency (MHz)
1 Picofarad
15 Picofarad
100 Picofarad
1000
100
10
Q
10000
TYPICAL Q vs. FREQUENCY
AQ11/12
MIL-PRF-55681E - BP
STANDARD - A
AVX CORPORATION
1
10
100
Capacitance (pF)
250 MHz
500 MHz
1000 MHz
0.1
0.01
ESR (ohms)
1
TYPICAL ESR vs. CAPACITANCE
AQ11/12
MIL-PRF-55681E - BP
STANDARD - A
AVX CORPORATION
1
10
100
Capacitance (pF)
250 MHz
500 MHz
1000 MHz
1000
100
10
Q
10000
TYPICAL Q vs. CAPACITANCE
AQ11/12
MIL-PRF-55681E - BP
STANDARD - A
AVX CORPORATION
100
1000
Frequency (MHz)
100 Picofarad
15 Picofarad
1 Picofarad
0.1
0.01
ESR (ohms)
1
TYPICAL ESR vs. FREQUENCY
AQ11/12
MIL-PRF-55681E - BP
STANDARD - A


Similar Part No. - CDR12BG101CDSP

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
CDR1247UBKPDLRSTA HUBERSUHNER-CDR1247UBKPDLRSTA Datasheet
26Mb / 1P
   CDR 300, 47U, pe%orated vented doors le&, standard, black
CDR1247UGYPDLRSTA HUBERSUHNER-CDR1247UGYPDLRSTA Datasheet
26Mb / 1P
   CDR 300, 47U, pe(orated vented doors le), standard, grey
logo
Sumida Corporation
CDR125 SUMIDA-CDR125 Datasheet
147Kb / 2P
   Power Inductors
logo
AIT Components Ltd.
CDR125B AITCOMPONENTS-CDR125B Datasheet
31Kb / 1P
   CDR125B SMD POWER INDUCTOR
CDR125B-100 AITCOMPONENTS-CDR125B-100 Datasheet
31Kb / 1P
   CDR125B SMD POWER INDUCTOR
More results

Similar Description - CDR12BG101CDSP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SQCB7M3R6BAJME AVX-SQCB7M3R6BAJME Datasheet
914Kb / 7P
   Microwave MLC?셲
AQ147A120JAJME AVX-AQ147A120JAJME Datasheet
630Kb / 4P
   Microwave MLC?셲
AQ11EA380JA7WE AVX-AQ11EA380JA7WE Datasheet
630Kb / 4P
   Microwave MLC?셲 AQ Series
SQCBEM102KATME500 AVX-SQCBEM102KATME500 Datasheet
148Kb / 1P
   Microwave MLC?셲 SQ A Case & B Case Ultra Low ESR MLC
SQCB7M100JAT1A AVX-SQCB7M100JAT1A Datasheet
148Kb / 1P
   Microwave MLC?셲, SQ A Case & B Case Ultra Low ESR MLC
GH16 AVX-GH16 Datasheet
72Kb / 2P
   Microwave SLC?셲
UQCB7A100JATME AVX-UQCB7A100JATME Datasheet
3Mb / 13P
   Microwave MLC`s UQ Series High Q Ultra Low ESR MLC
550Z104KTT AVX-550Z104KTT Datasheet
1Mb / 7P
   RF/Microwave Capacitors RF/Microwave Multilayer Capacitors (MLC) 550-560 Series UBC™ Ultra-Broadband Capacitor
Rev 4
0805AA330KAT1A AVX-0805AA330KAT1A Datasheet
99Kb / 2P
   High Voltage MLC Chips
1825CC104KAT1A AVX-1825CC104KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com