Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC0603JFNPO5BN Datasheet(PDF) 3 Page - YAGEO Corporation

Part # AC0603JFNPO5BN
Description  SURFACE MOUNT MULTILAYER CERAMIC CAPACITORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AC0603JFNPO5BN Datasheet(HTML) 3 Page - YAGEO Corporation

  AC0603JFNPO5BN Datasheet HTML 1Page - YAGEO Corporation AC0603JFNPO5BN Datasheet HTML 2Page - YAGEO Corporation AC0603JFNPO5BN Datasheet HTML 3Page - YAGEO Corporation AC0603JFNPO5BN Datasheet HTML 4Page - YAGEO Corporation AC0603JFNPO5BN Datasheet HTML 5Page - YAGEO Corporation AC0603JFNPO5BN Datasheet HTML 6Page - YAGEO Corporation AC0603JFNPO5BN Datasheet HTML 7Page - YAGEO Corporation AC0603JFNPO5BN Datasheet HTML 8Page - YAGEO Corporation AC0603JFNPO5BN Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Automotive grade
NP0
/X7R 6.3 V to 630 V
www.yageo.com
Mar. 31, 2017 V.6
Surface-Mount Ceramic Multilayer Capacitors
3
24
Product specification
CONSTRUCTION
The capacitor consists of a
rectangular block of ceramic
dielectric in which a number of
interleaved metal electrodes are
contained. This structure gives
rise to a high capacitance per
unit volume.
The inner electrodes are
connected to the two end
terminations and finally covered
with a layer of plated tin (Matte
Sn). The terminations are lead-
free. A cross section of the
structure is shown in Fig.1.
Fig. 1 Surface mounted multilayer ceramic capacitor construction
TYPE
L1 (mm)
W (mm)
T (MM)
L2 / L3 (mm) L4 (mm)
min.
max.
min.
0402
1.0 ± 0.05
0.5 ± 0.05
Refer to
table 3 to 12
0.15
0.30
0.40
0603
1.6 ± 0.10
0.8 ± 0.10
0.20
0.60
0.40
0805
2.0 ± 0.20
1.25 ± 0.20
0.25
0.75
1.40
1206
3.2 ± 0.30
1.6 ± 0.20
0.25
0.75
1.40
1210
3.2 ± 0.30
2.5 ± 0.20
0.25
0.75
1.40
1812
4.5± 0.40
3.2± 0.40
0.25
0.75
2.20
Table 1 For outlines see fig. 2
DIMENSION
O
OU
UT
TL
LIIN
NE
ES
S
For dimension see Table 1
Fig. 2 Surface mounted multilayer
ceramic capacitor dimension
O
OU
UT
TL
LIIN
NE
ES
S
For dimensions see Table 2
Fig. 3 Surface mounted multilayer ceramic capacitor dimension
TYPE
0508
(4 X 0402)
0612
(4 X 0603)
L (mm)
2.0 ± 0.15
3.2 ± 0.15
W (mm)
1.25 ± 0.15
1.60 ± 0.15
Tmin. (mm)
0.50
0.70
Tmax. (mm)
0.70
0.90
A (mm)
0.28 ± 0.10
0.4 ± 0.10
B (mm)
0.2 ± 0.10
0.3 ± 0.20
P (mm)
0.5 ± 0.10
0.8 ± 0.10
Table 2 For outlines see fig. 3


Similar Part No. - AC0603JFNPO5BN

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AC0603JK-07100R YAGEO-AC0603JK-07100R Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0603JK-0710M YAGEO-AC0603JK-0710M Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0603JK-0710R YAGEO-AC0603JK-0710R Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0603JK-0710RL YAGEO-AC0603JK-0710RL Datasheet
774Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0603JK-071K YAGEO-AC0603JK-071K Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
More results

Similar Description - AC0603JFNPO5BN

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com