Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5825IL-T13 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL5825IL-T13
Description  8-Channel TFT-LCD Reference Voltage Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5825IL-T13 Datasheet(HTML) 2 Page - Intersil Corporation

  EL5825IL-T13 Datasheet HTML 1Page - Intersil Corporation EL5825IL-T13 Datasheet HTML 2Page - Intersil Corporation EL5825IL-T13 Datasheet HTML 3Page - Intersil Corporation EL5825IL-T13 Datasheet HTML 4Page - Intersil Corporation EL5825IL-T13 Datasheet HTML 5Page - Intersil Corporation EL5825IL-T13 Datasheet HTML 6Page - Intersil Corporation EL5825IL-T13 Datasheet HTML 7Page - Intersil Corporation EL5825IL-T13 Datasheet HTML 8Page - Intersil Corporation EL5825IL-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN7005.4
June 24, 2005
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage between VS and GND. . . . . . . . . . . . . . . . . . . .+18V
Supply Voltage between VSD and GND . . . . . . . VS and +7V (max)
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 30mA
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . 125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
VS = 15V, VSD = 5V, VREFH = 13V, VREFL = 2V, RL = 1.5kΩ and CL = 200pF to 0V, TA = 25°C, unless
otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
IS
Supply Current
No load
7.6
9
mA
ISD
Digital Supply Current
0.17
0.35
mA
ANALOG
VOL
Output Swing Low
Sinking 5mA (VREFH = 15V, VREFL = 0)
50
150
mV
VOH
Output Swing High
Sourcing 5mA (VREFH = 15V, VREFL = 0)
14.85
14.95
V
ISC
Short Circuit Current
RL = 10Ω
100
140
mA
PSRR
Power Supply Rejection Ratio
VS+ is moved from 14V to 16V
45
60
dB
tD
Program to Out Delay
4ms
VAC
Accuracy
20
mV
VDROOP
Droop Voltage
12
mV/ms
RINH
Input Resistance @ VREFH, VREFL
34
k
REG
Load Regulation
IOUT = 5mA step
0.5
1.5
mV/mA
BG
Band Gap
1.1
1.3
1.6
V
DIGITAL
VIH
Logic 1 Input Voltage
VSD-
20%
V
VIL
Logic 0 Input Voltage
20%*
VSD
V
FCLK
Clock Frequency
5MHz
tS
Setup Time
20
ns
tH
Hold Time
20
ns
tLC
Load to Clock Time
20
ns
tCE
Clock to Load Line
20
ns
tDCO
Clock to Out Delay Time
Negative edge of SCLK
10
ns
RSDIN
SDIN Input Resistance
1G
EL5825


Similar Part No. - EL5825IL-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5825IL-T13 RENESAS-EL5825IL-T13 Datasheet
803Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
More results

Similar Description - EL5825IL-T13

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5825C ELANTEC-EL5825C Datasheet
81Kb / 3P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5126 INTERSIL-EL5126_06 Datasheet
323Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5825 RENESAS-EL5825 Datasheet
803Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5126 INTERSIL-EL5126 Datasheet
391Kb / 11P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5126 RENESAS-EL5126 Datasheet
697Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
EL5525 RENESAS-EL5525 Datasheet
734Kb / 10P
   18-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5225 INTERSIL-EL5225 Datasheet
859Kb / 12P
   10-Channel TFT-LCD Reference Voltage Generator
EL5325 INTERSIL-EL5325 Datasheet
775Kb / 11P
   12-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5225 RENESAS-EL5225 Datasheet
1Mb / 12P
   10-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5525 INTERSIL-EL5525 Datasheet
626Kb / 10P
   18-Channel TFT-LCD Reference Voltage Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com