Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRBSCS-01-1000.000 Datasheet(PDF) 1 Page - CRYSTEK CORPORATION

Part # CRBSCS-01-1000.000
Description  2 ms Typical, 5 ms Max
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Direct Link  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION

CRBSCS-01-1000.000 Datasheet(HTML) 1 Page - CRYSTEK CORPORATION

  CRBSCS-01-1000.000 Datasheet HTML 1Page - CRYSTEK CORPORATION CRBSCS-01-1000.000 Datasheet HTML 2Page - CRYSTEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
C
12730 Commonwealth Drive
Fort Myers, Florida 33913
Phone: 239-561-3311
800-237-3061
Fax: 239-561-1025
www.crystek.com
CRYSTEK
C OR P OR A T IO N
CRYSTEK
M I C R O W A V E
A Division of Crystek Corporation
Product Control:
Crystek Part Number:
Revision Level:
Release Date:
Responsible:
C
C. Vales
03-Aug-2016
CRBSCS-01-1000.000
Box
ed
R
SOURCE
CRBSCS-01-1000.000
Page 1 of 2
CRYSTEK
M I C R O W A V E
A Division of Crystek Corporation
Box
ed
R
Unless otherwise specified, Dimensions are in: IN
(mm)
FRONT
BACK
SIDE
1.250
(31.75)
0.590
(14.99)
0.250
(6.35)
Out
5.5
– 15V
Vcc
N/C
0.625
(15.88)
0.625
(15.88)
0.625
(15.88)
1.250
(31.75)
CRYSTEK
CORPORATION
CRBSCS-01
1000 MHz
SMA
×3
Ø 0.118
Thru 2x
(3.00)
1.000
(25.40)
1.000
(25.40)
Ø 0.118
Thru 2×
(3.00)
1000.000 MHz
-40°C to 85°C
+5.5 V to +15 V
50 mA Max
TrueSineWave
±150ppm Typical
+8 dBm Min
2 ms Typical, 5 ms Max
50
Ω
-25 dBc Max
None
<5 ps RMS (1-sigma) Max
<1 ps RMS (1-sigma) Max
<1 ps RMS (1-sigma) Max
-110 dBc/Hz
-138 dBc/Hz
-148 dBc/Hz
-162 dBc/Hz
-170 dBc/Hz
-171 dBc/Hz
<3 ppm 1
st year, <1 ppm every year thereafter
Frequency:
Temperature Range:
Input Voltage:
Input Current:
Output:
Frequency Stability:
Output Power:
Start-up Time:
Load:
2
nd Harmonic:
Sub-Harmonics:
Period Jitter: (20,000 periods)
Phase Jitter: 12 kHz ~ 20 MHz
50 kHz ~ 80 MHz
Phase Noise Typical: 1 kHz
10 kHz
100 kHz
1 MHz
10 MHz
20 MHz
Aging:


Similar Part No. - CRBSCS-01-1000.000

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CRBSCS-01-100.000 CRYSTEKMICROWAVE-CRBSCS-01-100.000 Datasheet
173Kb / 1P
   2 ms Typical, 5 ms Max
More results

Similar Description - CRBSCS-01-1000.000

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CRBSCS-01-100.000 CRYSTEKMICROWAVE-CRBSCS-01-100.000 Datasheet
173Kb / 1P
   2 ms Typical, 5 ms Max
CRBSCS-01-80.000 CRYSTEKMICROWAVE-CRBSCS-01-80.000 Datasheet
111Kb / 1P
   2 ms Typical, 5 ms Max
CRBSCS-01-125.000 CRYSTEKMICROWAVE-CRBSCS-01-125.000 Datasheet
173Kb / 1P
   2 ms Typical, 5 ms Max
CRBSCS-01-245.760 CRYSTEKMICROWAVE-CRBSCS-01-245.760 Datasheet
192Kb / 2P
   2 ms Typical, 5 ms Max
CRBSCS-01-250.000 CRYSTEKMICROWAVE-CRBSCS-01-250.000 Datasheet
192Kb / 2P
   2 ms Typical, 5 ms Max
logo
Adels-Contact
412662 ADELS-412662 Datasheet
134Kb / 1P
   153/ 2 MS
logo
National Semiconductor ...
LM25066 NSC-LM25066 Datasheet
5Mb / 18P
   Evaluation Board Insertion delay: 147 ms (typical)
logo
List of Unclassifed Man...
ACM-8RF ETC1-ACM-8RF Datasheet
447Kb / 2P
   RELAY MODULE FOR USE WITH MS-9200 MS-9200UD MS-9600 AND MS-5210UD
logo
American Accurate Compo...
MS04A03T1V1 AAC-MS04A03T1V1 Datasheet
59Kb / 1P
   MS Low Capacitance MAX Guard짰 ESD Suppressor
logo
YAMAHA CORPORATION
YAS526C YAMAHA-YAS526C Datasheet
709Kb / 10P
   MS-2 Magnetic field Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com