Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5825ILZ-T13 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5825ILZ-T13
Description  8-Channel TFT-LCD Reference Voltage Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5825ILZ-T13 Datasheet(HTML) 5 Page - Intersil Corporation

  EL5825ILZ-T13 Datasheet HTML 1Page - Intersil Corporation EL5825ILZ-T13 Datasheet HTML 2Page - Intersil Corporation EL5825ILZ-T13 Datasheet HTML 3Page - Intersil Corporation EL5825ILZ-T13 Datasheet HTML 4Page - Intersil Corporation EL5825ILZ-T13 Datasheet HTML 5Page - Intersil Corporation EL5825ILZ-T13 Datasheet HTML 6Page - Intersil Corporation EL5825ILZ-T13 Datasheet HTML 7Page - Intersil Corporation EL5825ILZ-T13 Datasheet HTML 8Page - Intersil Corporation EL5825ILZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN7005.4
June 24, 2005
FIGURE 7. SMALL SIGNAL RESPONSE (FALLING FROM 200mV TO 100mV)
FIGURE 8. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 9. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 10. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 11. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
SCLK
SDA
ENA
OUTA
M=200µs/div
1.4
0
AMBIENT TEMPERATURE (°C)
1.2
1
0.8
0.6
0.4
0.2
0
25
50
75
100
125
85
1.176W
θ
JA =
85
°C
/W
TS
SO
P2
4
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
255075
100
125
AMBIENT TEMPERATURE (°C)
85
781mW
θ
JA =
12
8°C/
W
TS
SO
P2
4
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD - QFN EXPOSED
DIEPAD SOLDERED TO PCB PER JESD51-5
3
2.5
2
1.5
1
0.5
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
2.703W
θ
JA =
37
°C
/W
Q
FN
24
125
85
JEDEC JESD51-3 AND SEMI G42-88 (SINGLE
LAYER) TEST BOARD
0.8
0.7
0.5
0.3
0.2
0.1
0
025
50
75
100
150
AMBIENT TEMPERATURE (°C)
714mW
125
85
0.6
0.4
EL5825


Similar Part No. - EL5825ILZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5825ILZ-T13 RENESAS-EL5825ILZ-T13 Datasheet
803Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
More results

Similar Description - EL5825ILZ-T13

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5825C ELANTEC-EL5825C Datasheet
81Kb / 3P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5126 INTERSIL-EL5126_06 Datasheet
323Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5825 RENESAS-EL5825 Datasheet
803Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5126 INTERSIL-EL5126 Datasheet
391Kb / 11P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5126 RENESAS-EL5126 Datasheet
697Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
EL5525 RENESAS-EL5525 Datasheet
734Kb / 10P
   18-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5225 INTERSIL-EL5225 Datasheet
859Kb / 12P
   10-Channel TFT-LCD Reference Voltage Generator
EL5325 INTERSIL-EL5325 Datasheet
775Kb / 11P
   12-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5225 RENESAS-EL5225 Datasheet
1Mb / 12P
   10-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5525 INTERSIL-EL5525 Datasheet
626Kb / 10P
   18-Channel TFT-LCD Reference Voltage Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com