Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRBSCS-01-1244.160 Datasheet(PDF) 2 Page - CRYSTEK CORPORATION

Part # CRBSCS-01-1244.160
Description  3 ppm 1st year, 1 ppm every year thereafter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Direct Link  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION

CRBSCS-01-1244.160 Datasheet(HTML) 2 Page - CRYSTEK CORPORATION

  CRBSCS-01-1244.160 Datasheet HTML 1Page - CRYSTEK CORPORATION CRBSCS-01-1244.160 Datasheet HTML 2Page - CRYSTEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
C
12730 Commonwealth Drive
Fort Myers, Florida 33913
Phone: 239-561-3311
800-237-3061
Fax: 239-561-1025
www.crystek.com
CRYSTEK
C OR P OR A T IO N
CRYSTEK
M I C R O W A V E
A Division of Crystek Corporation
Product Control:
Crystek Part Number:
Revision Level:
Release Date:
Responsible:
B
C. Vales
04-Aug-2016
CRBSCS-01-1244.160
Box
ed
R
SOURCE
CRBSCS-01-1244.160
Page 2 of 2
Box
ed
R


Similar Part No. - CRBSCS-01-1244.160

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CRBSCS-01-125.000 CRYSTEKMICROWAVE-CRBSCS-01-125.000 Datasheet
173Kb / 1P
   2 ms Typical, 5 ms Max
More results

Similar Description - CRBSCS-01-1244.160

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
GFX-A3T2-01 ADVANTECH-GFX-A3T2-01_13 Datasheet
75Kb / 1P
   3 year Longevity, Graphic Card
GFX-N3A6-50FMS1 ADVANTECH-GFX-N3A6-50FMS1_13 Datasheet
87Kb / 1P
   3 year Longevity, Graphic Card
logo
PHOENIX CONTACT
2701153 PHOENIX-2701153 Datasheet
62Kb / 3P
   Supports month-day-year, day-month-year, and year-month-day formats
logo
Advantech Co., Ltd.
GFX-N3A6-01 ADVANTECH-GFX-N3A6-01_13 Datasheet
84Kb / 1P
   3 year Longevity, Graphic Card
logo
Recom International Pow...
RPR20-243.3S RECOM-RPR20-243.3S Datasheet
195Kb / 6P
   Railway-Converter with 3 year Warranty
logo
Artesyn Technologies
AYA ARTESYN-AYA Datasheet
454Kb / 3P
   Three year product warranty
logo
ETA-USA
ZMP-SX-F-W-D ETA-USA-ZMP-SX-F-W-D Datasheet
2Mb / 5P
   500W 2 year warranty
logo
Ultralife Corporation.
CR17335-10 ULTRALIFE-CR17335-10 Datasheet
279Kb / 2P
   10-year Spiral 2/3 A
05 FEB 18 Rev:-
logo
Fujitsu Component Limit...
ASU9RLF FUJITSU-ASU9RLF Datasheet
64Kb / 1P
   Seven year compressor warranty
logo
PEAK electronics GmbH
PPM05-E-3R3ELF PEAK-PPM05-E-3R3ELF Datasheet
215Kb / 3P
   PPM-SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com