Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7686 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN7686
Description  PC Power Supply Output Monitoring IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7686 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN7686 Datasheet HTML 6Page - Fairchild Semiconductor FAN7686 Datasheet HTML 7Page - Fairchild Semiconductor FAN7686 Datasheet HTML 8Page - Fairchild Semiconductor FAN7686 Datasheet HTML 9Page - Fairchild Semiconductor FAN7686 Datasheet HTML 10Page - Fairchild Semiconductor FAN7686 Datasheet HTML 11Page - Fairchild Semiconductor FAN7686 Datasheet HTML 12Page - Fairchild Semiconductor FAN7686 Datasheet HTML 13Page - Fairchild Semiconductor FAN7686 Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
FAN7685/FAN7686/FAN7687
10
Application Information
Power Good(PGO) and Power Good Delay
A PC power supply is commonly designed to provide the motherboard with a power good signal, which is defined by the com-
puter manufacturers. If the +3.3V, +5V, and +12V outputs are above the undervoltage threshold limit, the PC power supply
makes the power good signal high. At this time the power supply should be able to provide enough power to assure continuous
operation within the specification. Conversely, when one of the +3.3V, +5V, or +12V outputs falls below the undervoltage
threshold or rises above the overvoltage threshold, or when main power has been turned off for a sufficiently long time so that
power supply operation is no longer assured, a PGO signal will be a low state.
The AC input, power good(PGO), remote on/off(PSON), and +3.3V/+5V/+12V supply rails are shown in the below figure.
Although there is no requirement to meet specific timing parameters, the following signal timings are recommended :
-T1(Power On Time) : T1 < 500ms
-T2(Rise Time) : 0.1ms
≤ T2 ≤ 20ms
-T3(PGO Delay) : 100ms < T3 <500ms
-T4(PGO Delay Risetime) : T4
≤ 10ms
-T5(AC Loss to PGO Hold-Up Time) : T5
≥ 16ms
-T6(Power Down Warning) : T6
≥ 1ms
Furthermore, motherboards should be designed to comply with the above recommended timing range. If timings other than
these are implemented or required, that information should be clearly specified.
The FAN7685/FAN7686/FAN7687 provide a power good(PGO) signal for the +3.3V, +5V and +12V supply voltage rails and
a separate power good input(PGI). An internal delay circuit is used to generate a 300ms power good delay.
If voltages at PGI(+1.2V), VS33(+3.3V), VS5(+5V), and VS12(+12V) rise above the undervoltage threshold, the open drain
power good output(PGO) will go high after a delay of 300ms. When the PGI voltage or any of +3.3V, +5V, and +12V rails
drops below the undervoltage threshold, the PGO signal will be disabled immediately.
Power Supply Remote On/Off(PSON) and Fault Protection Output(FPO)
Since the latest personal computer generation focuses on easy turn on and power saving functions, a PC power supply will
require two characteristics. One is a dc power supply remote on/off function; the other is standby power to achieve very low
power consumption of the PC power supply. Thus, the main power needs to be shut down.
The power supply remote on/off(PSON) is an active-low signal that turns on all of the main power rails including the +3.3V,
+5V, and +12V power rails. When this signal is held high by the PC motherboard or left open circuited, the signal of the fault
protect output(FPO) also goes high. Thus, the main power rails can not deliver current and are held at 0V.
When the FPO signal is held high due to a fault condition, the fault status will be latched and the outputs of the main power
rails can not deliver current and are held at 0V. Toggling the PSON input signal from low to high will reset the fault protection
latch. During this fault condition only the standby power is not affected.
When the PSON input signal goes from high to low or low to high, the 38ms debounce block will be active to avoid that a
glitch on the PSON input may disable/enable the FPO output. When the PSON is set low, the undervoltage function is disabled
for 75ms to avoid turn-on failure. At turn-off, there is an additional delay of 2.3ms from PSON to FPO.
Power should be delivered to the rails only when the PSON signal is held at ground potential, thus the FPO becomes a low
T1
T5
T6
T4
T3
T2
PGO
+12VDC
+5VDC
+3.3VDC
PSON
VAC
95%
10%


Similar Part No. - FAN7686

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7680 FAIRCHILD-FAN7680 Datasheet
234Kb / 16P
   PC Power Supply Outputs Monitoring IC
FAN7680M FAIRCHILD-FAN7680M Datasheet
234Kb / 16P
   PC Power Supply Outputs Monitoring IC
FAN7680N FAIRCHILD-FAN7680N Datasheet
234Kb / 16P
   PC Power Supply Outputs Monitoring IC
logo
ON Semiconductor
FAN7688 ONSEMI-FAN7688 Datasheet
1Mb / 32P
   Advanced Secondary Side LLC Resonant Converter
November 2015 Rev. 1.3
FAN7688SJX ONSEMI-FAN7688SJX Datasheet
1Mb / 32P
   Advanced Secondary Side LLC Resonant Converter
November 2015 Rev. 1.3
More results

Similar Description - FAN7686

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7680 FAIRCHILD-FAN7680 Datasheet
234Kb / 16P
   PC Power Supply Outputs Monitoring IC
logo
Toshiba Semiconductor
TD62650F TOSHIBA-TD62650F Datasheet
651Kb / 17P
   5V POWER SUPPLY & SUPPLY MONITORINGCOMMUNICATIONS IC
TD62650FG TOSHIBA-TD62650FG Datasheet
547Kb / 19P
   5V POWER SUPPLY & SUPPLY MONITORING COMMUNICATIONS IC
logo
Allegro MicroSystems
ACS37800 ALLEGRO-ACS37800 Datasheet
3Mb / 41P
   Isolated, Digital Output, Power Monitoring IC
logo
ON Semiconductor
NCP112 ONSEMI-NCP112 Datasheet
125Kb / 10P
   Supervisory IC for Desktop Power Supply Monitoring
October, 2006 ??Rev. 3
logo
Nippon Precision Circui...
SM8172A NPC-SM8172A Datasheet
204Kb / 17P
   2-output Power Supply IC
logo
Seiko Instruments Inc
S-1740A10-M5T1U4 SII-S-1740A10-M5T1U4 Datasheet
3Mb / 47P
   POWER MONITORING OUTPUT
logo
Fujitsu Component Limit...
MB3793-45PF-G-BND FUJITSU-MB3793-45PF-G-BND Datasheet
143Kb / 18P
   Power Voltage Monitoring IC
logo
Winbond
W83L784R WINBOND-W83L784R Datasheet
1Mb / 56P
   Monitoring IC
W83782D WINBOND-W83782D Datasheet
387Kb / 44P
   MONITORING IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com