Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3802N Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3802N
Description  Low-Power BiCMOS Current-Mode PWM Controllers
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3802N Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC3802N Datasheet HTML 4Page - Texas Instruments UCC3802N Datasheet HTML 5Page - Texas Instruments UCC3802N Datasheet HTML 6Page - Texas Instruments UCC3802N Datasheet HTML 7Page - Texas Instruments UCC3802N Datasheet HTML 8Page - Texas Instruments UCC3802N Datasheet HTML 9Page - Texas Instruments UCC3802N Datasheet HTML 10Page - Texas Instruments UCC3802N Datasheet HTML 11Page - Texas Instruments UCC3802N Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
8
UCC1800, UCC1801, UCC1802, UCC1803, UCC1804, UCC1805
UCC2800, UCC2801, UCC2802, UCC2803, UCC2804, UCC2805
UCC3800, UCC3801, UCC3802, UCC3803, UCC3804, UCC3805
SLUS270E – MARCH 1999 – REVISED JUNE 2016
www.ti.com
Product Folder Links: UCC1800 UCC1801 UCC1802 UCC1803 UCC1804 UCC1805 UCC2800 UCC2801 UCC2802
UCC2803 UCC2804 UCC2805 UCC3800 UCC3801 UCC3802 UCC3803 UCC3804 UCC3805
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
–55°C
≤ TA ≤ 125°C for UCC180x, –40°C ≤ TA ≤ 85°C for UCC280x, and 0°C ≤ TA ≤ 70°C for UCC380x. VCC = 10 V
(1), RT =
100 k from REF to RC, CT = 330 pF from RC to GND, 0.1-pF capacitor from VCC to GND, 0.1-pF capacitor from VREF to GND,
and TA= TJ (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(5)
Gain is defined by: A = ΔVCOMP / Δ VCS. 0 ≤ VCS ≤ 0.8 V
(6)
Parameter measured at trip point of latch with Pin 2 at 0 V.
(7)
Start threshold, stop threshold, and Zener shunt thresholds track one another.
(8)
The device is fully operating in clamp mode, as the forcing current is higher than the normal operating supply current.
PWM
Maximum duty cycle
UCCx800, UCCx802, and UCCx803
97%
99%
100%
UCCx801, UCCx804, and UCCx805
48%
49%
50%
CURRENT SENSE
Gain(5)
1.1
1.65
1.8
V/V
Maximum input signal
COMP = 5 V(6)
0.9
1
1.1
V
Input bias current
–200
200
nA
CS blank time
50
100
150
ns
Overcurrent threshold
1.42
1.55
1.68
V
COMP to CS offset
CS = 0 V
0.45
0.9
1.35
V
OUTPUT
OUT low level
I = 20 mA, all parts
0.1
0.4
V
I = 200 mA, all parts
0.35
0.9
I = 50 mA, VCC = 5 V, UCCx803 and UCCx805
0.15
0.4
I = 20 mA, VCC = 0 V, all parts
0.7
1.2
OUT high VSAT (VCC-OUT)
I = 20 mA, all parts
0.15
0.4
V
I = 200 mA, all parts
1
1.9
I = 50 mA, VCC = 5 V, UCCx803 and UCCx805
0.4
0.9
Rise time
CL = 1 nF
41
70
ns
Fall time
CL = 1 nF
44
75
ns
UNDERVOLTAGE LOCKOUT
Start threshold(7)
UCCx800
6.6
7.2
7.8
V
UCCx801
8.6
9.4
10.2
UCCx802 and UCCx804
11.5
12.5
13.5
UCCx803 and UCCx805
3.7
4.1
4.5
Stop threshold(7)
UCCx1800
6.3
6.9
7.5
V
UCCx1801
6.8
7.4
8
UCCx802 and UCCx804
7.6
8.3
9
UCCx803 and UCCx805
3.2
3.6
4
Start to stop hysteresis
UCCx800
0.12
0.3
0.48
V
UCCx801
1.6
2
2.4
UCCx802 and UCCx804
3.5
4.2
5.1
UCCx803 and UCCx805
0.2
0.5
0.8
SOFT START
COMP rise time
FB = 1.8 V, rise from 0.5 V to REF – 1 V
4
10
ms
OVERALL
Start-up current
VCC < start threshold
0.1
0.2
mA
Operating supply current
FB = 0 V, CS = 0 V
0.5
1
mA
VCC internal Zener voltage
ICC = 10 mA
(7) (8)
12
13.5
15
V
VCC internal Zener voltage minus
start threshold voltage
UCCx802 and UCCx804(7)
0.5
1
V


Similar Part No. - UCC3802N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3802N TI-UCC3802N Datasheet
383Kb / 20P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC3802N TI1-UCC3802N Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC3802N TI1-UCC3802N Datasheet
2Mb / 56P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
UCC3802NG4 TI-UCC3802NG4 Datasheet
383Kb / 20P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC3802NG4 TI1-UCC3802NG4 Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
More results

Similar Description - UCC3802N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C41-Q1 TI1-UCC28C41-Q1_16 Datasheet
971Kb / 25P
[Old version datasheet]   BiCMOS Low-Power Current-Mode PWM Controllers
UCC28C41-Q1 TI-UCC28C41-Q1_15 Datasheet
825Kb / 22P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C4X-EP TI1-UCC28C4X-EP Datasheet
646Kb / 24P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C41-Q1 TI1-UCC28C41-Q1 Datasheet
450Kb / 20P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C45-EP TI-UCC28C45-EP_15 Datasheet
639Kb / 23P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC1800 TI1-UCC1800_16 Datasheet
2Mb / 56P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
UCC28C43-EP TI1-UCC28C43-EP Datasheet
638Kb / 23P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
logo
Texas Instruments
UCC28C40-Q1 TI1-UCC28C40-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   Automotive BiCMOS Low-Power Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com