Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7686N Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN7686N
Description  PC Power Supply Output Monitoring IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7686N Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN7686N Datasheet HTML 1Page - Fairchild Semiconductor FAN7686N Datasheet HTML 2Page - Fairchild Semiconductor FAN7686N Datasheet HTML 3Page - Fairchild Semiconductor FAN7686N Datasheet HTML 4Page - Fairchild Semiconductor FAN7686N Datasheet HTML 5Page - Fairchild Semiconductor FAN7686N Datasheet HTML 6Page - Fairchild Semiconductor FAN7686N Datasheet HTML 7Page - Fairchild Semiconductor FAN7686N Datasheet HTML 8Page - Fairchild Semiconductor FAN7686N Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
FAN7685/FAN7686/FAN7687
2
Internal Block Diagrams
UVP
OVP
Delay
75ms
S
R
Q
PGI_O
FPO
PGO
3.6V
Q
PSON
H
L
L
L
H
L
L
H
LL
L
L
H
L
LL
clr
R
R
Delay
2.3ms
clr
R
POR
REF.
Start-up
Vref
Reset
Vcc
Debounce
38ms
PSON
PSON
LL
L
Vcc
3.6V
3.6V
150uA
Oscillator
CLK
CLK
CLK
CLK
CLK
R
GND
H
Vref
VS12
VS5
VS33
IS33
IS5
IS12
PGI
VCC12
1
2
14
4
3
13
10
12
11
8
ISVCC12
8*Iref
Vcc
Iref
1.2V
RI
6
FPO
Debounce
73us
UVP
L
L
H
R CLK
Debounce
73us
H
L
PSON
Delay
300ms
H
clr
CLK
H
H
L
Short
Detector
when AC ON
L
UVP
Block
OVP
Block
OCP
COMPs
9
5
7
Power On Reset
L
(FAN7686)
FAN7687
FAN7685
UVP
OVP
Delay
75ms
Debounce
73us
S
R
Q
PGI_O
FPO
PGO
3.6V
Q
PSON
H
L
L
L
H
L
L
H
LL
L
L
H
L
L
L
L
clr
R
R
Delay
2.3ms
clr
PWR
R
POR
REF.
Start-up
Vref
Reset
Vref
Vcc
Debounce
38ms
PSON
PSON
LL
L
Vcc
3.6V
3.6V
150uA
Oscillator
CLK
CLK
CLK
CLK
CLK
R
GND
UVP
L
H
Vref
VS12
VS5
VS33
IS33
IS5
IS12
PGI
Vcc
Iref
1.2V
RI
Vcc
6
1
2
14
4
3
13
9
8
5
L
FPO
L
H
R CLK
Debounce
73us
H
L
PSON
Delay
300ms
H
clr
CLK
H
H
L
Short
Detector
when AC ON
L
L
L
10
12
11
8*Iref
8*Iref
8*Iref
(7)
(8)
(9)
FAN7687A


Similar Part No. - FAN7686N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7680 FAIRCHILD-FAN7680 Datasheet
234Kb / 16P
   PC Power Supply Outputs Monitoring IC
FAN7680M FAIRCHILD-FAN7680M Datasheet
234Kb / 16P
   PC Power Supply Outputs Monitoring IC
FAN7680N FAIRCHILD-FAN7680N Datasheet
234Kb / 16P
   PC Power Supply Outputs Monitoring IC
logo
ON Semiconductor
FAN7688 ONSEMI-FAN7688 Datasheet
1Mb / 32P
   Advanced Secondary Side LLC Resonant Converter
November 2015 Rev. 1.3
FAN7688SJX ONSEMI-FAN7688SJX Datasheet
1Mb / 32P
   Advanced Secondary Side LLC Resonant Converter
November 2015 Rev. 1.3
More results

Similar Description - FAN7686N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7680 FAIRCHILD-FAN7680 Datasheet
234Kb / 16P
   PC Power Supply Outputs Monitoring IC
logo
Toshiba Semiconductor
TD62650F TOSHIBA-TD62650F Datasheet
651Kb / 17P
   5V POWER SUPPLY & SUPPLY MONITORINGCOMMUNICATIONS IC
TD62650FG TOSHIBA-TD62650FG Datasheet
547Kb / 19P
   5V POWER SUPPLY & SUPPLY MONITORING COMMUNICATIONS IC
logo
Allegro MicroSystems
ACS37800 ALLEGRO-ACS37800 Datasheet
3Mb / 41P
   Isolated, Digital Output, Power Monitoring IC
logo
ON Semiconductor
NCP112 ONSEMI-NCP112 Datasheet
125Kb / 10P
   Supervisory IC for Desktop Power Supply Monitoring
October, 2006 ??Rev. 3
logo
Nippon Precision Circui...
SM8172A NPC-SM8172A Datasheet
204Kb / 17P
   2-output Power Supply IC
logo
Seiko Instruments Inc
S-1740A10-M5T1U4 SII-S-1740A10-M5T1U4 Datasheet
3Mb / 47P
   POWER MONITORING OUTPUT
logo
Fujitsu Component Limit...
MB3793-45PF-G-BND FUJITSU-MB3793-45PF-G-BND Datasheet
143Kb / 18P
   Power Voltage Monitoring IC
logo
Winbond
W83L784R WINBOND-W83L784R Datasheet
1Mb / 56P
   Monitoring IC
W83782D WINBOND-W83782D Datasheet
387Kb / 44P
   MONITORING IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com