Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2805-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2805-Q1
Description  Low-Power BiCMOS Current-Mode PWM Controllers
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2805-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC2805-Q1 Datasheet HTML 5Page - Texas Instruments UCC2805-Q1 Datasheet HTML 6Page - Texas Instruments UCC2805-Q1 Datasheet HTML 7Page - Texas Instruments UCC2805-Q1 Datasheet HTML 8Page - Texas Instruments UCC2805-Q1 Datasheet HTML 9Page - Texas Instruments UCC2805-Q1 Datasheet HTML 10Page - Texas Instruments UCC2805-Q1 Datasheet HTML 11Page - Texas Instruments UCC2805-Q1 Datasheet HTML 12Page - Texas Instruments UCC2805-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
95
95.5
96
96.5
97
97.5
98
98.5
99
99.5
100
10
100
1000
Oscillator Frequency (kHz)
46.5
47
47.5
48
48.5
49
49.5
50
10
100
1000
Oscillator Frequency (kHz)
1000
100
10
10
100
1000
R (k )
T
100pF
200pF
330pF
1nF
1000
100
10
10
100
1000
R (k )
T
100pF
200pF
330pF
1nF
4.00
3.98
3.96
3.94
3.92
3.90
3.88
3.86
3.84
3.82
4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
5.8
6
V
(V)
CC
9
UCC1800, UCC1801, UCC1802, UCC1803, UCC1804, UCC1805
UCC2800, UCC2801, UCC2802, UCC2803, UCC2804, UCC2805
UCC3800, UCC3801, UCC3802, UCC3803, UCC3804, UCC3805
www.ti.com
SLUS270E – MARCH 1999 – REVISED JUNE 2016
Product Folder Links: UCC1800 UCC1801 UCC1802 UCC1803 UCC1804 UCC1805 UCC2800 UCC2801 UCC2802
UCC2803 UCC2804 UCC2805 UCC3800 UCC3801 UCC3802 UCC3803 UCC3804 UCC3805
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
8.6 Typical Characteristics
Figure 1. Error Amplifier Gain and Phase Response
Figure 2. UCC1803 and UCC1805 VREF vs VCC,
ILOAD = 0.5 mA
Figure 3. UCC1800, UCC1801, UCC1802, and UCC1804
Oscillator Frequency vs RT and CT
Figure 4. UCC1803 and UCC1805 Oscillator Frequency
vs RT and CT
Figure 5. UCC1800, UCC1802, and UCC1803 Maximum Duty
Cycle vs Oscillator Frequency
Figure 6. UCC1801, UCC1804, and UCC1805 Maximum Duty
Cycle vs Oscillator Frequency


Similar Part No. - UCC2805-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2805-Q1 TI1-UCC2805-Q1 Datasheet
928Kb / 17P
[Old version datasheet]   LOW-POWER BIC MOS CURRENT-MODE PWM
More results

Similar Description - UCC2805-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C41-Q1 TI1-UCC28C41-Q1_16 Datasheet
971Kb / 25P
[Old version datasheet]   BiCMOS Low-Power Current-Mode PWM Controllers
UCC28C41-Q1 TI-UCC28C41-Q1_15 Datasheet
825Kb / 22P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C4X-EP TI1-UCC28C4X-EP Datasheet
646Kb / 24P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C41-Q1 TI1-UCC28C41-Q1 Datasheet
450Kb / 20P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C45-EP TI-UCC28C45-EP_15 Datasheet
639Kb / 23P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC1800 TI1-UCC1800_16 Datasheet
2Mb / 56P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
UCC28C43-EP TI1-UCC28C43-EP Datasheet
638Kb / 23P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
logo
Texas Instruments
UCC28C40-Q1 TI1-UCC28C40-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   Automotive BiCMOS Low-Power Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com