Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM25CL04 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # FM25CL04
Description  4Kb FRAM Serial 3V Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FM25CL04 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button FM25CL04 Datasheet HTML 3Page - List of Unclassifed Manufacturers FM25CL04 Datasheet HTML 4Page - List of Unclassifed Manufacturers FM25CL04 Datasheet HTML 5Page - List of Unclassifed Manufacturers FM25CL04 Datasheet HTML 6Page - List of Unclassifed Manufacturers FM25CL04 Datasheet HTML 7Page - List of Unclassifed Manufacturers FM25CL04 Datasheet HTML 8Page - List of Unclassifed Manufacturers FM25CL04 Datasheet HTML 9Page - List of Unclassifed Manufacturers FM25CL04 Datasheet HTML 10Page - List of Unclassifed Manufacturers FM25CL04 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
FM25CL04
Rev. 1.0
July 2003
Page 8 of 11
Electrical Specifications
Absolute Maximum Ratings
Symbol
Description
Ratings
VDD
Power Supply Voltage with respect to VSS
-1.0V to +5.0V
VIN
Voltage on any pin with respect to VSS
-1.0V to +5.0V
and VIN < VDD+1.0V
TSTG
Storage Temperature
-55
°C to + 125°C
TLEAD
Lead Temperature (Soldering, 10 seconds)
300
° C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device.
This is a stress rating only, and the functional operation of the device at these or any other conditions
above those listed in the operational section of this specification is not implied. Exposure to absolute
maximum ratings conditions for extended periods may affect device reliability.
DC Operating Conditions (TA = -40° C to + 85° C, VDD = 2.7V to 3.65V unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Notes
VDD
Power Supply Voltage
2.7
3.3
3.65
V
IDD
VDD Supply Current
@ SCK = 100 kHz
@ SCK = 1.0 MHz
@ SCK = 5.0 MHz
@ SCK = 20.0 MHz
0.05
0.2
1.4
5
0.075
0.8
3.0
10.0
mA
1
ISB
Standby Current
-
1
µA
2
ILI
Input Leakage Current
-
10
µA
3
ILO
Output Leakage Current
-
10
µA
3
VIH
Input High Voltage
0.7 VDD
VDD + 0.5
V
VIL
Input Low Voltage
-0.3
0.3 VDD
V
VOH
Output High Voltage
@ IOH = -2 mA
VDD – 0.8
-
V
VOL
Output Low Voltage
@ IOL = 2 mA
-
0.4
V
VHYS
Input Hysteresis
0.05 VDD
-
V
4
Notes
1.
SCK toggling between VDD-0.3V and VSS, other inputs VSS or VDD-0.3V.
2.
SCK = SI = /CS=VDD. All inputs VSS or VDD.
3.
VSS ≤ VIN ≤ VDD and VSS ≤ VOUT ≤ VDD.
4.
Guaranteed by design.


Similar Part No. - FM25CL04

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25CL04 RAMTRON-FM25CL04 Datasheet
139Kb / 12P
   4Kb FRAM Serial 3V Memory
FM25CL04-G RAMTRON-FM25CL04-G Datasheet
139Kb / 12P
   4Kb FRAM Serial 3V Memory
FM25CL04-S RAMTRON-FM25CL04-S Datasheet
139Kb / 12P
   4Kb FRAM Serial 3V Memory
FM25CL04 RAMTRON-FM25CL04_05 Datasheet
139Kb / 12P
   4Kb FRAM Serial 3V Memory
More results

Similar Description - FM25CL04

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM25L04 ETC-FM25L04 Datasheet
187Kb / 12P
   4Kb FRAM Serial 3V Memory
logo
Ramtron International C...
FM25CL04 RAMTRON-FM25CL04_05 Datasheet
139Kb / 12P
   4Kb FRAM Serial 3V Memory
logo
List of Unclassifed Man...
FM25040 ETC-FM25040 Datasheet
631Kb / 14P
   4Kb FRAM Serial Memory
FM24CL04 ETC-FM24CL04 Datasheet
119Kb / 12P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
FM25040A RAMTRON-FM25040A Datasheet
141Kb / 13P
   4Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C04A ETC1-FM24C04A Datasheet
100Kb / 12P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C04A RAMTRON-FM24C04A_05 Datasheet
98Kb / 12P
   4Kb FRAM Serial Memory
FM25L512 RAMTRON-FM25L512 Datasheet
163Kb / 13P
   512Kb FRAM Serial 3V Memory
FM25L16 RAMTRON-FM25L16_06 Datasheet
146Kb / 14P
   16Kb FRAM Serial 3V Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com