Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-2820 Datasheet(PDF) 3 Page - Broadcom Corporation.

Part # HSMS-2820
Description  Surface Mount RF Schottky Barrier Diodes
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMS-2820 Datasheet(HTML) 3 Page - Broadcom Corporation.

  HSMS-2820 Datasheet HTML 1Page - Broadcom Corporation. HSMS-2820 Datasheet HTML 2Page - Broadcom Corporation. HSMS-2820 Datasheet HTML 3Page - Broadcom Corporation. HSMS-2820 Datasheet HTML 4Page - Broadcom Corporation. HSMS-2820 Datasheet HTML 5Page - Broadcom Corporation. HSMS-2820 Datasheet HTML 6Page - Broadcom Corporation. HSMS-2820 Datasheet HTML 7Page - Broadcom Corporation. HSMS-2820 Datasheet HTML 8Page - Broadcom Corporation. HSMS-2820 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
Quad Capacitance
Capacitance of Schottky diode quads is measured using
an HP4271 LCR meter. This instrument effectively isolates
individual diode branches from the others, allowing ac‑
curate capacitance measurement of each branch or each
diode. The conditions are: 20 mV R.M.S. voltage at 1 MHz.
Avago defines this measurement as “CM”, and it is equiv‑
alent to the capacitance of the diode by itself. The equiv‑
alent diagonal and adjacent capaci‑tances can then be
calculated by the formulas given below.
In a quad, the diagonal capacitance is the capacitance be‑
tween points A and B as shown in the figure below. The
diagonal capacitance is calculated using the following
formula
SPICE Parameters
Parameter
Units
HSMS-282x
B
V
V
15
C
J0
pF
0.7
E
G
eV
0.69
I
BV
A
1E‑4
I
S
A
2.2E‑8
N
1.08
R
S
Ω
6.0
P
B
V
0.65
P
T
2
M
0.5
ESD WARNING: Handling Precautions Should Be Taken To Avoid Static Discharge.
Linear Equivalent Circuit Model Diode Chip
The equivalent adjacent capacitance is the capacitance
between points A and C in the figure below. This capaci‑
tance is calculated using the following formula
C1
C2
C4
C3
A
B
C
C1 x C 2
C3 x C 4
CDIAGONAL = _______ + _______
C1 + C 2
C 3 + C 4
1
CADJACENT = C 1 + ____________
1
1
1
–– + –– + ––
C 2 C3 C4
R j =
8.33 X 10 -5 nT
I b + I s
This information does not apply to cross‑over quad di‑
odes.
C1 x C 2
C3 x C 4
CDIAGONAL = _______ + _______
C1 + C 2
C 3 + C 4
1
CADJACENT = C 1 + ____________
1
1
1
–– + –– + ––
C 2 C3 C4
R j =
8.33 X 10 -5 nT
I b + I s
Cj
Rj
RS
Rj =
8.33 X 10-5 nT
Ib + Is
RS = series resistance (see Table of SPICE parameters)
Cj = junction capacitance (see Table of SPICE parameters)
where
Ib = externally applied bias current in amps
Is = saturation current (see table of SPICE parameters)
T = temperature, K
n = ideality factor (see table of SPICE parameters)
Note:
To e ectively model the packaged HSMS-282x product,
please refer to Application Note AN1124.


Similar Part No. - HSMS-2820

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-2820 HP-HSMS-2820 Datasheet
212Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2820 AVAGO-HSMS-2820 Datasheet
505Kb / 15P
   Surface Mount RF Schottky Barrier
HSMS-2820 AVAGO-HSMS-2820 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
logo
Agilent(Hewlett-Packard...
HSMS-2820-BLK HP-HSMS-2820-BLK Datasheet
209Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2820-BLK HP-HSMS-2820-BLK Datasheet
212Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
More results

Similar Description - HSMS-2820

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-281C-TR1G AVAGO-HSMS-281C-TR1G Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2813-BLKG AVAGO-HSMS-2813-BLKG Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-282K BOARDCOM-HSMS-282K Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282N BOARDCOM-HSMS-282N Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2812 BOARDCOM-HSMS-2812 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2822 BOARDCOM-HSMS-2822 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2825 BOARDCOM-HSMS-2825 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282E BOARDCOM-HSMS-282E Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280B BOARDCOM-HSMS-280B Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280F BOARDCOM-HSMS-280F Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2824 BOARDCOM-HSMS-2824 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com