Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FUF5408 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FUF5408
Description  3 Amp. Glass Passivated Ultrafast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FUF5408 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FUF5408 Datasheet HTML 1Page - List of Unclassifed Manufacturers FUF5408 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
FUF5400........ FUF5408
3 Amp. Glass Passivated Ultrafast Recovery Rectifier
• Glass Passivated Junction
• High current capability
• The plastic material carries
U/L recognition 94 V-0
• Terminals: Axial Leads
• Polarity: Color band denotes cathode
Mounting instructions
1. Min. distance from body to soldering point,
4 mm.
2. Max. solder temperature, 350 °C.
3. Max. soldering time, 3.5 sec.
4. Do not bend lead at a point closer than
3 mm. to the body.
Dimensions in mm.
DO-201AD
(Plastic)
FUF 5401
100
Maximum Ratings, according to IEC publication No. 134
Peak Recurrent reverse voltage (V)
Maximum RMS voltage
Maximum DC blocking voltage
Forward current at Tamb = 55 °C
Recurrent peak forward surge current
8.3 ms. peak forward surge current
V
RRM
VRMS
VDC
I
F(AV)
I
FRM
I
FSM
3 A
30 A
150 A
T
j
T
stg
Operating temperature range
Storage temperature range
– 65 to + 150 °C
– 65 to + 150 °C
Electrical Characteristics at Tamb = 25 °C
V
F
Max. forward voltage drop at I
F = 3 A
I
R
5 µ A
1.3 V
Max. reverse current at V
RRM
t
rr
Max. reverse recovery time from
50 ns
FUF 5402
200
FUF 5404
400
FUF 5406
600
FUF 5407
800
I
F = 0.5 A ; IR = 1 A ; IRR = 0.25 A
R
thj-a
Max. thermal resistance ( l = 10 mm.)
30 °C/W
Voltage
50 to 1000 V.
Current
3 A at 55 ºC.
FUF 5400
50
75 ns
1.7 V
at 25 ºC
35
50
70
100
140
200
280
400
420
600
560
800
(Jedec Method)
C
j
Typical Junction Capacitance at 1 MHz
and reverse voltaje of 4V
DC
45 pF
E
RSM
Maximum non repetitive peak
reverse avalanche energy.
IR = 1A ; TJ = 25 ºC
20 mJ
FUF 5408
1000
700
1000
9.1 ± 0.3
62.5 ± 0.5


Similar Part No. - FUF5408

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FUF5408 FRONTIER-FUF5408 Datasheet
134Kb / 2P
   3A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
FUF5408 TAYCHIPST-FUF5408 Datasheet
2Mb / 2P
   Glass Passivated Ultrafast Recovery Rectifier
More results

Similar Description - FUF5408

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
31DF2 ETC-31DF2 Datasheet
40Kb / 2P
   3 Amp. Glass Passivated Ultrafast Recovery Rectifier
EGP30A ETC-EGP30A Datasheet
38Kb / 2P
   3 Amp. Glass Passivated Avalanche Ultrafast Recovery Rectifier
FES3A ETC-FES3A Datasheet
50Kb / 2P
   3 Amp. Surface Mounted Glass Passivated Ultrafast Recovery Rectifier
FUF4001 ETC-FUF4001 Datasheet
37Kb / 2P
   1 Amp. Glass Passivated Ultrafast Recovery Rectifier
logo
New Jersey Semi-Conduct...
EGP30A NJSEMI-EGP30A Datasheet
99Kb / 2P
   3 Amp. Glass Passivated Avalanche Ultrafast Recovery Eectifiet
logo
List of Unclassifed Man...
EGP50A ETC-EGP50A Datasheet
39Kb / 2P
   5 Amp. Glass Passivated Avalanche Ultrafast Recovery Rectifier
EGP10A ETC-EGP10A Datasheet
38Kb / 2P
   1 Amp. Glass Passivated Avalanche Ultrafast Recovery Rectifier
logo
Shenzhen Taychipst Elec...
FUF4001 TAYCHIPST-FUF4001 Datasheet
2Mb / 2P
   Glass Passivated Ultrafast Recovery Rectifier
31DF2 TAYCHIPST-31DF2 Datasheet
1Mb / 2P
   Glass Passivated Ultrafast Recovery Rectifier
FUF5400 TAYCHIPST-FUF5400 Datasheet
2Mb / 2P
   Glass Passivated Ultrafast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com