Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CN14068 Datasheet(PDF) 2 Page - Cree, Inc

Part # CN14068
Description  Lena series
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CN14068 Datasheet(HTML) 2 Page - Cree, Inc

  CN14068 Datasheet HTML 1Page - Cree, Inc CN14068 Datasheet HTML 2Page - Cree, Inc CN14068 Datasheet HTML 3Page - Cree, Inc CN14068 Datasheet HTML 4Page - Cree, Inc CN14068 Datasheet HTML 5Page - Cree, Inc CN14068 Datasheet HTML 6Page - Cree, Inc CN14068 Datasheet HTML 7Page - Cree, Inc CN14068 Datasheet HTML 8Page - Cree, Inc CN14068 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
up to 30mm class M, otherwise class C
According to DIN ISO 2768-2
Form and position: class L
SCALE
1:1 WEIGHT
65,9 g
SHEET
1/1
SIZE
A3
DRAWING TITLE
CN14068_LENA-S
PART NUMBER
CN14068
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
INDEX PART NO
DESCRIPTION
MATERIAL COLOUR
1
C11979
LENA-S
PC
metal
2
C13868
LENA-STD-BASE-VERO13-18
PC
white
75
3.2
85.76
111
Bottom view
Front view
Isometric view


Similar Part No. - CN14068

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
CN1402A00 SHIELD-CN1402A00 Datasheet
211Kb / 2P
   For electrovalves, style C-ind, 2p or 3p G, female, with cable
CN1403A00 SHIELD-CN1403A00 Datasheet
211Kb / 2P
   For electrovalves, style C-ind, 2p or 3p G, female, with cable
CN1404A20 SHIELD-CN1404A20 Datasheet
211Kb / 2P
   For electrovalves, style C-ind, 2p or 3p G, female, with cable
CN1404A40 SHIELD-CN1404A40 Datasheet
211Kb / 2P
   For electrovalves, style C-ind, 2p or 3p G, female, with cable
CN1404A60 SHIELD-CN1404A60 Datasheet
211Kb / 2P
   For electrovalves, style C-ind, 2p or 3p G, female, with cable
More results

Similar Description - CN14068

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CN13193 CREE-CN13193 Datasheet
380Kb / 5P
   Lena series
CN14088 CREE-CN14088 Datasheet
2Mb / 35P
   Lena series
CN14090 CREE-CN14090 Datasheet
1Mb / 33P
   Lena series
CN12367 CREE-CN12367 Datasheet
424Kb / 5P
   Lena series
CN13191 CREE-CN13191 Datasheet
382Kb / 6P
   Lena series
CN13192 CREE-CN13192 Datasheet
379Kb / 6P
   Lena series
CN14085 CREE-CN14085 Datasheet
1Mb / 33P
   Lena series
CN12101 CREE-CN12101 Datasheet
94Kb / 2P
   Lena series
CN12166 CREE-CN12166 Datasheet
233Kb / 4P
   Lena series
CN12109 CREE-CN12109 Datasheet
222Kb / 4P
   Lena Series
CN13159 CREE-CN13159 Datasheet
463Kb / 5P
   Lena series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com