Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC32RF42 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF42
Description  Dual-Channel, 14-Bit, 1.5-GSPS, Analog-to-Digital Converter
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC32RF42 Datasheet(HTML) 3 Page - Texas Instruments

  ADC32RF42 Datasheet HTML 1Page - Texas Instruments ADC32RF42 Datasheet HTML 2Page - Texas Instruments ADC32RF42 Datasheet HTML 3Page - Texas Instruments ADC32RF42 Datasheet HTML 4Page - Texas Instruments ADC32RF42 Datasheet HTML 5Page - Texas Instruments ADC32RF42 Datasheet HTML 6Page - Texas Instruments ADC32RF42 Datasheet HTML 7Page - Texas Instruments ADC32RF42 Datasheet HTML 8Page - Texas Instruments ADC32RF42 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 127 page
background image
1
DB3M
54
DA3M
2
DB3P
53
DA3P
3
GND
52
GND
4
DVDD
51
DVDD
5
SDIN
50
PDN
6
SCLK
49
GND
7
SEN
48
RESET
8
DVDD
47
DVDD
9
AVDD
46
AVDD
10
AVDD19
45
AVDD19
11
SDOUT
44
AVDD
12
AVDD
43
AVDD
13
INBP
42
INAP
14
INBM
41
INAM
15
AVDD
40
AVDD
16
AVDD19
39
AVDD19
17
AVDD
38
AVDD
18
GND
37
GND
Not to scale
Thermal
Pad
3
ADC32RF42
www.ti.com
SBAS844 – MAY 2017
Product Folder Links: ADC32RF42
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Device Family Comparison Table
PART NUMBER
SPEED GRADE (MSPS)
RESOLUTION (Bits)
CHANNELS
ADC32RF45
3000
14
2
ADC32RF44
2600
14
2
ADC32RF42
1500
14
2
6 Pin Configuration and Functions
RMP Package
72-Pin VQFN
Top View


Similar Part No. - ADC32RF42

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
ADC32RF44IRMP TI1-ADC32RF44IRMP Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
ADC32RF44IRMP TI1-ADC32RF44IRMP Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
ADC32RF44IRMPR TI1-ADC32RF44IRMPR Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
More results

Similar Description - ADC32RF42

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
ADS54J40 TI1-ADS54J40 Datasheet
4Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
ADC32RF44 TI1-ADC32RF44_18 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9208 AD-AD9208 Datasheet
1Mb / 137P
   14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
logo
Texas Instruments
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9691 AD-AD9691 Datasheet
1Mb / 72P
   14-Bit, 1.25 GSPS JESD204B, Dual Analog-to-Digital Converter
logo
Texas Instruments
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC34SH84 TI1-DAC34SH84 Datasheet
1,012Kb / 77P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI1-DAC34SH84_15 Datasheet
1Mb / 93P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com