Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC32RF42IRMPT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF42IRMPT
Description  Dual-Channel, 14-Bit, 1.5-GSPS, Analog-to-Digital Converter
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC32RF42IRMPT Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC32RF42IRMPT Datasheet HTML 3Page - Texas Instruments ADC32RF42IRMPT Datasheet HTML 4Page - Texas Instruments ADC32RF42IRMPT Datasheet HTML 5Page - Texas Instruments ADC32RF42IRMPT Datasheet HTML 6Page - Texas Instruments ADC32RF42IRMPT Datasheet HTML 7Page - Texas Instruments ADC32RF42IRMPT Datasheet HTML 8Page - Texas Instruments ADC32RF42IRMPT Datasheet HTML 9Page - Texas Instruments ADC32RF42IRMPT Datasheet HTML 10Page - Texas Instruments ADC32RF42IRMPT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 127 page
background image
7
ADC32RF42
www.ti.com
SBAS844 – MAY 2017
Product Folder Links: ADC32RF42
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Minimum values are specified at AOUT = –3 dBFS.
(2)
The ADC internal resistance = 65 Ω, the driving source resistance = 50 Ω.
7.6 AC Performance Characteristics
typical values specified at an ambient temperature of 25°C; minimum and maximum values are specified over an ambient
temperature range of –40°C to +85°C; and ADC sampling rate = 1.5 GHz, 50% clock duty cycle, AVDD19 = 1.9 V, AVDD =
1.15 V, DVDD = 1.15 V, –2-dBFS differential input, and 0-dB digital gain (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN(1)
NOM
MAX
UNIT
SNR
Signal-to-noise ratio
fIN = 100 MHz, AOUT = –2 dBFS
62.8
dBFS
fIN = 300 MHz, AOUT = –2 dBFS
62.6
fIN = 950 MHz, AOUT = –2 dBFS
61.1
fIN = 1200 MHz, AOUT = –2 dBFS
60.4
fIN = 1350 MHz, AOUT = –2 dBFS
60.0
fIN = 1850 MHz, AOUT = –2 dBFS
58.9
fIN = 2100 MHz, AOUT = –2 dBFS
57.9
NSD
Noise spectral density
averaged across the
Nyquist zone
fIN = 100 MHz, AOUT = –2 dBFS
151.6
dBFS/Hz
fIN = 300 MHz, AOUT = –2 dBFS
151.4
fIN = 950 MHz, AOUT = –2 dBFS
149.8
fIN = 1200 MHz, AOUT = –2 dBFS
149.1
fIN = 1350 MHz, AOUT = –2 dBFS
148.8
fIN = 1850 MHz, AOUT = –2 dBFS
147.6
fIN = 2100 MHz, AOUT = –2 dBFS
146.7
Small-signal SNR
fIN = 950 MHz, AOUT = –40 dBFS
63.0
dBFS
NF(2)
Input noise figure
fIN = 950 MHz, AOUT = –40 dBFS
27.7
dB
SINAD
Signal-to-noise and
distortion ratio
fIN = 100 MHz, AOUT = –2 dBFS
61.4
dBFS
fIN = 300 MHz, AOUT = –2 dBFS
61.0
fIN = 950 MHz, AOUT = –2 dBFS
60.9
fIN = 1200 MHz, AOUT = –2 dBFS
59.9
fIN = 1350 MHz, AOUT = –2 dBFS
59.2
fIN = 1850 MHz, AOUT = –2 dBFS
58.2
fIN = 2100 MHz, AOUT = –2 dBFS
55.8
ENOB
Effective number of bits
fIN = 100 MHz, AOUT = –2 dBFS
9.9
Bits
fIN = 300 MHz, AOUT = –2 dBFS
9.8
fIN = 950 MHz, AOUT = –2 dBFS
9.8
fIN = 1200 MHz, AOUT = –2 dBFS
9.6
fIN = 1350 MHz, AOUT = –2 dBFS
9.5
fIN = 1850 MHz, AOUT = –2 dBFS
9.4
fIN = 2100 MHz, AOUT = –2 dBFS
9.0
SFDR
Spurious-free dynamic
range
fIN = 100 MHz, AOUT = –2 dBFS
67
dBc
fIN = 300 MHz, AOUT = –2 dBFS
64
fIN = 950 MHz, AOUT = –2 dBFS
70
fIN = 1200 MHz, AOUT = –2 dBFS
67
fIN = 1350 MHz, AOUT = –2 dBFS
66
fIN = 1850 MHz, AOUT = –2 dBFS
64
fIN = 2100 MHz, AOUT = –2 dBFS
58


Similar Part No. - ADC32RF42IRMPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
ADC32RF44IRMP TI1-ADC32RF44IRMP Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
ADC32RF44IRMP TI1-ADC32RF44IRMP Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
ADC32RF44IRMPR TI1-ADC32RF44IRMPR Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
More results

Similar Description - ADC32RF42IRMPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
ADS54J40 TI1-ADS54J40 Datasheet
4Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
ADC32RF44 TI1-ADC32RF44_18 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9208 AD-AD9208 Datasheet
1Mb / 137P
   14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
logo
Texas Instruments
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9691 AD-AD9691 Datasheet
1Mb / 72P
   14-Bit, 1.25 GSPS JESD204B, Dual Analog-to-Digital Converter
logo
Texas Instruments
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC34SH84 TI1-DAC34SH84 Datasheet
1,012Kb / 77P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI1-DAC34SH84_15 Datasheet
1Mb / 93P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com