Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCVF2505DR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF2505DR
Description  3.3-V Clock Phase-Lock Loop Clock Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF2505DR Datasheet(HTML) 1 Page - Texas Instruments

  CDCVF2505DR Datasheet HTML 1Page - Texas Instruments CDCVF2505DR Datasheet HTML 2Page - Texas Instruments CDCVF2505DR Datasheet HTML 3Page - Texas Instruments CDCVF2505DR Datasheet HTML 4Page - Texas Instruments CDCVF2505DR Datasheet HTML 5Page - Texas Instruments CDCVF2505DR Datasheet HTML 6Page - Texas Instruments CDCVF2505DR Datasheet HTML 7Page - Texas Instruments CDCVF2505DR Datasheet HTML 8Page - Texas Instruments CDCVF2505DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Edge Detect
Typical <10 MHz
Power Down
3-State
1
8
3
2
5
7
CLKOUT
1Y0
1Y1
1Y2
1Y3
CLKIN
PLL
25 W
25 W
25 W
25 W
25 W
B0246-01
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CDCVF2505
SCAS640G – JULY 2000 – REVISED AUGUST 2016
CDCVF2505 3.3-V Clock Phase-Lock Loop Clock Driver
1
1 Features
1
Phase-Lock Loop Clock Driver for Synchronous
DRAM and General-Purpose Applications
Spread Spectrum Clock Compatible
Operating Frequency: 24 MHz to 200 MHz
Low Jitter (Cycle-to-Cycle): < |150 ps|
(Over 66 MHz to 200 MHz Range)
Distributes One Clock Input to One Bank of Five
Outputs (CLKOUT Used to Tune the Input-Output
Delay)
Three-States Outputs When There Is No Input
Clock
Operates From Single 3.3-V Supply
Available in 8-Pin TSSOP and 8-Pin SOIC
Packages
Consumes Less Than 100 mA (Typical) in Power-
Down Mode
Internal Feedback Loop Is Used to Synchronize
the Outputs to the Input Clock
25-Ω On-Chip Series Damping Resistors
Integrated RC PLL Loop Filter Eliminates the
Need for External Components
2 Applications
Synchronous DRAMs
Industrial Applications
General-Purpose Zero-Delay Clock Buffers
3 Description
The CDCVF2505 is a high-performance, low-skew,
low-jitter, phase-lock loop (PLL) clock driver. This
device uses a PLL to precisely align the output clocks
(1Y[0-3] and CLKOUT) to the input clock signal
(CLKIN)
in
both
frequency
and
phase.
The
CDCVF2505 operates at 3.3 V and also provides
integrated series-damping resistors that make it ideal
for driving point-to-point loads.
One bank of five outputs provides low-skew, low-jitter
copies of CLKIN. Output duty cycles are adjusted to
50 percent, independent of duty cycle at CLKIN. The
device automatically goes into power-down mode
when no input signal is applied to CLKIN.
The loop filter for the PLLs is included on-chip. This
minimizes the component count, space, and cost.
The CDCVF2505 is characterized for operation from
–40°C to 85°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
CDCVF2505
SOIC (8)
4.90 mm × 3.90 mm
TSSOP (8)
4.40 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Functional Block Diagram


Similar Part No. - CDCVF2505DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF2505DR TI-CDCVF2505DR Datasheet
369Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505DR TI1-CDCVF2505DR Datasheet
549Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505DRG4 TI-CDCVF2505DRG4 Datasheet
369Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505DRG4 TI1-CDCVF2505DRG4 Datasheet
549Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
More results

Similar Description - CDCVF2505DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI1-CDCVF2505_12 Datasheet
549Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505_10 Datasheet
369Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com