Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRA712 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DRA712
Description  Infotainment Applications Processor
Download  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRA712 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRA712 Datasheet HTML 7Page - Texas Instruments DRA712 Datasheet HTML 8Page - Texas Instruments DRA712 Datasheet HTML 9Page - Texas Instruments DRA712 Datasheet HTML 10Page - Texas Instruments DRA712 Datasheet HTML 11Page - Texas Instruments DRA712 Datasheet HTML 12Page - Texas Instruments DRA712 Datasheet HTML 13Page - Texas Instruments DRA712 Datasheet HTML 14Page - Texas Instruments DRA712 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 440 page
background image
11
DRA710, DRA712
DRA714, DRA716, DRA718
www.ti.com
SPRS960B – JUNE 2016 – REVISED FEBRUARY 2017
Submit Documentation Feedback
Product Folder Links: DRA710 DRA712 DRA714 DRA716 DRA718
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
NOTE
For more information on the CORE_PWRON_RET_RST reset signal and its reset sources,
see the Power, Reset, and Clock Management / PRCM Reset Management Functional
Description section of the Device TRM.
9. BALL RESET REL. MUXMODE: This muxmode is automatically configured at the release of the
rstoutn signal (also mapped to the PRCM SYS_WARM_OUT_RST signal).
10. IO VOLTAGE VALUE: This column describes the IO voltage value (the corresponding power supply).
11. POWER: The voltage supply that powers the terminal IO buffers.
12. HYS: Indicates if the input buffer is with hysteresis:
Yes: With hysteresis
No: Without hysteresis
An empty box means "Yes".
NOTE
For more information, see the hysteresis values in Section 5.7, Electrical Characteristics.
13. BUFFER TYPE: Drive strength of the associated output buffer.
NOTE
For programmable buffer strength:
The default value is given in Table 4-1.
A note describes all possible values according to the selected muxmode.
14. PULLUP / PULLDOWN TYPE: Denotes the presence of an internal pullup or pulldown resistor.
Pullup and pulldown resistors can be enabled or disabled via software.
15. DSIS: The deselected input state (DSIS) indicates the state driven on the peripheral input (logic "0" or
logic "1") when the peripheral pin function is not selected by any of the PINCNTLx registers.
0: Logic 0 driven on the peripheral's input signal port.
1: Logic 1 driven on the peripheral's input signal port.
blank: Pin state driven on the peripheral's input signal port.
NOTE
Configuring two pins to the same input signal is not supported as it can yield unexpected
results. This can be easily prevented with the proper software configuration (Hi-Z mode is not
an input signal).
NOTE
When a pad is set into a multiplexing mode which is not defined by pin multiplexing, that
pad’s behavior is undefined. This should be avoided.
NOTE
Some of the EMIF1 signals have an additional state change at the release of porz. The state
that the signals change to at the release of porz is as follows:
drive 0 (OFF) for: ddr1_ck, ddr1_odt[0], ddr1_rst.
drive 1 (OFF) for: ddr1_casn, ddr1_rasn, ddr1_wen, ddr1_nck, ddr1_ba[2:0], ddr1_a[15:0],
ddr1_csn[0], ddr1_cke, ddr1_dqm[3:0].


Similar Part No. - DRA712

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA712BEGCBDQ1 TI1-DRA712BEGCBDQ1 Datasheet
5Mb / 451P
[Old version datasheet]   Infotainment Applications Processor
DRA712BEGCBDRQ1 TI1-DRA712BEGCBDRQ1 Datasheet
5Mb / 451P
[Old version datasheet]   Infotainment Applications Processor
DRA712BGGCBDQ1 TI1-DRA712BGGCBDQ1 Datasheet
5Mb / 451P
[Old version datasheet]   Infotainment Applications Processor
DRA712BGGCBDRQ1 TI1-DRA712BGGCBDRQ1 Datasheet
5Mb / 451P
[Old version datasheet]   Infotainment Applications Processor
More results

Similar Description - DRA712

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA780 TI1-DRA780 Datasheet
3Mb / 273P
[Old version datasheet]   Infotainment Applications Processor
DRA79 TI1-DRA79 Datasheet
5Mb / 445P
[Old version datasheet]   Infotainment Applications Processor
DRA71 TI1-DRA71 Datasheet
5Mb / 451P
[Old version datasheet]   Infotainment Applications Processor
DRA71 TI1-DRA71_19 Datasheet
5Mb / 451P
[Old version datasheet]   Infotainment Applications Processor
DRA78 TI1-DRA78 Datasheet
3Mb / 282P
[Old version datasheet]   Infotainment Applications Processor
DRA722 TI1-DRA722_17 Datasheet
5Mb / 408P
[Old version datasheet]   Infotainment Applications Processor
DRA790 TI1-DRA790 Datasheet
4Mb / 436P
[Old version datasheet]   Infotainment Applications Processor
DRA780 TI1-DRA780_V01 Datasheet
3Mb / 269P
[Old version datasheet]   DRA78x Infotainment Applications Processor
DRA780 TI1-DRA780_V02 Datasheet
3Mb / 269P
[Old version datasheet]   DRA78x Infotainment Applications Processor
DRA75P_1905 TI1-DRA75P_1905 Datasheet
6Mb / 484P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com