Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRA791 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRA791
Description  Infotainment Applications Processor
Download  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRA791 Datasheet(HTML) 1 Page - Texas Instruments

  DRA791 Datasheet HTML 1Page - Texas Instruments DRA791 Datasheet HTML 2Page - Texas Instruments DRA791 Datasheet HTML 3Page - Texas Instruments DRA791 Datasheet HTML 4Page - Texas Instruments DRA791 Datasheet HTML 5Page - Texas Instruments DRA791 Datasheet HTML 6Page - Texas Instruments DRA791 Datasheet HTML 7Page - Texas Instruments DRA791 Datasheet HTML 8Page - Texas Instruments DRA791 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 436 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
DRA790, DRA791
DRA793, DRA797
SPRS968A – AUGUST 2016 – REVISED FEBRUARY 2017
DRA79x Infotainment Applications Processor
1
Device Overview
1
1.1
Features
1
• Architecture Designed for Infotainment Co-
Processor Applications, Hybrid Radio and Amplifier
Applications
• ARM® Cortex®-A15 Microprocessor Subsystem
• C66x Floating-Point VLIW DSP
– Fully Object-Code Compatible With C67x and
C64x+
– Up to Thirty-two 16 × 16-Bit Fixed-Point
Multiplies per Cycle
• Up to 512KB of On-Chip L3 RAM
• Level 3 (L3) and Level 4 (L4) Interconnects
• DDR3/DDR3L Memory Interface (EMIF) Module
– Supports up to DDR-1333 (667 MHz)
– Up to 2GB Across Single Chip Select
• Dual ARM® Cortex®-M4 Image Processing Units
(IPU)
• Display Subsystem
– Display Controller With DMA Engine and up to
Three Pipelines
– HDMI™ Encoder: HDMI 1.4a and DVI 1.0
Compliant
• Video Processing Engine (VPE)
• One Video Input Port (VIP) Module
– Support for up to Four Multiplexed Input Ports
• General-Purpose Memory Controller (GPMC)
• Enhanced Direct Memory Access (EDMA)
Controller
• 2-Port Gigabit Ethernet (GMAC)
– Up to Two External Ports
• Sixteen 32-Bit General-Purpose Timers
• 32-Bit MPU Watchdog Timer
• Six High-Speed Inter-Integrated Circuit (I2C) Ports
• HDQ™/1-Wire® Interface
• Ten Configurable UART/IrDA/CIR Modules
• Four Multichannel Serial Peripheral Interfaces
(McSPI)
• Quad SPI Interface (QSPI)
• Media Local Bus Subsystem (MLBSS)
• Eight Multichannel Audio Serial Port (McASP)
Modules
• SuperSpeed USB 3.0 Dual-Role Device
• High-Speed USB 2.0 Dual-Role Device
• High-Speed USB 2.0 On-The-Go
• Four MultiMedia Card/Secure Digital/Secure Digital
Input Output Interfaces (MMC/SD/SDIO)
• PCI Express® 3.0 Subsystems With Two 5-Gbps
Lanes
– One 2-lane Gen2-Compliant Port
– or Two 1-lane Gen2-Compliant Ports
• Dual Controller Area Network (DCAN) Modules
– CAN 2.0B Protocol
• MIPI® CSI-2 Camera Serial Interface
• Up to 186 General-Purpose I/O (GPIO) Pins
• Power, Reset, and Clock Management
• On-Chip Debug With CTools Technology
• 28-nm CMOS Technology
• 17 mm × 17 mm, 0.65-mm Pitch, 538-Pin BGA
(CBD)


Similar Part No. - DRA791

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA791BBGCBDQ1 TI1-DRA791BBGCBDQ1 Datasheet
5Mb / 445P
[Old version datasheet]   Infotainment Applications Processor
DRA791BBGCBDRQ1 TI1-DRA791BBGCBDRQ1 Datasheet
5Mb / 445P
[Old version datasheet]   Infotainment Applications Processor
More results

Similar Description - DRA791

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA710 TI1-DRA710 Datasheet
4Mb / 440P
[Old version datasheet]   Infotainment Applications Processor
DRA780 TI1-DRA780 Datasheet
3Mb / 273P
[Old version datasheet]   Infotainment Applications Processor
DRA79 TI1-DRA79 Datasheet
5Mb / 445P
[Old version datasheet]   Infotainment Applications Processor
DRA71 TI1-DRA71 Datasheet
5Mb / 451P
[Old version datasheet]   Infotainment Applications Processor
DRA71 TI1-DRA71_19 Datasheet
5Mb / 451P
[Old version datasheet]   Infotainment Applications Processor
DRA78 TI1-DRA78 Datasheet
3Mb / 282P
[Old version datasheet]   Infotainment Applications Processor
DRA722 TI1-DRA722_17 Datasheet
5Mb / 408P
[Old version datasheet]   Infotainment Applications Processor
DRA780 TI1-DRA780_V01 Datasheet
3Mb / 269P
[Old version datasheet]   DRA78x Infotainment Applications Processor
DRA780 TI1-DRA780_V02 Datasheet
3Mb / 269P
[Old version datasheet]   DRA78x Infotainment Applications Processor
DRA75P_1905 TI1-DRA75P_1905 Datasheet
6Mb / 484P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com