Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPA00771PWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # HPA00771PWR
Description  3.3-V Clock Phase-Lock Loop Clock Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HPA00771PWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button HPA00771PWR Datasheet HTML 2Page - Texas Instruments HPA00771PWR Datasheet HTML 3Page - Texas Instruments HPA00771PWR Datasheet HTML 4Page - Texas Instruments HPA00771PWR Datasheet HTML 5Page - Texas Instruments HPA00771PWR Datasheet HTML 6Page - Texas Instruments HPA00771PWR Datasheet HTML 7Page - Texas Instruments HPA00771PWR Datasheet HTML 8Page - Texas Instruments HPA00771PWR Datasheet HTML 9Page - Texas Instruments HPA00771PWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
f − Frequency − MHz
45.0
47.5
50.0
52.5
55.0
25
50
75
100
125
150
175
200
G004
Load: CLKOUT = 12 pF || 500 W,
Yn = 25 pF || 500 W
f − Frequency − MHz
0
100
200
300
400
500
25
50
75
100
125
150
175
200
G005
Typical Values @ 3.3 V,
TA = 25°C
f − Frequency − MHz
−150
−100
−50
0
50
100
150
0
50
100
150
200
G003
Load: CLKOUT = 21 pF || 500 W,
Yn = 25 pF || 500 W
f − Frequency − MHz
0
100
200
300
400
500
25
50
75
100
125
150
175
200
G002
Load: CLKOUT = 12 pF || 500 W,
Yn = 25 pF || 500 W
6
CDCVF2505
SCAS640G – JULY 2000 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: CDCVF2505
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
(1)
Time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal. For phase lock to be
obtained, a fixed-frequency, fixed-phase reference signal must be present at CLKIN. Until phase lock is obtained, the specifications for
propagation delay, skew, and jitter parameters given in the switching characteristics table are not applicable. This parameter does not
apply for input modulation under SSC application.
(2)
All typical values are at respective nominal VDD and 25°C
(3)
The tsk(o) specification is only valid for equal loading of all outputs.
7.7 Switching Characteristics
over recommended ranges of supply voltage and operating free-air temperature, CL = 25 pF, VDD = 3.3 V ±0.3 V
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
tpd
Propagation delay, normalized
(see Figure 2)
CLKIN to Yn, f = 66 MHz to 200 MHz
–150
150
ps
tsk(o)
Output skew(3)
Yn to Yn
150
ps
tc(jit_cc)
Jitter (cycle-to-cycle)
(see Figure 4)
f = 66 MHz to 200 MHz
70
150
ps
f = 24 MHz to 50 MHz
200
400
odc
Output duty cycle
(see Figure 3)
f = 24 MHz to 200 MHz at 50% VDD
45%
55%
tr
Rise time
VO = 0.4 V to 2 V
0.5
2
ns
tf
Fall time
VO = 2 V to 0.4 V
0.5
2
ns
7.8 Typical Characteristics
at 3.3 V, 25°C (unless otherwise noted)
Figure 1. tpd, Propagation Delay Time vs Frequency
Figure 2. tpd, Typical Propagation Delay Time
vs Frequency (Tuned for Minimum Delay)
Figure 3. Duty Cycle vs Frequency
Figure 4. Cycle-Cycle Jitter vs Frequency


Similar Part No. - HPA00771PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA00773YZHR TI1-HPA00773YZHR Datasheet
1Mb / 46P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
HPA00776PWPR TI1-HPA00776PWPR Datasheet
2Mb / 45P
[Old version datasheet]   High-Power/High-Efficiency PoE Interface and DC-DC Controller
HPA00779NA/3K TI1-HPA00779NA/3K Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
More results

Similar Description - HPA00771PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI1-CDCVF2505_12 Datasheet
549Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505_10 Datasheet
369Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com