Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAP3613SIRH Datasheet(PDF) 2 Page - MagnaChip Semiconductor.

Part # MAP3613SIRH
Description  3-CH Average Current Control Buck Controller for LED Backlight
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MAP3613SIRH Datasheet(HTML) 2 Page - MagnaChip Semiconductor.

  MAP3613SIRH Datasheet HTML 1Page - MagnaChip Semiconductor. MAP3613SIRH Datasheet HTML 2Page - MagnaChip Semiconductor. MAP3613SIRH Datasheet HTML 3Page - MagnaChip Semiconductor. MAP3613SIRH Datasheet HTML 4Page - MagnaChip Semiconductor. MAP3613SIRH Datasheet HTML 5Page - MagnaChip Semiconductor. MAP3613SIRH Datasheet HTML 6Page - MagnaChip Semiconductor. MAP3613SIRH Datasheet HTML 7Page - MagnaChip Semiconductor. MAP3613SIRH Datasheet HTML 8Page - MagnaChip Semiconductor. MAP3613SIRH Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Confidential
Datasheet Version 1.0
Mar 28
th 2016
2
Pin Configuration
PGND1
1
2
GATE1
3
GND
4
VCC
5
6
ADIM 20
FLT 19
PWM1 18
PWM2 17
MODE
16
SEL
15
MAP3613
CS1
TOFF
7
NC
14
8
13
PWM3
9
10
GATE3
12
CS3
11
GATE2
CS2
PGND3
PGND2
SOIC-20L
Pin Description
24leads SOIC
Name
Description
1
PGND1
Power GND for CH1
2
CS1
External current sense for CH1(Note 1)
3
GATE1
GATE driver output to drive external NMOSFET for CH1
4
GND
Ground
5
VCC
Power supply input. Need external bypass capacitor
6
TOFF
Setting for GATE off-time(Note 2)
7
NC
No Connection (Note 3)
8
GATE2
GATE driver output to drive external NMOSFET for CH2
9
CS2
External current sense for CH2(Note 1)
10
PGND2
Power GND for CH2
11
PGND3
Power GND for CH3
12
CS3
External current sense for CH3(Note 1)
13
GATE3
GATE driver output to drive external NMOSFET for CH3
14
SEL
Logic input for selecting OD1 or OD2 protection. Default logic
‘Low’ (Note 4)
15
MODE
Enable logic input for Over-Duty protection. Default logic
‘Low’ (Note 5)
16
PWM3
PWM signal input for CH3
17
PWM2
PWM signal input for CH2
18
PWM1
PWM signal input for CH1
19
FLT
Fault Output
20
ADIM
Setting for LED current thru external DC voltage
Note 1: Connect external resistor to PGNDx to sense the external power MOSFETx source current as shown in typical application
Note 2: Connect external resistor to GND to set GATE off-time as shown in typical application
Note 3: Must be connected to GND externally.
Note 4: Logic
‘H’  OD1 protection, Logic ‘L’ or floating  OD2 protection
Note 5: Logic
‘H’  ODP disable, Logic ‘L’ or floating  ODP enable


Similar Part No. - MAP3613SIRH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MAP3612 MGCHIP-MAP3612 Datasheet
1Mb / 14P
   2-CH Average Current Control Buck Controller for LED Backlight
MAP3612SIRH MGCHIP-MAP3612SIRH Datasheet
1Mb / 14P
   2-CH Average Current Control Buck Controller for LED Backlight
More results

Similar Description - MAP3613SIRH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MAP3512 MGCHIP-MAP3512 Datasheet
1Mb / 15P
   2-CH Average Current Control Buck Controller for LED Backlight
MAP3612 MGCHIP-MAP3612 Datasheet
1Mb / 14P
   2-CH Average Current Control Buck Controller for LED Backlight
MAP3511 MGCHIP-MAP3511 Datasheet
1Mb / 14P
   Average Current Control Buck Controller for LED Backlight
logo
Richtek Technology Corp...
RT6010 RICHTEK-RT6010 Datasheet
211Kb / 13P
   Dual Channel High Efficiency and High Accuracy Average Current Control LED Backlight Buck Controller
logo
Shenzhen Tianyuan Semic...
TP8021A TPOWER-TP8021A Datasheet
551Kb / 5P
   Average Current Type LED Buck Constant Current Driver
TP8021 TPOWER-TP8021 Datasheet
548Kb / 5P
   Average Current Type LED Buck Constant Current Driver
TP8022 TPOWER-TP8022 Datasheet
599Kb / 5P
   Average Current Type LED Buck Constant Current Driver
TP8023N TPOWER-TP8023N Datasheet
566Kb / 5P
   Average Current Type LED Buck Constant Current Driver
TP8023 TPOWER-TP8023 Datasheet
562Kb / 5P
   Average Current Type LED Buck Constant Current Driver
TP8020 TPOWER-TP8020 Datasheet
542Kb / 5P
   Average Current Type LED Buck Constant Current Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com