Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RLF7030-4R7M Datasheet(PDF) 7 Page - MagnaChip Semiconductor.

Part # RLF7030-4R7M
Description  3A, High Voltage Boost Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

RLF7030-4R7M Datasheet(HTML) 7 Page - MagnaChip Semiconductor.

  RLF7030-4R7M Datasheet HTML 1Page - MagnaChip Semiconductor. RLF7030-4R7M Datasheet HTML 2Page - MagnaChip Semiconductor. RLF7030-4R7M Datasheet HTML 3Page - MagnaChip Semiconductor. RLF7030-4R7M Datasheet HTML 4Page - MagnaChip Semiconductor. RLF7030-4R7M Datasheet HTML 5Page - MagnaChip Semiconductor. RLF7030-4R7M Datasheet HTML 6Page - MagnaChip Semiconductor. RLF7030-4R7M Datasheet HTML 7Page - MagnaChip Semiconductor. RLF7030-4R7M Datasheet HTML 8Page - MagnaChip Semiconductor. RLF7030-4R7M Datasheet HTML 9Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Confidential
Datasheet Version 1.0
July
2015. Revision 1.0
MagnaChip Semiconductor Ltd.
7
Choose an output capacitor to satisfy the output ripple and load transient requirements of the design. A 4.7uF
22uF ceramic capacitor is suitable for most applications
Loop Compensation
The output of the transconductance error amplifier(COMP) is used to compensate the regulation control system.
The system uses two poles and one zero to stabilize the control loop. The poles are fP1 set by the output capacitor
COUT and load resistance and fP2 set by the compensation capacitor C1. The zero fZ1 is set by the compensation
capacitor C1 and the compensation resistor R3. For typical application, VIN=12V, VOUT=16.25V, COUT=10uFx3EA,
L1=4.7uH, while the recommended value for compensation is as follows : R3 = 100kohm, C1=330pF
Selecting the Inductor
The inductor is required to force the higher output voltage while being driven by the input voltage. A larger value
Inductor results in less ripple current that results in lower peak inductor current, reducing stress on the internal N-
channel switch. However, the larger series resistance, and/or lower saturation current. A 4.7uF Inductor is
recommended for most 500kHz applications. As a general rule, the peak-to-peak ripple current range is 20% to
40% of the maximum input current. Make sure that the peak inductor current is below 75% of the current limit at
The operating duty cycle to prevent loss of regulation due to the current limit. Also make sure that the inductor
does not saturate under the worst-case load transient and startup conditions. Calculate the required inductance
value by the equation
Where ILOAD(MAX) is the maximum load current, ΔI is the peak-to-peak inductor ripple current, and η is efficiency
Selecting the Diode
The output rectifier diode supplies current to the inductor when the internal MOSFET is off. Schottky diodes are
chosen for their low forward voltage drop and fast switching speed. The diode should be rated for a reverse
voltage equal to or greater than the output voltage used. The average current rating must exceed the average
output current and the peak current rating must be greater than the peak inductor current.


Similar Part No. - RLF7030-4R7M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
RLF7030 TDK-RLF7030 Datasheet
198Kb / 17P
   Inductors for Power Circuits Wound Ferrite
RLF7030 TDK-RLF7030 Datasheet
128Kb / 9P
   Inductors for Power Circuits Wound Ferrite
RLF7030T-1R0N6R4 TDK-RLF7030T-1R0N6R4 Datasheet
198Kb / 17P
   Inductors for Power Circuits Wound Ferrite
RLF7030T-1R0N6R4 TDK-RLF7030T-1R0N6R4 Datasheet
128Kb / 9P
   Inductors for Power Circuits Wound Ferrite
RLF7030T-1R5N6R1 TDK-RLF7030T-1R5N6R1 Datasheet
198Kb / 17P
   Inductors for Power Circuits Wound Ferrite
More results

Similar Description - RLF7030-4R7M

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA2011 MPOWER-MA2011 Datasheet
192Kb / 2P
   3A High Voltage Boost Converter
logo
Shenzhen Huazhimei Semi...
HM1548 HMSEMI-HM1548 Datasheet
572Kb / 5P
   1MHz, 3A boost converter
logo
Major-Power Technology ...
MA2004A MPOWER-MA2004A Datasheet
365Kb / 6P
   3A 750KHz Asynchronous Boost Converter
MA2004 MPOWER-MA2004 Datasheet
428Kb / 6P
   3A 750KHz Asynchronous Boost Converter
logo
Richtek Technology Corp...
RT6158H RICHTEK-RT6158H Datasheet
311Kb / 12P
   High Efficiency, Low Quiescent, 3A Buck-Boost Converter
logo
Major-Power Technology ...
MA2003 MPOWER-MA2003 Datasheet
352Kb / 7P
   1.2MHz, High Voltage, Boost Converter
logo
ACE Technology Co., LTD...
ACE7166X ACE-ACE7166X Datasheet
396Kb / 4P
   1.2MHz, High Voltage, Boost Converter
VER 1.2
logo
Advanced Power Electron...
APE1913 A-POWER-APE1913 Datasheet
308Kb / 9P
   1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
logo
Analog Devices
MAX17291C AD-MAX17291C Datasheet
637Kb / 10P
   High-Voltage, Micropower, Boost Converter
19-101696; Rev 0; 9/23
logo
E-CMOS Corporation
EC3651 E-CMOS-EC3651 Datasheet
600Kb / 10P
   16V 3A 4-Switch Buck-Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com