Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL10B331KB8NNNC Datasheet(PDF) 2 Page - MagnaChip Semiconductor.

Part # CL10B331KB8NNNC
Description  3A, High Voltage Boost Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

CL10B331KB8NNNC Datasheet(HTML) 2 Page - MagnaChip Semiconductor.

  CL10B331KB8NNNC Datasheet HTML 1Page - MagnaChip Semiconductor. CL10B331KB8NNNC Datasheet HTML 2Page - MagnaChip Semiconductor. CL10B331KB8NNNC Datasheet HTML 3Page - MagnaChip Semiconductor. CL10B331KB8NNNC Datasheet HTML 4Page - MagnaChip Semiconductor. CL10B331KB8NNNC Datasheet HTML 5Page - MagnaChip Semiconductor. CL10B331KB8NNNC Datasheet HTML 6Page - MagnaChip Semiconductor. CL10B331KB8NNNC Datasheet HTML 7Page - MagnaChip Semiconductor. CL10B331KB8NNNC Datasheet HTML 8Page - MagnaChip Semiconductor. CL10B331KB8NNNC Datasheet HTML 9Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Confidential
Datasheet Version 1.0
July
2015. Revision 1.0
MagnaChip Semiconductor Ltd.
2
Block Diagram
Figure 1) Block Diagram
Typical Application Circuit
Bill of Materials
item
Part Number
Manufacturer
Description
Qty.
IC
MAP7103
Magnachip
3A, 16V Step-Up Converter
1
L1
RLF7030-4R7M
TDK
4.7uH, 3.5A, 26m
Ω, ±20%
1
D1
B530C
Diodes
30V, 5A, SMC
1
CIN
CL21A106KAFN3NE
Samsung
10uF, 25V, 2012, X5R
2
COUT
CL21A106KAFNNNE
Samsung
10uF, 25V, 2012, X5R
3
C1
CL10B331KB8NNNC
Samsung
330pF, 50V, 1608, X5R
1
C2/C3
CL10A105KA8NNNC
Samsung
1uF, 25V, 1606, X5R
2
CSS
CL10B333JB8NNNC
Samsung
33nF, 50V, 1608, X5R
1
R1
RC1608J124CS
Samsung
120k
Ω, 1/10W, ±5%
1
R2
RC1608J103CS
Samsung
10kΩ, 1/10W, ±5%
1
R3
RC1608J104CS
Samsung
100
kΩ, 1/10W, ±5%
1
LX
Chip Enable
4,5,11(Exposed Pad)
VIN
EN
GND
COMP
SS
FB
VOUT
330pF
C1
VIN
12V
33nF
Css
VOUT
16.25V
100k
Ω
R3
120k
Ω
R1
10k
Ω
R2
10uF X 3
COUT
1uF
C3
10uF X 2
CIN
1uF
C2
MAP7103
4.7uH
L1
D1
8
9
3
2
10
1
Control
and
Driver
Logic
Soft
Start
Current
Sense
Protection
LX
OTP
Summing
Comparator
1.25V
Slope
Compensation
Oscillator
Clock
OVP
VDD
Error Amplifier
SS
LX
PGND
VIN
EN
COMP
FB
VOUT


Similar Part No. - CL10B331KB8NNNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL10B332KB8 SAMSUNG-CL10B332KB8 Datasheet
78Kb / 1P
   Multi Layer Ceramic Capacitor (MLCC)
logo
Analog Devices
CL10B334KO8NNNC AD-CL10B334KO8NNNC Datasheet
2Mb / 24P
   Evaluating the AD74115H Single-Channel, Software Configurable Input and Output with HART Modem
Rev. 0
More results

Similar Description - CL10B331KB8NNNC

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA2011 MPOWER-MA2011 Datasheet
192Kb / 2P
   3A High Voltage Boost Converter
logo
Shenzhen Huazhimei Semi...
HM1548 HMSEMI-HM1548 Datasheet
572Kb / 5P
   1MHz, 3A boost converter
logo
Major-Power Technology ...
MA2004A MPOWER-MA2004A Datasheet
365Kb / 6P
   3A 750KHz Asynchronous Boost Converter
MA2004 MPOWER-MA2004 Datasheet
428Kb / 6P
   3A 750KHz Asynchronous Boost Converter
logo
Richtek Technology Corp...
RT6158H RICHTEK-RT6158H Datasheet
311Kb / 12P
   High Efficiency, Low Quiescent, 3A Buck-Boost Converter
logo
Major-Power Technology ...
MA2003 MPOWER-MA2003 Datasheet
352Kb / 7P
   1.2MHz, High Voltage, Boost Converter
logo
ACE Technology Co., LTD...
ACE7166X ACE-ACE7166X Datasheet
396Kb / 4P
   1.2MHz, High Voltage, Boost Converter
VER 1.2
logo
Advanced Power Electron...
APE1913 A-POWER-APE1913 Datasheet
308Kb / 9P
   1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
logo
Analog Devices
MAX17291C AD-MAX17291C Datasheet
637Kb / 10P
   High-Voltage, Micropower, Boost Converter
19-101696; Rev 0; 9/23
logo
E-CMOS Corporation
EC3651 E-CMOS-EC3651 Datasheet
600Kb / 10P
   16V 3A 4-Switch Buck-Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com