Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAP7160 Datasheet(PDF) 3 Page - MagnaChip Semiconductor.

Part # MAP7160
Description  600mA Step-Down Converter with Auto Fast Discharge Function
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MAP7160 Datasheet(HTML) 3 Page - MagnaChip Semiconductor.

  MAP7160 Datasheet HTML 1Page - MagnaChip Semiconductor. MAP7160 Datasheet HTML 2Page - MagnaChip Semiconductor. MAP7160 Datasheet HTML 3Page - MagnaChip Semiconductor. MAP7160 Datasheet HTML 4Page - MagnaChip Semiconductor. MAP7160 Datasheet HTML 5Page - MagnaChip Semiconductor. MAP7160 Datasheet HTML 6Page - MagnaChip Semiconductor. MAP7160 Datasheet HTML 7Page - MagnaChip Semiconductor. MAP7160 Datasheet HTML 8Page - MagnaChip Semiconductor. MAP7160 Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Confidential
Datasheet Version 1.2
Feb. 2014
3
Functional Block Diagram
PFM / PWM
Controller
LX
PGND
AGND
VIN
OUT
EN
Error
AMP
PMOS
Current Limit


Similar Part No. - MAP7160

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MAP7102 MGCHIP-MAP7102 Datasheet
1Mb / 17P
   Dual Output LCD Bias IC
MAP7102WCRH MGCHIP-MAP7102WCRH Datasheet
1Mb / 17P
   Dual Output LCD Bias IC
MAP7103 MGCHIP-MAP7103 Datasheet
617Kb / 9P
   3A, High Voltage Boost Converter
MAP7103DFRH MGCHIP-MAP7103DFRH Datasheet
617Kb / 9P
   3A, High Voltage Boost Converter
MAP7154 MGCHIP-MAP7154 Datasheet
1Mb / 14P
   6MHz, 800mA Buck Converter for RFPA
More results

Similar Description - MAP7160

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1141 ANALOGICTECH-AAT1141 Datasheet
954Kb / 19P
   Fast Transient 600mA Step-Down Converter
AAT1140 ANALOGICTECH-AAT1140 Datasheet
1Mb / 19P
   Fast Transient 600mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1141 SKYWORKS-AAT1141 Datasheet
2Mb / 20P
   Fast Transient 600mA Step-Down Converter
logo
Advanced Analogic Techn...
APS1056 ANALOGICTECH-APS1056 Datasheet
629Kb / 20P
   Fast Transient 600mA Step-Down Converter
AAT1141_0810 ANALOGICTECH-AAT1141_0810 Datasheet
1Mb / 20P
   Fast Transient 600mA Step-Down Converter
AAT1141 ANALOGICTECH-AAT1141_08 Datasheet
1Mb / 21P
   Fast Transient 600mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1106 SKYWORKS-AAT1106 Datasheet
1Mb / 19P
   600mA Step-Down Converter
logo
E-CMOS Corporation
EC49121 E-CMOS-EC49121 Datasheet
794Kb / 13P
   600mA LDO with Fast Enable And Fast Discharge Function
logo
Advanced Analogic Techn...
AAT1106 ANALOGICTECH-AAT1106_07 Datasheet
1Mb / 18P
   600mA Step-Down Converter
logo
SiGe Semiconductor, Inc...
AATIAN16 SIGE-AATIAN16 Datasheet
548Kb / 7P
   600mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com