Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAP7160DFRH Datasheet(PDF) 5 Page - MagnaChip Semiconductor.

Part # MAP7160DFRH
Description  600mA Step-Down Converter with Auto Fast Discharge Function
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MAP7160DFRH Datasheet(HTML) 5 Page - MagnaChip Semiconductor.

  MAP7160DFRH Datasheet HTML 1Page - MagnaChip Semiconductor. MAP7160DFRH Datasheet HTML 2Page - MagnaChip Semiconductor. MAP7160DFRH Datasheet HTML 3Page - MagnaChip Semiconductor. MAP7160DFRH Datasheet HTML 4Page - MagnaChip Semiconductor. MAP7160DFRH Datasheet HTML 5Page - MagnaChip Semiconductor. MAP7160DFRH Datasheet HTML 6Page - MagnaChip Semiconductor. MAP7160DFRH Datasheet HTML 7Page - MagnaChip Semiconductor. MAP7160DFRH Datasheet HTML 8Page - MagnaChip Semiconductor. MAP7160DFRH Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Confidential
Datasheet Version 1.2
Feb. 2014
5
Electrical Characteristics
VIN = 3.6V, TA=-40°C to 85°C, unless otherwise noted. Typical values are at TA=+25°C
Parameter
Test Condition
Min
Typ.
Max
Unit
Step-Down Converter
VVIN
Input Voltage Range
2.7
5.5
V
VUVLO
UVLO Threshold
VIN Rising
2.7
V
Hysteresis
100
mV
VIN Falling
1.8
V
VVOUT
Output Voltage Tolerance
(Note2)
IOUT = 0mA to 600mA, VIN = 2.7V to 5.5V
-3.0
+3.0
%
VVOUT
Output Voltage Range
(Note2)
0.6
VIN
V
IQ
Quiescent Current
IOUT=0mA, VFB=1V, VEN>2V
35
50
uA
ISHDN
Shutdown Current
EN = AGND = PGND
1.0
uA
ILIM
P-Channel Current Limit
800
mA
RDS(ON)H
High Side Switch
On Resistance
VIN=3.6V, IOUT=300mA
0.35
RDS(ON)L
Low Side Switch
On Resistance
VIN=3.6V, IOUT=300mA
0.30
VLINEREG
Line Regulation(Note2)
VIN = 2.7V to 5.5V; IOUT = 600mA
0.1
%/V
VVOUT
Out Threshold Voltage
Accuracy
0.6V Output, No Load; TA = 25°C
591
600
609
mV
IOUT
Output Leakage Current
VIN=5.5V, VOUT=0.6V, VEN=0V
0.2
uA
TS
Start-Up Time(Note2)
From Enable to Output Regulation
150
us
FOSC
Oscillator Frequency
TA = 25°C
1.3
2.0
2.7
MHz
TSD
Over-Temperature Shutdown
Threshold(Note2)
145
THYS
Over-Temperature Shutdown
Hysteresis(Note2)
35
EN
VEN(L)
Enable Threshold Low
0.6
V
VEN(H)
Enable Threshold High
1.4
V
TDISCHARGE
Output Discharge Time
VIN = 3.0 - 5.5V, VEN = VIN to 0V,
VOUT = 3.0V to 0V, L = 4.7µH, COUT = 10µF
4
10
ms
Note 1: Stress beyond the maximum ratings listed above may incur permanent damage to the device. Operating above the
recommended conditions for extended time may stress the device and affect device reliability. Also the device may not operate
normally above the recommended operating conditions. These are stress ratings only.
Note 2: Guaranteed by design; not test in production.


Similar Part No. - MAP7160DFRH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MAP7102 MGCHIP-MAP7102 Datasheet
1Mb / 17P
   Dual Output LCD Bias IC
MAP7102WCRH MGCHIP-MAP7102WCRH Datasheet
1Mb / 17P
   Dual Output LCD Bias IC
MAP7103 MGCHIP-MAP7103 Datasheet
617Kb / 9P
   3A, High Voltage Boost Converter
MAP7103DFRH MGCHIP-MAP7103DFRH Datasheet
617Kb / 9P
   3A, High Voltage Boost Converter
MAP7154 MGCHIP-MAP7154 Datasheet
1Mb / 14P
   6MHz, 800mA Buck Converter for RFPA
More results

Similar Description - MAP7160DFRH

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1141 ANALOGICTECH-AAT1141 Datasheet
954Kb / 19P
   Fast Transient 600mA Step-Down Converter
AAT1140 ANALOGICTECH-AAT1140 Datasheet
1Mb / 19P
   Fast Transient 600mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1141 SKYWORKS-AAT1141 Datasheet
2Mb / 20P
   Fast Transient 600mA Step-Down Converter
logo
Advanced Analogic Techn...
APS1056 ANALOGICTECH-APS1056 Datasheet
629Kb / 20P
   Fast Transient 600mA Step-Down Converter
AAT1141_0810 ANALOGICTECH-AAT1141_0810 Datasheet
1Mb / 20P
   Fast Transient 600mA Step-Down Converter
AAT1141 ANALOGICTECH-AAT1141_08 Datasheet
1Mb / 21P
   Fast Transient 600mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1106 SKYWORKS-AAT1106 Datasheet
1Mb / 19P
   600mA Step-Down Converter
logo
E-CMOS Corporation
EC49121 E-CMOS-EC49121 Datasheet
794Kb / 13P
   600mA LDO with Fast Enable And Fast Discharge Function
logo
Advanced Analogic Techn...
AAT1106 ANALOGICTECH-AAT1106_07 Datasheet
1Mb / 18P
   600mA Step-Down Converter
logo
SiGe Semiconductor, Inc...
AATIAN16 SIGE-AATIAN16 Datasheet
548Kb / 7P
   600mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com